Part Number Hot Search : 
KBJ410 SPLSI 1215E 4076E TMR4811 DL400 33742 ESDA5
Product Description
Full Text Search
 

To Download HA3-2705-5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
HA-2705
September 1998 File Number 3391.3
DUCT TE PRO OBSOLE5130, CA5160 nter at See CA ical Support Ce sc n our Tech ww.intersil.com/t contact w rsil or 1-888-Inte
Low Power, High Performance Operational Amplifier
The HA-2705 is a general purpose amplifier which operates at very low power levels without compromising large signal response characteristics or output drive capability. Advanced circuit design techniques and the use of vertical NPN and PNP transistors make possible the attainment of very high gain with a single stage of voltage amplification. This ensures closed loop stability even in the critical unity gain follower mode, without the use of external compensation components. The circuit is intended for use in applications that require fast large signal response with low power dissipation and for instrumentation applications in which low offset voltage, low bias current drift, large voltage gain and high common mode rejection are necessary. Full output short circuit protection and the large differential input breakdown enable the device to withstand a variety of fault conditions.
Features
* High Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V/s * Low Power Dissipation. . . . . . . . . . . . . 2.25mW at 15.0V * High Open Loop Gain . . . . . . . . . . . . 300kV/V (RL = 2k) * Low Input Bias Current. . . . . . . . . . . . . . . . . . . . . . . . . 5nA * Low Offset Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . 1mV * High CMRR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 106dB * Wide Power Supply Range . . . . . . . . . . 5.5V to 20.0V * Fully Internally Compensated * Output Short Circuit Protected * Offset Null Capability
Applications
* Instrumentation * Battery Powered Circuits * Portable Instruments
Part Number Information
PART NUMBER HA3-2705-5 HA9P2705-5 TEMPERATURE RANGE 0oC to +70oC 0oC to +70oC PACKAGE 8 Lead Plastic DIP 8 Lead SOIC
* Remote Data Logging
Pinout
HA-2705 (PDIP, SOIC) TOP VIEW
BAL -IN +IN V-
1 2 3 4
8
BAL (NOTE 1) V+ OUT NC
+
-
7 6 5
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2002. All Rights Reserved
HA-2705
Absolute Maximum Ratings
Voltage Between V+ and V- Terminals . . . . . . . . . . . . . . . . . . 44.0V Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .18V Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V+ to VJunction Temperature (Hermetic) . . . . . . . . . . . . . . . . . . . . .+175oC Junction Temperature (Plastic Package) . . . . . . . . . . . . . . . .+150oC Storage Temperature Range . . . . . . . . . . . . . . -65oC TA +150oC Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . .+300oC (SOIC - Lead Tips Only)
Operating Conditions
HA-2705-5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC TA +75oC
Thermal Information
Thermal Resistance (Typical) Plastic DIP Package. . . . . . . . . . . . . . . . . . . . . . . . . . SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . JA 94oC/W 157oC/W
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
PARAMETER INPUT CHARACTERISTICS Offset Voltage (Note 1)
V+ = +15V, V- = -15V, RL = 5k, Unless Otherwise Specified HA-2705-5 TEMP MIN TYP MAX UNITS
+25oC Full
11.0
1.0 5.0 2.5 -
5.0 7.0 40.0 70.0 15.0 40.0 -
mV mV nA nA nA nA V
Bias Current
+25oC Full
Offset Current
+25oC Full
Common Mode Range TRANSFER CHARACTERISTICS Large Signal Voltage Gain (Notes 2, 3)
Full
+25oC Full
200 100 80 1
300 106 1.0 -
-
kV/V kV/V dB MHz V/V
Common Mode Rejection Ratio (Note 4) Gain Bandwidth Product (Note 2) Minimum Stable Gain OUTPUT CHARACTERISTICS Output Voltage Swing (Note 2)
Full +25oC Full
+25oC Full
12.0 11.0 -
13.0 10
-
V V mA
Output Current (Note 3) TRANSIENT RESPONSE CHARACTERISTICS Slew Rate (Notes 2, 6) POWER SUPPLY CHARACTERISTICS Supply Current
+25oC
+25oC
10
20
-
V/s
+25oC Full
80
75 100
150 200 -
A A dB
Power Supply Rejection Ratio (Note 5) NOTES:
Full
1. Can be adjusted to zero with 1M potentiometer between Pins 1 and 8 with the wiper to V+. 2. RL = 2k, CL = 100pF. 3. VO = 10.0V. 4. VCM = 5.0V. 5. VS = 10.0V to 20.0V. 6. AV = 5.
2
HA-2705 Die Characteristics
DIE DIMENSIONS: 70mils x 60mils x 19mils 1mil METALLIZATION: Type: Al, 1% Cu Thickness: 16kA 2kA GLASSIVATION: Type: Nitride (Si3N4) over Silox (SiO 2, 5% Phos) Silox Thickness: 12kA 2kA Nitride Thickness: 3.5kA 2kA DIE ATTACH: Material: Silver Epoxy - Plastic DIP and SOIC Silver Epoxy - TO-99 Metal Can
Metallization Mask Layout
HA-2705
+IN -IN
V-
BAL BAL
V+
OUTPUT
3


▲Up To Search▲   

 
Price & Availability of HA3-2705-5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X