Part Number Hot Search : 
YBAMU DSK27K27 BCM7412 100000 ER1001AF X1N958U 2SD0639 SR102
Product Description
Full Text Search
 

To Download GSD2004S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VISHAY
GSD2004S
Vishay Semiconductors
Dual In-Series Small-Signal High-Voltage Switching Diode
Features
* Silicon Epitaxial Planar Diode * Fast switching dual in-series diode, especially suited for applications requiring high voltage capability
2 1
1
3
Mechanical Data
Case: SOT-23 (TO-236AB) Plastic case Weight: approx. 8.8 mg Packaging Codes/Options: GS18 / 10 k per 13" reel (8 mm tape), 10 k/box GS08 / 3 k per 7" reel (8 mm tape), 15 k/box
3
2
18545
Parts Table
Part GSD2004S Ordering code GSD2004S-GS18 or GSD2004S-GS08 DB6 Marking Remarks Tape and Reel
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified Parameter Continuous reverse voltage Peak repetitive reverse voltage Peak repetitive reverse current Forward current (continuous) Peak repetitive forward current Non-repetitive peak forward current Power dissipation
1)
Test condition
Symbol VR VRRM IRRM IF IRFM
Value 240 300 200 225 625 4.0 1.0 3501)
Unit V V mA mA mA A A mW
tp = 1 s tp = 1 s
IFSM IFSM Ptot
Device on Fiberglass Substrate, see layout on second page
Thermal Characteristics
Tamb = 25 C, unless otherwise specified Parameter Typical thermal resistance junction to ambiant air Junction temperature Storage temperature range
1)
Test condition
Symbol RthJA Tj TS
Value 3571) 150 - 65 to + 150
Unit C/W C C
Device on Fiberglass Substrate, see layout on second page
Document Number 85728 Rev. 1.3, 08-Jul-04
www.vishay.com 1
GSD2004S
Vishay Semiconductors Electrical Characteristics
Tamb = 25 C, unless otherwise specified Parameter Reverse breakdown voltage Leakage current Forward voltage Diode capacitance Reverse recovery time
1)
VISHAY
Test condition IR = 100 A VR = 240 V VR = 240 V, Tj = 150 C IF = 20 mA IF = 100 mA VF = VR = 0, f = 1 MHz IF = IA = 30 mA, Irr = 3.0 mA, RL = 100
Symbol VBR IR IR VF VF Ctot trr
Min 300
Typ.
Max 100 100
Unit V nA A V V pF ns
0.83
0.87 1.00 5.0 50
Device on Fiberglass Substrate, see layout
Layout for RthJA test
Thickness: Fiberglass 1.5 mm (0.059 in.) Copper leads 0.3 mm (0.012 in.)
7.5 (0.3) 3 (0.12) 1 (0.4) 12 (0.47) 15 (0.59) 0.8 (0.03)
2 (0.8) 1 (0.4) 2 (0.8)
5 (0.2)
1.5 (0.06) 5.1 (0.2)
17451
www.vishay.com 2
Document Number 85728 Rev. 1.3, 08-Jul-04
VISHAY
Package Dimensions in mm (Inches)
GSD2004S
Vishay Semiconductors
1.15 (.045)
0.175 (.007) 0.098 (.005) 0.1 (.004) max. 0.4 (.016) 0.4 (.016) 2.6 (.102) 2.35 (.092)
0.95 (.037)
ISO Method E
3.1 (.122) 2.8 (.110) 0.4 (.016) 3
1.43 (.056) 1.20(.047)
Mounting Pad Layout
0.52 (0.020) 0.9 (0.035) 2.0 (0.079)
1 0.95 (.037)
2 0.95 (.037) 0.95 (0.037) 0.95 (0.037)
17418
Document Number 85728 Rev. 1.3, 08-Jul-04
www.vishay.com 3
GSD2004S
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements.
VISHAY
2. Regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 (0)7131 67 2831, Fax number: 49 (0)7131 67 2423
www.vishay.com 4
Document Number 85728 Rev. 1.3, 08-Jul-04


▲Up To Search▲   

 
Price & Availability of GSD2004S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X