Part Number Hot Search : 
PDTB123E A1205 SII9287B 11407560 EGF10A CMX7031 PG203 LA5606N
Product Description
Full Text Search
 

To Download FMG-32S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ultra-Fast-Recovery Rectifier Diodes
Absolute Maximum Ratings Parameter Type No. VRM (V) IF (AV) (A) IFSM (A) Tj (C) Tstg (C) VF (V)
max per element
IR (mA) IF (A) VR = VRM
Electrical Characteristics (Ta = 25C) trr trr IR (H) (ns) (ns) (mA) VR=VRM, Ta=100C IF/IRP (mA) IF/IRP (mA)
Others Rth ( j-c) (C/ W) Mass Fig. (g)
50Hz With Heatsink Half-cycle Sinewave Single Shot
max per element max per element
FMG-32S/R FMG-33S/R FMG-34S/R FMG-36S/R
200 20.0 300 -40 to +150 400 600 16.0 15.0 100 80 2.00 2.20 7.5 150 1.80 10.0 1.0 5.0 100 100/100 50 100/200 2.0 5.5
A
FMG-32S/R, 33S/R
20
Average Forward Current IF(AV) (A)
Tc--IF(AV) Derating
t /T = 1/2
VF--IF Characteristics (Typical)
50
IFSM (A)
IFMS Rating
150
IFSM (A)
10
D.C. t /T = 1/6
Forward Current IF (A)
16
120
20ms
12 t /T= 1/ 3, Sinewave 8
1
Peak Forward Surge Current
0.1
Ta = 150C 100C 60C 25C
90
60
4 0 50
0.01
30
70 90 110 130 Case Temperature Tc (C)
150
0.001
0
2.0 0.4 0.8 1.2 1.6 Forward Voltage VF (V)
2.4
0
1
5 10 Overcurrent Cycles
50
FMG-34S/R
16
Average Forward Current IF(AV) (A)
Tc--IF(AV) Derating
t /T = 1/2
VF--IF Characteristics (Typical)
30
IFSM (A)
IFMS Rating
100
IFSM (A)
10
Forward Current IF (A)
D.C. 12 t /T = 1/6 t /T= 1/ 3, Sinewave 8
80
20ms
1
Peak Forward Surge Current
60
0.1
Ta = 130C 100C 60C 28C
40
4
0.01
20
0 50
70 90 110 130 Case Temperature Tc (C)
150
0.001
0
2.0 0.4 0.8 1.2 1.6 Forward Voltage VF (V)
2.4
0
1
5 10 Overcurrent Cycles
50
FMG-36S/R
15
Average Forward Current IF(AV) (A)
Tc--IF(AV) Derating
t /T = 1/2
Forward Current IF (A)
VF--IF Characteristics (Typical)
IFSM (A)
IFMS Rating
80 70 60 50 40 30 20 10 0 1 5 10 Overcurrent Cycles 50
IFSM (A)
20 10
12
D.C.
20ms
t /T = 1/6 9 t /T= 1/ 3, Sinewave 6
1
0.1
Ta = 150C 100C 25C
3 0 50
0.01
0.001
70 90 110 130 Case Temperature Tc (C)
150
0
2.0 0.4 0.8 1.2 1.6 Forward Voltage VF (V)
2.4
External Dimensions
(Unit: mm) (Full-mold) Flammability: UL94V-0 or Equivalent
Fig. A
0.8 2.8 5.0
15.0 9.0 3.3
5.0
20.0
3.5
20.0 0.5
16.5 0.5
2.3 3.4 1.0
0.65 -0.1
+0.2
S type
5.45 5.45 2.6
R type
Peak Forward Surge Current
57


▲Up To Search▲   

 
Price & Availability of FMG-32S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X