Part Number Hot Search : 
PVT322A MS6331GU 2D120 TCET2100 CLL969B IMB2A LM8361 IDTQS32
Product Description
Full Text Search
 

To Download CT9566X0040B2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 738D, CT9 (CECC 30202-004)
Vishay Tansitor
Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX(R) Capacitors
FEATURES
* Hermetic glass to tantalum seal * High CV per unit volume * Extremely low leakage current * Wide temperature range: - 55 to + 175C * Improved reliability through the use of a glass-to- tantalum true hermetic anode seal is the prime feature of the 738D and CT9 sintered anode TANTALEX(R) capacitor. This construction eliminates all internal lead welds while retaining the strength of internal lead-welded parts. * The construction offers outstanding resistance to thermal shock.
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55C to + 85C and with voltage derating to two-thirds the + 85C rating at + 125C. Capable of + 175C operation at reduced voltage. Use of Type 135D capacitors for high temperature applications is recommended. Capacitance Tolerance: At 120 Hz, + 25C. 20% standard. 10%, 5% available as special. DC Leakage Current (DCL Max.): At + 25C, + 85C and + 125C: Leakage current shall not exceed the values listed in the Standard Ratings Tables. Life Test: Capacitors are capable of withstanding a 2000 hour life test at a temperature of + 85C or + 125C at the applicable rated DC working voltage.
APPROVALS
* CECC 30202-004 CT9 style
ORDERING INFORMATION
CT9 738D MODEL
226 CAPACITANCE
X0 CAPACITANCE TOLERANCE X0 = 20% X9 = 10% X5 = 5% Special Order.
100 DC VOLTAGE RATING AT + 85C
B CASE CODE
2 STYLE NUMBER
This is expressed in picofarads. The first two digits are the significant figures. The third is the number of zeros to follow.
This is expressed in volts. See Ratings and Case To complete the three-digit block, zeros precede the Codes Table. voltage rating. A decimal point is indicated by an "R" (6R3 = 6.3 volts).
0 = Bare case. 2 = Outer plastic film insulation. 6 = High temperature film insulation (above + 125C).
Packaging: The use of formed plastic trays for packaging these axial lead components is standard. Tape and reel is not recommended due to the unit weight.
www.vishay.com 62
For technical questions, contact eurowettant@vishay.com
Document Number: 40054 Revision 20-Oct-03
738D, CT9 (CECC 30202-004)
Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX(R) Capacitors
DIMENSIONS in inches [millimeters]
L D
Vishay Tansitor
0.180 [4.57] Max.
0.0253 0.002 [0.64 0.05] Dia. (No. 22 AWG) Tinned Solderable Leads
Weld Tantalum
BARE CASE CASE CODE A B C D D 0.187 0.015 [4.75 0.38] 0.281 0.015 [7.14 0.38] 0.375 0.015 [9.53 0.38] 0.375 0.015 [9.53 0.38] L 0.453 + 0.031 - 0.015 [11.51 + 0.79 - 0.38] 0.641 + 0.031 - 0.015 [16.28 + 0.79 - 0.38] 0.765 + 0.031 - 0.015 [19.43 + 0.79 - 0.38] 1.063 + 0.031 - 0.015 [27.00 + 0.79 - 0.38]
WITH OUTER PLASTIC - FILM INSULATION D (Max.) 0.219 [5.56] 0.312 [7.92] 0.406 [10.31] 0.406 [10.31] L (Max.) 0.515 [13.08] 0.704 [17.88] 0.828 [21.03] 1.126 [28.60] LEAD LENGTH 1.500 0.250 [38.10 6.35] 2.250 0.250 [57.15 6.35] 2.250 0.250 [57.15 6.35] 2.250 0.250 [57.15 6.35] Max. WEIGHT (Ounces/Grams) 0.07 [2.0] 0.18 [5.1] 0.36 [10.2] 0.49 [13.9]
738D STANDARD RATINGS
Max. DF at + 20C (%) Max. IMP. at - 55C 100 KHz (Ohms) Max. IMP. at + 20C 100 KHz (Ohms) Max. DCL (A) at + 20C + 85C + 125C Max. CAPACITANCE CHANGE (%) at - 55C + 85C + 125C
CAPACITANCE (F)
CASE CODE
PART NUMBER*
6.3 VDC at + 85C, 4 VDC at + 125C, 3 VDC at + 175C 68 270 560 1000 1200 A B C D D 738D686X06R3A2 738D277X06R3B2 738D567X06R3C2 738D108X06R3D2 738D128X06R3D2 17.1 67.8 151.9 100.5 120.6 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1 1 2 3 3 2 7 13 14 14 -40 -44 -64 -80 -80 +10.5 +17.5 +17.5 +25 +25 +17.5 +20 +20 +25 +25
8 VDC at + 85C, 5 VDC at + 125C, 4 VDC at + 175C 56 220 470 820 A B C D 738D566X0008A2 738D227X0008B2 738D477X0008C2 738D827X0008D2 14.1 55.2 82.6 51.5 10 10 10 10 1.0 1.0 1.0 1.0 1 1 2 4 2 7 14 16 -40 -44 -64 -80 +10.5 +17.5 +17.5 +25 +16 +20 +20 +25
10 VDC at + 85C, 6.3 VDC at + 125C, 5 VDC at + 175C 39 47 150 180 330 390 680 A A B B C C D 738D396X0010A2 738D476X0010A2 738D157X0010B2 738D187X0010B2 738D337X0010C2 738D397X0010C2 738D687X0010D2 15.1 15.1 28.2 45.2 51.9 73.5 42.7 10 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1 1 1 1 2 2 4 2 2 6 7 16 16 16 -36 -36 -36 -36 -60 -64 -80 +12 +14 +14 +14 +17.5 +17.5 +25 +16 +16 +16 +16 +20 +20 +25
16 VDC at + 85C, 10 VDC at + 125C, 8 VDC at + 175C 27 33 120 220 270 470 560 A A B C C D D 738D276X0016A2 738D336X0016A2 738D127X0016B2 738D227X0016C2 738D277X0016C2 738D477X0016D2 738D567X0016D2 10.3 10.3 30.2 34.5 50.8 35.4 42.2 10 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1 1 1 2 2 6 6 2 2 7 16 16 24 24 -28 -28 -28 -50 -56 -80 -80 +10.5 +14 +17.5 +17.5 +17.5 +25 +25 +16 +16 +20 +18 +20 +25 +25
Document Number: 40054 Revision 20-Oct-03
For technical questions, contact eurowettant@vishay.com
www.vishay.com 63
738D, CT9 (CECC 30202-004)
Vishay Tansitor
Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX(R) Capacitors
Max. IMP. at - 55C 100 KHz (Ohms) Max. IMP. at + 20C 100 KHz (Ohms) Max. CAPACITANCE CHANGE (%) at - 55C -20 -20 -28 -28 -48 -70 -70 -20 -24 -44 -48 -60 -24 -28 -40 -55 -24 -28 -32 -50 -24 -28 -32 -40 -20 -20 -22 -24 -28 -35 -35 -16 -16 -16 -16 -20 -20 -25 -25 -10 -16 -16 -16 -16 -16 -16 -16 -25 -25 -25 + 85C +10.5 +10.5 +13 +13 +13 +25 +25 +10.5 +13 +13 +13 +25 +8 +13 +13 +25 +8 +12 +12 +25 +8 +10.5 +10.5 +20 +8 +8 +11 +15 +15 +20 +20 +7 +7 +7 +7 +7 +7 +15 +15 +7 +7 +7 +7 +7 +7 +7 +7 +15 +15 +15 + 125C +12 +12 +15 +15 +15 +25 +25 +12 +15 +15 +15 +25 +10 +15 +15 +25 +9 +15 +15 +25 +9 +12 +12 +20 +9 +9 +13 +15 +15 +20 +20 +8 +8 +8 +8 +8 +8 +15 +15 +8 +8 +8 +8 +8 +8 +8 +8 +15 +15 +15
738D STANDARD RATINGS
CAPACITANCE (F) 18 22 82 100 180 330 390 15 68 120 150 270 12 56 100 220 10 47 82 180 8.2 39 68 150 5.6 6.8 27 33 56 100 120 4.7 18 22 33 39 47 68 82 3.3 3.9 10 12 15 18 22 27 39 47 56 www.vishay.com 64 CASE CODE A A B B C D D A B C C D A B C D A B C D A B C D A A B B C D D A B B C C C D D A A B B B C C C D D D Max. DF at + 20C (%) Max. DCL (A) at + 85C + 20C + 125C 2 2 10 10 18 28 28 2 8 17 18 32 2 9 17 32 2 9 16 32 2 9 16 32 2 2 9 10 17 36 36 2 8 9 15 17 17 36 36 2 2 5 6 7 9 11 13 40 40 40
PART NUMBER*
25 VDC at + 85C, 16 VDC at + 125C, 13 VDC at + 175C 738D186X0025A2 6.9 10 1.0 1 738D226X0025A2 6.9 10 1.0 1 738D826X0025B2 20.6 10 1.0 1 738D107X0025B2 25.1 10 1.0 1 738D187X0025C2 42.2 10 1.0 2 738D337X0025D2 27.2 10 1.0 7 738D397X0025D2 31.8 10 1.0 7 30 VDC at + 85C, 19 VDC at + 125C, 15 VDC at + 175C 738D156X0030A2 7.5 10 1.0 1 738D686X0030B2 25.6 10 1.0 1 738D127X0030C2 24.4 10 1.0 2 738D157X0030C2 37.7 10 1.0 2 738D277X0030D2 27.2 10 1.0 8 40 VDC at + 85C, 25 VDC at + 125C, 20 VDC at + 175C 738D126X0040A2 6.7 10 1.0 1 738D566X0040B2 21.1 10 1.0 1 738D107X0040C2 15.7 10 1.0 2 738D227X0040D2 25.0 10 1.0 8 50 VDC at + 85C, 32 VDC at + 125C, 25 VDC at + 175C 738D106X0050A2 5.7 10 1.0 1 738D476X0050B2 17.7 10 1.0 1 738D826X0050C2 20.6 10 1.0 2 738D187X0050D2 23.7 10 1.0 8 63 VDC at + 85C, 40 VDC at + 125C, 32 VDC at + 175C 738D825X0063A2 738D396X0063B2 738D686X0063C2 738D157X0063D2 4.1 17.2 25.6 23.6 10 10 10 10 1.0 1.0 1.0 1.0 1 1 2 8 1 1 1 1 2 9 9 + 175C 1 1 1 2 2 2 9 9 + 175C 1 1 1 1 1 2 2 2 10 10 10
75 VODC at + 85C, 50 VDC at + 125C, 38 VDC at + 175C 738D565X0075A2 3.4 10 1.0 738D685X0075A2 3.4 10 1.0 738D276X0075B2 11.8 10 1.0 738D336X0075B2 14.5 10 1.0 738D566X0075C2 21.8 10 1.0 738D107X0075D2 19.5 10 1.0 738D127X0075D2 23.3 10 1.0 100 VDC at + 85C, 63 VDC at + 125C, 50 VDC at 738D475X0100A2 2.9 30 3.0 738D186X0100B2 7.8 15 1.5 738D226X0100B2 9.7 15 1.5 738D336X0100C2 9.3 15 1.0 738D396X0100C2 14.7 15 1.0 738D476X0100C2 17.7 15 1.0 738D686X0100D2 13.7 15 1.5 738D826X0100D2 16.4 15 1.5 125 VDC at + 85C, 80 VDC at + 125C, 63 VDC at 738D335X0125AR 738D395X0125A2 738D106X0125B2 738D126X0125B2 738D156X0125B2 738D186X0125C2 738D226X0125C2 738D276X0125C2 738D396X0125D2 738D476X0125D2 738D566X0125D2 3.4 3.4 9.4 8.3 11.2 10 12.1 16.7 7.5 9.2 14.2 30 30 15 15 15 15 15 15 15 15 15 3.0 3.0 1.5 1.5 1.5 1.0 1.0 1.0 1.5 1.5 1.5
For technical questions, contact eurowettant@vishay.com
Document Number: 40054 Revision 20-Oct-03
738D, CT9 (CECC 30202-004)
Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX(R) Capacitors
CT9 STANDARD RATINGS
Max. DF at + 20C (%) 15 41 55 94 Max. IMP. at - 55C 100 KHz (Ohms) 72 30 30 24 Max. DCL (A) at + 20C 1 1 2 4 + 85C + 125C 2 7 16 16 Max. CAPACITANCE CHANGE (%) at - 55C -40 -44 -64 -80 + 85C +14 +17.5 +17.5 +25 + 125C +16 +20 +20 +25
Vishay Tansitor
CAPACITANCE (F) 68 270 560 1200
CASE CODE A B C D
PART NUMBER* CT9686X06R3A2 CT9277X06R3B2 CT9567X06R3C2 CT9128X06R3D2
6.3 VDC at + 85C, 4 VDC at + 125C, 3 VDC at + 175C
10 VDC at + 85C, 6.3 VDC at + 125C, 5 VDC at + 175C 47 180 390 820 A B C D CT9476X0010A2 CT9187X0010B2 CT9397X0010C2 CT9827X0010D2 14 29 44 65 120 48 30 28 1 1 2 4 2 7 16 16 -36 -36 -64 -80 +14 +14 +17.5 +25 +16 +16 +20 +25
16 VDC at + 85C, 10 VDC at + 125C, 8 VDC at + 175C 33 120 270 560 A B C D CT9 336X0016A2 CT9127X0016B2 CT9277X0016C2 CT9567X0016D2 10 24 45 44 108 60 36 28 1 1 2 6 2 7 16 24 -28 -28 -56 -80 +14 +17.5 +17.5 +25 +16 +20 +20 +25
25 VDC at + 85C, 16 VDC at + 125C, 13 VDC at + 175C 22 100 180 390 A B C D CT9226X0025A2 CT9107X0025B2 CT9187X0025C2 CT9397X0025D2 7 21 29 40 168 60 39 29 1 1 2 7 2 10 18 28 -20 -28 -48 -70 +10.5 +13 +13 +25 +12 +15 +15 +25
40 VDC at + 85C, 25 VDC at + 125C, 20 VDC at + 175C 12 56 100 220 A B C D CT9126X0040A2 CT9566X0040B2 CT9107X0040C2 CT9227X0040D2 6 14 18 27 234 78 48 31 1 1 2 8 2 9 17 32 -24 -28 -40 -55 +8 +13 +13 +25 +10 +15 +15 +25
63 VDC at + 85C, 40 VDC at + 125C, 32 VDC at + 175C 8.2 39 68 150 A B C D CT9825X0063A2 CT9396X0063B2 CT9686X0063C2 CT9157X0063D2 4.5 12 13 18 330 108 60 34 1 1 2 8 2 9 16 32 -24 -28 -32 -40 +8 +10.5 +10.5 +20 +9 +12 +12 +20
80 VDC at + 85C, 50 VDC at + 125C, 40 VDC at + 175C 6.8 33 56 100 A B C D CT9685X0080A2 CT9336X0080B2 CT9566X0080C2 CT9107X0080D2 5 10 11 12 360 108 72 36 1 1 2 9 2 10 17 36 -20 -24 -28 -35 +8 +10.5 +10.5 +20 +9 +15 +15 +20
100 VDC at + 85C, 63 VDC at + 125C, 50 VDC at + 175C 4.7 22 47 82 A B C D CT9475X0100A2 CT9226X0100B2 CT9476X0100C2 CT9826X0100D2 3 8 8 10 600 132 84 40 1 1 2 9 2 9 17 36 -16 -16 -20 -25 +7 +7 +7 +15 +8 +8 +8 +15
125 VDC at + 85C, 80 VDC at + 125C, 63 VDC at + 175C 3.9 15 27 56 A B C D CT9395X0125A2 CT9156X0125B2 CT9276X0125C2 CT9566X0125D2 3.5 6 6 7 720 200 106 58 1 1 2 10 2 7 13 40 -16 -16 -16 -25 +7 +7 +7 +15 +8 +8 +8 +15
Document Number: 40054 Revision 20-Oct-03
For technical questions, contact eurowettant@vishay.com
www.vishay.com 65
738D, CT9 (CECC 30202-004)
Vishay Tansitor
Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX(R) Capacitors
Max. CAPACITANCE CHANGE (%) at - 55C -60 -88 -90 -90 + 85C +13 +16 +20 +25 + 125C +16 +20 +25 +70
CT9 EXTENDED RATINGS
Max. DF at + 20C (%) 30 115 115 125 Max. IMP. at - 55C 100 KHz (Ohms) 55 22 22 16 Max. DCL (A) at + 20C 1.0 2.0 6.0 6.0 + 85C + 125C 10 17 25 25
CAPACITANCE (F) 180 820 1500 2200
CASE CODE A B C D
PART NUMBER* CT9187X06R3A2 CT9827X06R3B2 CT9158X06R3C2 CT9228X06R3D2
6.3 VDC at + 85C, 4 VDC at + 125C, 3 VDC at + 175C
10 VDC at + 85C, 6.3 VDC at + 125C, 5 VDC at + 175C 150 560 1200 1500 A B C D CT9157X0010A2 CT9567X0010B2 CT9128X0010C2 CT9158X0010D2 25 80 95 85 65 34 22 18 1.0 2.0 3.0 6.0 10 17 25 25 -55 -77 -88 -88 +13 +16 +20 +25 +16 +20 +25 +30
16 VDC at + 85C, 10 VDC at + 125C, 8 VDC at + 175C 100 390 820 1000 A B C D CT9107X0016A2 CT9397X0016B2 CT9827X0016C2 CT9108X0016D2 25 55 85 60 88 38 27 21 1.0 2.0 4.0 6.0 10 17 25 35 -44 -66 -77 -80 +13 +16 +20 +30 +16 +20 +25 +30
25 VDC at + 85C, 16 VDC at + 125C, 13 VDC at + 175C 68 270 560 680 A B C D CT9686X0025A2 CT9277X0025B2 CT9567X0025C2 CT9687X0025D2 17 38 58 38 110 40 25 24 1.0 2.0 5.0 6.0 10 17 35 35 -40 -62 -72 -80 +12 +13 +20 +25 +15 +16 +25 +30
40 VDC at + 85C, 25 VDC at + 125C, 20 VDC at + 175C 39 150 330 470 A B C D CT9396X0040A2 CT9157X0040B2 CT9337X0040C2 CT9477X0040D2 12 22 22 35 140 50 30 28 2.0 4.0 6.0 6.0 10 35 40 40 -35 -52 -60 -70 +10 +13 +20 +25 +12 +16 +25 +30
63 VDC at + 85C, 40 VDC at + 125C, 32 VDC at + 175C 27 100 220 270 A B C D CT9276X0063A2 CT9107X0063B2 CT9227X0063C2 CT9277X0063D2 8.0 15 23 26 180 70 36 35 2.0 4.0 5.0 6.0 15 25 35 40 -24 -36 -40 -65 +10 +12 +16 +25 +12 +15 +20 +30
80 VDC at + 85C, 50 VDC at + 125C, 40 VDC at + 175C 22 82 180 220 A B C D CT9226X0080A2 CT9826X0080B2 CT9187X0080C2 CT9227X0080D2 6.0 12 19 21 190 80 36 30 2.0 4.0 5.0 6.0 15 25 40 40 -19 -30 -35 -60 +10 +12 +16 +20 +12 +15 +20 +25
100 VDC at + 85C, 63 VDC at + 125C, 50 VDC at + 175C 10 39 68 120 A B C D CT9106X0100A2 CT9396X0100B2 CT9686X0100C2 CT9127X0100D2 4.0 7.0 8.0 15 250 96 50 36 2.0 4.0 5.0 6.0 15 30 50 50 -17 -20 -30 -40 +10 +12 +14 +15 +12 +15 +16 +20
125 VDC at + 85C, 80 VDC at + 125C, 63 VDC at + 175C 6.8 27 47 82 A B C D CT9685X0125A2 CT9276X0125B2 CT9476X0125C2 CT9826X0125D2 4.0 5.0 6.0 8.0 360 110 65 40 2.0 4.0 5.0 6.0 15 30 50 50 -14 -18 -26 -30 +10 +12 +16 +16 +12 +15 +16 +17
www.vishay.com 66
For technical questions, contact eurowettant@vishay.com
Document Number: 40054 Revision 20-Oct-03


▲Up To Search▲   

 
Price & Availability of CT9566X0040B2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X