Part Number Hot Search : 
PIC647 54210 MMBD4 MC4460 NX6306GK ADT2210 HI45H11 S9013
Product Description
Full Text Search
 

To Download CSA1015 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
CSA1015 TO-92 Plastic Package
E
CB
Audio Frequency General Purpose and Driver Stage Amplifier Applications. Complementary CSC1815
ABSOLUTE MAXIMUM RATINGS (Ta=25C unless specified otherwise) DESCRIPTION SYMBOL VCBO Collector Base Voltage Collector Emitter Voltage Emitter Base Voltage Collector Current Continuous Base Current Collector Power Dissipation Operating And Storage Junction Temperature Range THERMAL RESISTANCE Junction to case VCEO VEBO IC IB PC Tj, Tstg VALUE 50 50 5 150 50 625 -55 to +125 UNITS V V V mA mA mW C
Rth(j-c)
250
C/W
ELECTRICAL CHARACTERISTICS (Ta=25C unless specified otherwise) DESCRIPTION SYMBOL TEST CONDITION ICBO VCB =50V, IE=0 Collector Cut off Current IEBO VEB=5V, IC = 0 Emitter Cut off Current DC Current Gain Collector Emitter Saturation Voltage Base Emitter Saturation Voltage DYNAMIC CHARACTERISTICS Transition Frequency Collector Output Capacitance Base Spreading Resistance Noise Figure CLASSIFICATION *hFE
CSA1015REV_5 281202D
MIN
TYP
MAX 100 100 400 0.30 1.1
UNITS nA nA
*hFE hFE VCE(sat) VBE(sat)
IC =2mA, VCE=6V IC =150mA, VCE=6V IC=100mA,IB= 10mA IC=100mA,IB= 10mA
70 25
V V
ft Cob rbb' NF O 70 - 140
VCE=10V, IC=1mA, f=100MHz VCB=10V,IE=0, f=1MHz VCB=10V, IE=1mA, f=30MHz VCE=6V, IC=0.1mA, Rg=10Kohms, f=1KHz Y 120 - 240
80 7.0 30 10 GR 200 - 400
MHz pF dB
Continental Device India Limited
Datasheet
Page 1 of 4
CSA1015 TO-92 Plastic Package TO-92 Plastic Package
B
Dimension With 'L' Uncontrolled
DIM A B C D
MIN. 4.32 4.45 3.18
MAX. 5.33 5.20 4.19
A
Beyond 'L'
2 3 D G F F AA
K
1
D E
SEC AA
0.41 0.55 0.35 0.50 E F 5 DEG G 1.14 1.40 1.20 1.40 H 12.70 K -- 1.982 2.082 L M 1.03 1.20 All dimensions are in mm
M
Solderability Ensured
L
321 Mold Parting Line
H
C
PIN CONFIGURATION 1. BASE 2. COLLECTOR 3. EMITTER
321
The TO-92 Package, Tape and Ammo Pack Drawings are correct as on the date of issue/revision of this Data Sheet. The currently valid dimensions and information, may please be confirmed from the TO-92 Drawing in the Packages and Packing Section of the Product Catalogue.
Packing Details
PACKAGE Details TO-92 Bulk TO-92 T&A 1K/ polybag 2K/ ammo box STANDARD PACK Net Weight/ Qty 200 gm/ pcs 1K 645 gm/ pcs 2K Size 3" x 7.5" x 7.5" 12.5" x 8" x 1.8" INNER CARTON BOX Qty 5K 2K Size 17" x 15" x 13.5" 17" x 15" x 13.5" OUTER CARTON BOX Qty 80K 32K Gr Wt 23 kgs 12.5 kgs
CSA1015REV_5 281202D
Continental Device India Limited
Datasheet
Page 2 of 4
CSA1015 TO-92 Plastic Package TO-92 Tape and Ammo Pack
Tape Mechanical Data
T h h A H3 H1 Ho L H2 C1 C2 W2 Wo A1 P (p) h1 h1
Ammo Pack Style Adhesive Tape on Top Side Flat side Label
D FEE
Carrier Strip
186 (7.3")
W1 W
F1 t1 t P2 Po F
F2
Do
(1 332
3")
(1. 43 7")
Flat Side of Transistor and Adhesive Tape Visible 2000 pcs./Ammo Pack
All dimensions are in mm
ITEM BODY WIDTH BODY HEIGHT BODY THICKNESS PITCH OF COMPONENT * 1 FEED HOLE PITCH * 2 FEED HOLE CENTRE TO COMPONENT CENTRE DISTANCE BETWEEN OUTER LEADS SPECIFICATION SYMBOL A1 A T P Po P2 F h h1 W Wo W1 W2 Ho H1 L Do t F1, F2 H2 H3 | C1 - C2 | (p) 0.45 MIN. NOM. MAX. 4.0 4.8 3.9 12.7 12.7 6.35 5.08 0 0 18 6 9 0.5 16 23.25 11.0 4 1.2 2.54 1.45 3.0 0.22 + 0.4 - 0.1 0.2 REMARKS 1.0 1.3 0.5 0.2 + 0.7 - 0.5 0.2 0.5 4.8 5.2 4.2 1.0 0.3 0.4 + 0.6 - 0.2 TOL . NOTES 1. Maximum alignment deviation between leads will not to be greater than 0.2mm. 2. Maximum non-cumulative variation between tape feed holes shall not exceed 1 mm in 20 pitches. 3. Holddown tape will not exceed beyond the edge(s) of carrier tape and there shall be no exposure of adhesive. 4. There will be no more than three (3) consecutive missing components in a tape. 5. A tape trailer, having at least three feed holes are provided after the last component in a tape. 6. Splices should not interfere with the sprocket feed holes.
* 3 COMPONENT ALIGNMENT SIDE VIEW * 4 COMPONENT ALIGNMENT FRONT VIEW
TAPE WIDTH HOLD-DOWN TAPE WIDTH HOLE POSITION HOLD-DOWN TAPE POSITION LEAD WIRE CLINCH HEIGHT COMPONENT HEIGHT LENGTH OF SNIPPED LEADS FEED HOLE DIAMETER * 5 TOTAL TAPE THICKNESS LEAD - TO - LEAD DISTANCE STAND OFF CLINCH HEIGHT LEAD PARALLELISM PULL - OUT FORCE
6N
* 1 Cumulative pitch error 1.0 mm/20 pitch * 2 To be measured at bottom of clinch * 3 At top of body * 4 At top of body * 5 t1 0.3 - 0.6 mm
CSA1015REV_5 281202D
Continental Device India Limited
Datasheet
Page 3 of 4
Notes
CSA1015 TO-92 Plastic Package
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished in the Data Sheet and on the CDIL Web Site/CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150, 5141 1112 Fax + 91-11-2579 5290, 5141 1119 email@cdil.com www.cdilsemi.com
CSA1015REV_5 281202D
Continental Device India Limited
Datasheet
Page 4 of 4


▲Up To Search▲   

 
Price & Availability of CSA1015

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X