Part Number Hot Search : 
ZMY91G T93C46 001591 15KP200A A61L6316 HW941A YM536 E000936
Product Description
Full Text Search
 

To Download BUP314S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUP 314S
Preliminary data
IGBT
* High switching speed * Very low switching losses * Low tail current * Latch-up free * Avalanche rated Pin 1 G Type BUP 314S Maximum Ratings Parameter Collector-emitter voltage Collector-gate voltage Symbol Values 1200 1200 Unit V Pin 2 C Ordering Code C67040-A4207-A2 Pin 3 E
VCE
IC
Package TO-218 AB
1200V 25A
VCE VCGR VGE IC
RGE = 20 k
Gate-emitter voltage DC collector current
20 A 25 17
TC = 25 C TC = 90 C
Pulsed collector current, tp = 1 ms
ICpuls
50 34
TC = 25 C TC = 90 C
Avalanche energy, single pulse
EAS
65
mJ
IC = 25 A, VCC = 50 V, RGE = 25 L = 200 H, Tj = 25 C
Power dissipation
Ptot
300
W -55 ... + 150 -55 ... + 150 C
TC = 25 C
Chip or operating temperature Storage temperature
Tj Tstg
Semiconductor Group
1
Feb-07-1997
BUP 314S
Preliminary data
Maximum Ratings Parameter DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1 Thermal Resistance Thermal resistance, chip case Symbol Values E 55 / 150 / 56 Unit -
RthJC
0.42
K/W
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Symbol min. Static Characteristics Collector-emitter breakdown voltage Values typ. max. Unit
V(BR)CES
1200 5.5 5.5 4.6 8 6.6 6.5 7.6 -
V
VGE = 0 V, IC = 0.3 mA, Tj = 25 C
Gate threshold voltage
VGE(th)
4.5
VGE = VCE, IC = 0.35 mA, Tj = 25 C
Collector-emitter saturation voltage
VCE(sat)
-
VGE = 15 V, IC = 15 A, Tj = 25 C VGE = 15 V, IC = 15 A, Tj = 125 C VGE = 15 V, IC = 30 A, Tj = 25 C VGE = 15 V, IC = 30 A, Tj = 125 C
Zero gate voltage collector current
ICES
0.8
mA nA 100
VCE = 1200 V, VGE = 0 V, Tj = 25 C
Gate-emitter leakage current
IGES
VGE = 25 V, VCE = 0 V
Semiconductor Group
2
Feb-07-1997
BUP 314S
Preliminary data
AC Characteristics Transconductance
gfs
8.5 12 1950 180 120 -
S pF 2600 270 180
VCE = 20 V, IC = 15 A
Input capacitance
Ciss Coss
-
VCE = 25 V, VGE = 0 V, f = 1 MHz
Output capacitance
VCE = 25 V, VGE = 0 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VCE = 25 V, VGE = 0 V, f = 1 MHz
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Symbol min. Switching Characteristics, Inductive Load at Tj = 125 C Turn-on delay time Values typ. max. Unit
td(on)
65 100
ns
VCC = 600 V, VGE = 15 V, IC = 15 A RGon = 47
Rise time
tr
60 90
VCC = 600 V, VGE = 15 V, IC = 15 A RGon = 47
Turn-off delay time
td(off)
420 560
VCC = 600 V, VGE = -15 V, IC = 15 A RGoff = 47
Fall time
tf
70 95
VCC = 600 V, VGE = -15 V, IC = 15 A RGoff = 47
Semiconductor Group
3
Feb-07-1997
BUP 314S
Preliminary data
Power dissipation Ptot = (TC) parameter: Tj 150 C
320
Collector current IC = (TC) parameter: VGE 15 V , Tj 150 C
26 A
W
22
Ptot
240
IC
20 18
200
16 14
160 12 120 10 8 80 6 4 2 0 0 20 40 60 80 100 120 C 160 0 0 20 40 60 80 100 120 C 160
40
TC
TC
Safe operating area IC = (VCE) parameter: D = 0, TC = 25C , Tj 150 C
10 2
tp = 18.0s
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 0
IGBT
A
K/W
100 s
IC
10 1
ZthJC
10 -1
1 ms
D = 0.50 0.20 10 0
10 ms
10 -2
0.10 0.05 0.02 0.01
DC 10 -1 0 10 10 -3 -5 10
single pulse
10
1
10
2
10
3
V
10
-4
10
-3
10
-2
10
-1
s 10
0
VCE
tp
Semiconductor Group
4
Feb-07-1997
BUP 314S
Preliminary data
Typ. output characteristics
Typ. output characteristics
IC = f (VCE) parameter: tp = 80 s, Tj = 25 C
55 A
IC = f (VCE) parameter: tp = 80 s, Tj = 125 C
55 A
IC
45 40 35 30 25 20 15 10 5 0 0
17V 15V 13V 11V 9V 7V
IC
45 40 35 30 25 20 15 10 5
17V 15V 13V 11V 9V 7V
2
4
6
V
10
0 0
2
4
6
V
10
VCE
VCE
Typ. transfer characteristics
IC = f (VGE)
parameter: tp=80s,VCE=20 V
60 A 50
IC
45 40 35 30 25 20 15 10 5 0 0 2 4 6 8 10 V 14 VGE
Semiconductor Group
5
Feb-07-1997
BUP 314S
Preliminary data
Typ. switching time
Typ. switching time
t = f (IC) , inductive load , Tj = 125C
par.: VCE = 600 V, VGE = 15 V, RG = 47
10 3
t = f (RG) , inductive load , Tj = 125C par.: VCE = 600 V, VGE = 15 V, IC = 15 A
10 4
ns t tdoff ns 10 3 tdoff t
10 2
tr tdon tf 10 2 tdon tr tf
10 1 0
5
10
15
20
25
30
A IC
40
10 1 0
20
40
60
80 100 120 140 160
RG
200
Typ. switching losses
Typ. switching losses
E = f (IC) , inductive load , Tj = 125C
par.: VCE = 600 V, VGE = 15 V, RG = 48.9
8.0
E = f (RG) , inductive load , Tj = 125C par.: VCE = 600 V, VGE = 15 V, IC = 15 A
8.0
mWs E 6.0 Eon 5.0 E
mWs
6.0
5.0
4.0
4.0
Eon
3.0
3.0
2.0 Eoff 1.0 0.0 0 5 10 15 20 25 30 A IC 40
2.0 Eoff 1.0 0.0 0 20 40 60 80 100 120 140 160
RG
200
Semiconductor Group
6
Feb-07-1997
BUP 314S
Preliminary data
Typ. capacitances
Reverse biased safe operating area
C = f (VCE) parameter: VGE = 0 V, f = 1 MHz
10 4
ICpuls = f (VCE) , Tj = 150C parameter: VGE = 15 V
2.5
pF C 10 3
1.5
ICpuls/IC
Ciss
Coss 10 2 Crss
1.0
0.5
0.0
10 1 0
0
200
400
600
800
1000 1200
5
10
15
20
25
30
V 40 VCE
V 1600 VCE
Short circuit safe operating area
ICsc = f (VCE) , Tj = 150C parameter: VGE = 15 V, tsc 10 s, L < 25 nH
10
ICsc/IC(90C)
6
4
2
0 0 200 400 600 800 1000 1200 V 1600 VCE
Semiconductor Group
7
Feb-07-1997


▲Up To Search▲   

 
Price & Availability of BUP314S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X