Part Number Hot Search : 
3843ADM MAX1683 MAX1683 144912 SB110 D114212B L4812CV 93000
Product Description
Full Text Search
 

To Download BUF460AV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUF460AV
NPN TRANSISTOR POWER MODULE
s s s s
s s s
EASY TO DRIVE TECHNOLOGY (ETD) HIGH CURRENT POWER BIPOLAR MODULE VERY LOW Rth JUNCTION CASE SPECIFIED ACCIDENTAL OVERLOAD AREAS ISOLATED CASE (2500V RMS) EASY TO MOUNT LOW INTERNAL PARASITIC INDUCTANCE
APPLICATIONS: s MOTOR CONTROL s SMPS & UPS s WELDING EQUIPMENT
ISOTOP
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symb ol V CEV VEBO IC I CM IB I BM P tot T s tg Tj V ISO July 1997 Parameter Collector-Emitter Voltage (VBE = -5 V) Emitter-Base Voltage (IC = 0) Collector Current Collector Peak Current (tp = 10 ms) Base Current Base Peak Current (tp = 10 ms) T otal Dissipation at Tc = 25 C Storage Temperature Max O peration Junction Temperature Insulation W ithstand Voltage (AC-RMS)
o
Valu e 1000 450 7 80 160 18 27 270 -65 to 150 150 2500
Un it V V V A A A A W
o o
V CEO(sus) Collector-Emitter Voltage (IB = 0)
C C
V 1/7
BUF460AV
THERMAL DATA
R t hj-ca se R thc -h Thermal Resistance Junction-case Thermal Resistance Case-heats ink With Conductive Grease Applied Max Max 0.41 0.05
o
C/W C/W
o
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symb ol I CER I CEV I EBO Parameter Collector Cut-off Current (R BE = 5 ) Collector Cut-off Current (V BE = -1.5V) Emitter Cut-off Current (I C = 0) Test Cond ition s V CE = V CEV V CE = V CEV V CE = V CEV V CE = V CEV V EB = 5 V I C = 0.2 A L = 25 mH V c la mp = 450 V I C = 60 A IC IC IC IC = = = = 30 30 60 60 A A A A V CE = 5 V IB IB IB IB = = = = 3A o 3 A Tj = 100 C 12 A o 12 A T j = 100 C T j = 100 C tp = 3 s 150 4 2 4.5 0.1 0.3 400 6 3 5 0.2 5
o
Min.
Typ .
Max. 0.2 2 0.2 2 1
Un it mA mA mA mA mA V
T j = 100 C T j = 100 C
o
o
V CEO(SUS) * Collector-Emitter Sustaining Voltage hFE V CE(sat ) DC Current G ain Collector-Emitter Saturation Voltage
450 15 0.35 2 0.5 2 1.1 1.5
V V V V V V A/s V V s s s V
V BE(s at) di C /dt
Base-Emitter Saturation Voltage Rate of Rise of On-state Collector
I C = 60 A I C = 60 A
I B = 12 A I B = 12 A
V CC = 300 V R C = 0 I B1 = 18 A T j = 100 o C
* V CE (3 s)* Collector-Emitter Dynamic Voltage V CE (5 s)* Collector-Emitter * Dynamic Voltage ts tf tc V CEW Storage Time Fall T ime Cross-over T ime Maximum Collector Emitter Voltage Without Snubber
V CC = 300 V R C = 30 I B1 = 18 A T j = 100 o C V CC = 300 V R C = 30 o I B1 = 18 A T j = 100 C I C = 30 A V BB = -5 V V c la mp = 400 L = 25 H VCC = 50 V R BB = 0.2 V I B1 = 3 A o Tj = 100 C
I CW off = 80 A I B1 = 16 A V BB = -5 V V CC = 50 V L = 80 H R BB = 0.2 T j = 125 o C
Pulsed: Pulse duration = 300 s, duty cycle 1.5 %
2/7
BUF460AV
Safe Operating Areas Thermal Impedance
Derating Curve
Collector-Emitter Voltage Versus Base-Emitter Resistance
Collector-Emitter Saturation Voltage
Base-Emitter Saturation Voltage
3/7
BUF460AV
Reverse Biased SOA Forward Biased SOA
Reverse Biased SOA
Forward Biased SOA
Switching Time Inductive Load
Switching Time Inductive Load Versus Temperature
4/7
BUF460AV
DC Current Gain Turn-off Switching Test Circuit
1) Fast electronic switch
2) Non-inductive Resistor
Turn-on Switching Waveforms.
Turn-off Switching Test Circuit
Turn-off Switching Waveforms.
1) Fast electronic switch 3) Fast recovery rectifier
2) Non-inductive Resistor
5/7
BUF460AV
ISOTOP MECHANICAL DATA
DIM. MIN. A B C D E F G H J K L M N O 11.8 8.9 1.95 0.75 12.6 25.15 31.5 4 4.1 14.9 30.1 37.8 4 7.8 8.2 4.3 15.1 30.3 38.2 mm TYP. MAX. 12.2 9.1 2.05 0.85 12.8 25.5 31.7 MIN. 0.466 0.350 0.076 0.029 0.496 0.990 1.240 0.157 0.161 0.586 1.185 1.488 0.157 0.307 0.322 0.169 0.594 1.193 1.503 inch TYP. MAX. 0.480 0.358 0.080 0.033 0.503 1.003 1.248
G B
A
O
N D E F
J C K L M
6/7
H
BUF460AV
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1997 SGS-THOMSON Microelectronics - Printed in Italy - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - Canada- China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A . ..
7/7


▲Up To Search▲   

 
Price & Availability of BUF460AV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X