Part Number Hot Search : 
X1232CP 01502 49H3150 TKD29A AM7381P 28F00 E000811 NTE573
Product Description
Full Text Search
 

To Download BFS17W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BFS17W
NPN Silicon RF Transistor For broadband amplifiers up to 1 GHz at collector currents from 1 mA to 20 mA
3
Junction temperature Ambient temperature Storage temperature Thermal Resistance
1T is measured on the collector lead at the soldering point to the pcb S 2For calculation of R please refer to Application Note Thermal Resistance
thJA
1
Junction - soldering point 2)
2 1
VSO05561
Type BFS17W
Maximum Ratings Parameter
Marking MCs 1=B
Pin Configuration 2=E 3=C
Package SOT323
Symbol VCEO VCBO VEBO IC ICM Ptot Tj TA Tstg
Value 15 25 2.5 25 50 280 150 -65 ... 150 -65 ... 150
Unit V
Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Peak collector current, f = 10 MHz Total power dissipation TS 93 C 1)
mA mW C
RthJS
205
K/W
Jul-13-2001
BFS17W
Electrical Characteristics a TA = 25C, unless otherwise specified. Parameter Symbol Values min. DC characteristics Collector-emitter breakdown voltage IC = 1 mA, IB = 0 Collector-base cutoff current VCB = 10 V, IE = 0 VCB = 25 V, IE = 0 Emitter-base cutoff current VEB = 2.5 V, IC = 0 DC current gain IC = 2 mA, VCE = 1 V IC = 25 mA, VCE = 1 V Collector-emitter saturation voltage IC = 10 mA, IB = 1 mA VCEsat hFE 20 20 70 0.1 150 0.4 IEBO ICBO 0.05 10 100 V(BR)CEO 15 typ. max.
Unit
V A
-
V
2
Jul-13-2001
BFS17W
Electrical Characteristics at TA = 25C, unless otherwise specified. Symbol Values Parameter min. AC characteristics Transition frequency IC = 2 mA, VCE = 5 V, f = 200 MHz IC = 25 mA, VCE = 5 V, f = 200 MHz Collector-base capacitance VCB = 5 V, f = 1 MHz Collector-emitter capacitance VCE = 5 V, f = 1 MHz Input capacitance VEB = 0.5 V, IC = 0 , f = 1 MHz Output capacitance VCE = 5 V, VBE = 0 , f = 1 MHz Noise figure IC = 2 mA, VCE = 5 V, f = 800 MHz, Transducer gain IC = 20 mA, VCE = 5 V, ZS = ZL = 50 , f = 500 MHz Linear output voltage IC = 14 mA, VCE = 5 V, dim = 60 dB, f1 = 806 MHz, f2 = 810 MHz, ZS = ZL = 50 Third order intercept point IC = 14 mA, VCE = 5 V, ZS = ZL = 50 , f = 800 MHz IP3 23 V01=V02 100 F 3.5 5 Cobs 1.5 Cibo 1.45 Cce 0.26 Ccb fT 1 1.3 1.4 2.5 0.6 0.8 typ. max.
Unit
GHz
pF
dB
ZS = 0
|S21e|2
-
12.7
-
mV
dBm
3
Jul-13-2001
BFS17W
Total power dissipation Ptot = f(TS)
320
mW
240
P tot
200
160
120
80
40
0 0
15
30
45
60
75
90 105 120
C 150 TS
Permissible Pulse Load RthJS = f (tp )
Permissible Pulse Load
Ptotmax/P totDC = f (tp)
10 3 10 3
K/W
Ptotmax / PtotDC
-
10 2
10 2
10 1
0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
RthJS
10 1
10 0 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
s
10
0
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
s
10
0
tp
tp
4
Jul-13-2001
BFS17W
Collector-base capacitance Ccb = f (VCB )
Transition frequency f T = f (I C)
V CE = Parameter
f = 1MHz
1.3
pF
3.0
1.1 1.0
GHz
10V 5V 3V
Ccb
0.9 0.8 0.7
2.0
fT
2V
1.5 0.6 0.5 0.4 0.3
1V
1.0
0.2 0.1 0.0 0 4 8 12 16 20
V
0.5
0.7V
26
0.0 0
5
10
15
20
mA
30
VCB
IC
5
Jul-13-2001


▲Up To Search▲   

 
Price & Availability of BFS17W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X