Part Number Hot Search : 
ADM699 EGP20G 50X1LG LC14A BYP60A6 ZX84C8V2 DTSPU 7F024
Product Description
Full Text Search
 

To Download BFR380 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BFR380F
NPN Silicon RF Transistor Preliminary data High current capability and low figure for wide dynamic range application Low voltage operation Ideal for low phase noise oscillators up to 3.5 GHz Low noise figure: 1.1 dB at 1.8 GHz

3 1
2
ESD: Electrostatic discharge sensitive device, observe handling precaution!
Type BFR380F
Maximum Ratings Parameter
Marking FCs
Pin Configuration 1=B 2=E 3=C
Symbol VCEO VCES VCBO VEBO IC IB Ptot Tj TA Tstg Symbol RthJS Value
Package TSFP-3
Unit
Collector-emitter voltage Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Base current Total power dissipation1) Junction temperature Ambient temperature Storage temperature
Thermal Resistance Parameter TS
6 15 15 2 80 14 380 150 -65 ... 150 -65 ... 150
Value
V
mA mW C
95C
1T is measured on the collector lead at the soldering point to the pcb S 2For calculation of R please refer to Application Note Thermal Resistance
thJA
1
Junction - soldering point2)
Unit
145
K/W
Jan-24-2003
BFR380F
Electrical Characteristics at TA = 25C, unless otherwise specified Parameter Characteristics Collector-emitter breakdown voltage IC = 1 mA, IB = 0 Collector-base cutoff current VCB = 5 V, IE = 0 Emitter-base cutoff current VEB = 1 V, IC = 0 DC current gainIC = 40 mA, VCE = 3 V hFE 60 100 200 IEBO 1 A ICBO 100 nA V(BR)CEO 6 9 V Symbol min. Values typ. max. Unit
2
Jan-24-2003
BFR380F
Electrical Characteristics at TA = 25C, unless otherwise specified Parameter Symbol Values min. typ. max. AC Characteristics (verified by random sampling) Transition frequency fT IC = 40 mA, VCE = 3 V, f = 1 GHz
Unit
11 -
14 0.47 0.2 1 1.1
0.7 -
GHz pF
Collector-base capacitance
VCB = 5 V, f = 1 MHz, emitter grounded
Ccb Cce Ceb Fmin
Collector emitter capacitance
VCE = 5 V, f = 1 MHz, base grounded
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz, collector grounded
Noise figure
IC = 8 mA, VCE = 3 V, ZS = ZSopt , f = 1.8 GHz
dB
Power gain, maximum available1)
IC = 40 mA, VCE = 3 V, ZS = ZSopt , ZL = ZLopt , f = 1.8 GHz IC = 40 mA, VCE = 3 V, ZS = ZSopt , ZL = ZLopt , f = 3 GHz
Gma
|S21|2 IP3
13.5 9
dB
Insertion power gain
VCE = 3 V, IC = 40 mA, f = 1.8 GHz, ZS = ZL = 50 VCE = 3 V, IC = 40 mA, f = 3 GHz, ZS = ZL = 50
11 6.5 29
dBm
Third order intercept point at output2)
VCE = 3 V, IC = 40 mA, f = 1.8 GHz, ZS = ZL = 50
-
1dB Compression point at output3)
IC = 40 mA, VCE = 3 V, ZS = ZL = 50 , f = 1.8 GHz
1G 1/2 ma = |S21 / S12| (k-(k-1) )
P-1dB
-
16
-
2IP3 value depends on termination of all intermodulation frequency components. Termination used for this measurement is 50 from 0.1 MHz to 6 GHz 3DC current at no input power
3
Jan-24-2003
BFR380F
SPICE Parameter (Gummel-Poon Model, Berkley-SPICE 2G.6 Syntax): Transitor Chip Data: 9.965 fA IS =
BF = IKF = BR = IKR = RB = RE = VJE = XTF = PTF = MJC = CJS = NK = FC =
116.376 736 22.802 0.011 9.71 221 0.782 0.496 0 0.472 0 0.5 0.975
mA A m V deg fF -
NF = ISE = NR = ISC = IRB = RC = MJE = VTF = CJC = XCJC = VJS = EG = TNOM
1.107 0.2676 1.056 6.9739 0.2564 0.101 0.5 0.338 840 0.202 0.75 1.11 300
fA pA mA -
VAF = NE = VAR = NC = RBM = CJE = TF = ITF = VJC = TR = MJS = XTI =
27.69 1.64 30 1.678 1.322 116.7 8.789 1.529 6.949 6.949 0 0
V V fF ps mA V ns -
V fF V eV K
All parameters are ready to use, no scalling is necessary. Extracted on behalf of Infineon Technologies AG by: Institut fur Mobil- und Satellitentechnik (IMST)
Package Equivalent Circuit:
C4 C1 L2 B L3 C
L1 = L2 = L3 =
C'
0.556 0.675 0.381 43 123 66 10 36 47
nH nH nH fF fF fF fF fF fF
B'
Transistor Chip E'
C1 = C2 = C3 = C4 = C5 = C6 =
EHA07524
C6
C2
L1
C3
C5
E
Valid up to 6GHz
For examples and ready to use parameters please contact your local Infineon Technologies distributor or sales office to obtain a Infineon Technologies CD-ROM or see Internet: http//www.infineon.com/silicondiscretes
4
Jan-24-2003
BFR380F
Total power dissipation Ptot = (TS ) Permissible Pulse Load RthJS =
(tp )
400
mW
300
250
RthJS
10 2
P tot
200
150
100
50 10 1 -7 10
0 0
15
30
45
60
75
90 105 120 C
10 1
Ptotmax/PtotDC
Ccb
10 0 -7 10
10
-6
10
Ptotmax/PtotDC =
(tp)
f = 1MHz
1.6
pF
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
1.2
1
0.8
0.6
0.4
0.2
-5
10
-4
10
-3
10
-2
s
10
0
0 0
2
4
6
8
10
12
tp
5
Jan-24-2003
Permissible Pulse Load
10 3
K/W
0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
150
10
-6
10
-5
10
-4
10
-3
10
-2
s
10
0
TS
tp
Collector-base capacitance Ccb = (VCB )
V
16
VCB
BFR380F
Third order Intercept Point IP3=(IC) Transition frequency fT= (IC) f = 1GHz
(Output, ZS=ZL=50) VCE = parameter, f = 1.8GHz
32 dBm 28 26 24
4V 3V
VCE = parameter
16 GHz 14 13 12
5V 3V 2V
IP 3
fT
22 20 18 16 14 12 10 8 6 4 0 10 20 30 40 50 60 70 mA
2V
11 10
1V
9 8 7 6 5 90 4 0 10 20 30 40 50 60 70
1V
0.7V
80 mA
100
IC
IC
f = 0.9GHz VCE = parameter
21
dB
f = 1.8GHz VCE = parameter
15
dB 5V
19
3V
13
3V
G
17
G
18
2V
12
11
1V
16
1V
10
15
9
0.7V
14
0.7V
8
13 0
10
20
30
40
50
60
70
80 mA
100
7 0
10
20
30
40
50
IC
6
Power gain Gma, Gms = (IC )
Power gain Gma, Gms =
(IC)
5V
2V
60
70
80 mA
100
IC
Jan-24-2003
BFR380F
2
VCE = parameter
45
dB Ic = 40mA
35 30
G
25 20
G
15 10 5 0 0 10
0.5
1
1.5
2
2.5
f = parameter
21 Ic = 40mA dB 19 18 17 16
G
15 14 13 12 11 10 9 8 7 0 1 2 3 4 5 6
V 1.8GHz 1.8GHz
G
|S21| =
(VCE): - - - -
VCE = 2V f = parameter
20 dB
0.9GHz
17
0.9GHz
16 15 14 13 12 11 10 9 8 7 6 8 5 0 20 40 60 80
4GHz mA 2.4GHz 3GHz 1.8GHz
VCE
7
Power Gain Gma, Gms =
Power Gain Gma, Gms =
(f)
Power Gain |S21| = VCE = parameter
40
dB Ic = 40mA
(f)
30
5V 2V 1V 0.7V
25
20
5V 2V 1V 0.7V
15
5
3
3.5 GHz
4.5
0 0
0.5
1
1.5
2.5
3
3.5 GHz
4.5
f
f
(VCE ):
Power gain Gma, Gms =
(IC )
0.9GHz
110
IC
Jan-24-2003
BFR380F
Noise figure NF =
(IC )
Source impedance for min.
VCE = 3V, f = 1,8 GHz
4
dB
noise figure vs. frequency VCE = 3 V
+j50 +j25 +j100
3.2
F50
+j10
F
2.8
0.9GHz
2.4
0
1.8GHz 10 2.4GHz
25
50
100
2
Fmin
3GHz
-j10 1.6
4GHz
8mA 40mA
-j100 -j50
1.2
-j25
0.8 0
10
20
30
40
50
60
70 mA
90
IC
8
Jan-24-2003


▲Up To Search▲   

 
Price & Availability of BFR380

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X