Part Number Hot Search : 
SVD7N60F SDR628G AKA0600S C3072 SMJ24A IRF78 HAC300S TGP210
Product Description
Full Text Search
 

To Download BC879 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NPN Silicon Darlington Transistors
BC 875 ... BC 879
High current gain q Low collector-emitter saturation voltage q Complementary types: BC 876, BC 878 BC 880 (PNP)
q
Type BC 875 BC 877 BC 879
Marking -
Ordering Code C62702-C853 C62702-C854 C62702-C855
Pin Configuration 1 2 3 E C B
Package1) TO-92
Maximum Ratings Parameter Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Peak collector current Base current Peak base current Total power dissipation, TC = 90 C2) Junction temperature Storage temperature range Thermal Resistance Junction - ambient2) Junction - case3)
1) 2)
Symbol VCE0 VCB0 VEB0 IC ICM IB IBM Ptot Tj Tstg
Values BC 875 45 60
Unit BC 877 60 80 5 1 2 100 200 0.8 (1) 150 - 65 ... + 150 W C mA A BC 879 80 100 V
Rth JA Rth JC

156 75
K/W
3)
For detailed information see chapter Package Outlines. If transistors with max. 4 mm lead length are fixed on PCBs with a min. 10 mm x 10 mm large copper area for the collector terminal, RthJA = 125 K/W and thus Ptot max = 1 W at TA = 25 C. Mounted on Al heat sink 15 mm x 25 mm x 0.5 mm.
Semiconductor Group
1
5.91
BC 875 ... BC 879
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. DC characteristics Collector-emitter breakdown voltage IC = 50 mA BC 875 BC 877 BC 879 Collector-base breakdown voltage IC = 100 A BC 875 BC 877 BC 879 Emitter-base breakdown voltage, IE = 100 A Collector cutoff current VCE = 0.5 x VCEmax Collector cutoff current VCB = VCBmax VCB = VCBmax, TA = 150 C Emitter cutoff current, VEB = 4 V DC current gain IC = 150 mA; VCE = 10 V1) IC = 500 mA; VCE = 10 V1) Collector-emitter saturation voltage1) IC = 500 mA, IB = 0.5 mA IC = 1 A, IB = 1 mA Base-emitter saturation voltage1) IC = 1 A; IB = 1 mA AC characteristics Transition frequency IC = 200 mA, VCE = 5 V, f = 20 MHz fT - 150 - MHz V(BR)CE0 45 60 80 V(BR)CB0 60 80 100 V(BR)EB0 ICE0 ICB0 - - IEB0 hFE 1000 2000 VCEsat - - VBEsat - - - - 1.3 1.8 2.2 - - - - V - - - - 100 20 100 nA
A
Values typ. max.
Unit
V - - - - - -
- - - - -
- - - - 500 nA
5 -
nA -
1)
Pulse test: t 300 s, D 2 %.
Semiconductor Group
2
BC 875 ... BC 879
Total power dissipation Ptot = f (TA; TC)
Collector cutoff current ICB0 = f (TA) VCB = 100 V
Permissible pulse load RthJA = f (t p)
DC current gain hFE = f (TA) VCE = 10 V
Semiconductor Group
3
BC 875 ... BC 879
DC current gain hFE = f (IC) VCE = 10 V, TA = 25 C
Transition frequency fT = f (IC) VCE = 5 V, f = 20 MHz
Collector-emitter saturation voltage VCEsat = f (IC) Parameter = IB, TA = 25 C
Base-emitter saturation voltage VBEsat = f (IC) Parameter = IB, TA = 25 C
Semiconductor Group
4


▲Up To Search▲   

 
Price & Availability of BC879

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X