Part Number Hot Search : 
BUK72 1N4786A 2SC2344 20M10 NTE2558 TCMZ47V 4LVCH SP8M51
Product Description
Full Text Search
 

To Download BBY62 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
alfpage
M3D070
BBY62 UHF variable capacitance double diode
Product specification Supersedes data of November 1993 1996 May 03
Philips Semiconductors
Product specification
UHF variable capacitance double diode
FEATURES * Excellent linearity * Small plastic SMD package * C28:1.9 pF; ratio: 8.3.
handbook, halfpage 4
BBY62
3 4 3
APPLICATIONS * Electronic tuning in UHF television tuners * VCO.
1 2
1
2
DESCRIPTION
Top view
MAM172
The BBY62 is a variable capacitance double diode, fabricated in planar technology, and encapsulated in the SOT143 small plastic SMD package. The diodes are not electrically connected to one another.
Marking code: S4.
Fig.1 Simplified outline (SOT143), pin configuration and symbol.
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VR IF Tstg Tj continuous reverse voltage continuous forward current storage temperature operating junction temperature PARAMETER - - -55 -55 MIN. MAX. 30 20 +150 +125 V mA C C UNIT
ELECTRICAL CHARACTERISTICS Tj = 25 C; unless otherwise specified. SYMBOL IR rs Cd C d ( 1V ) -------------------C d ( 28V ) Note 1. VR is the value at which Cd = 9 pF. PARAMETER reverse current diode series resistance diode capacitance capacitance ratio CONDITIONS VR = 28 V; see Fig.3 VR = 28 V; Tj = 85 C; see Fig.3 f = 470 MHz; note 1 VR = 1 V; f = 1 MHz; see Figs 2 and 4 f = 1 MHz MIN. - - - - - TYP. - - - 16.5 - 8.3 MAX. 10 200 1.2 - 2 - UNIT nA nA pF pF
VR = 28 V; f = 1 MHz; see Figs 2 and 4 1.6
1996 May 03
2
Philips Semiconductors
Product specification
UHF variable capacitance double diode
GRAPHICAL DATA
BBY62
MBE874
handbook, full pagewidth
20
Cd (pF) 16
12
8
4
0 10 -1 f = 1 MHz; Tj = 25 C.
1
10
VR (V)
10 2
Fig.2 Diode capacitance as a function of reverse voltage; typical values.
10 3 handbook, halfpage
MLC816
10 3 handbook, halfpage
MLC815
IR (nA)
TC d (K-1)
102
10 4
10
0
50
T j ( C)
o
100
10 5 10 1
1
10
VR (V)
102
Fig.4 Fig.3 Reverse current as a function of junction temperature; maximum values.
Temperature coefficient of diode capacitance as a function of reverse voltage; typical values.
1996 May 03
3
Philips Semiconductors
Product specification
UHF variable capacitance double diode
PACKAGE OUTLINE
BBY62
handbook, full pagewidth
0.75 0.60
0.150 0.090 4 0.1 max 10 max
o
3.0 2.8 1.9 3
B A 0.2 M A B
10 max
o
1.4 1.2
2.5 max
1 1.1 max
o
2 0.1 M A B
30 max
0.88
0 0.1 1.7
0.48
0 0.1
MBC845
TOP VIEW
Dimensions in mm.
Fig.5 SOT143.
DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
1996 May 03
4


▲Up To Search▲   

 
Price & Availability of BBY62

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X