Part Number Hot Search : 
SB315 AA112 23DGG RN4910FE LT1813 Z1021AI C1250 8800V
Product Description
Full Text Search
 

To Download BAW56W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAW56W
DUAL SURFACE MOUNT SWITCHING DIODE Features
* * * * Fast Switching Speed Ultra-Small Surface Mount Package For General Purpose Switching Applications High Conductance
SOT-323
A
Dim A B
B C
Min 0.30 1.15 2.00 0.30 1.20 1.80 0.0 0.90 0.25 0.10
Max 0.40 1.35 2.20 0.40 1.40 2.20 0.10 1.00 0.40 0.25
C D E G H J K
L
Mechanical Data
* * * * * * Case: SOT-323, Molded Plastic Case Material - UL Flammability Rating Classification 94V-0 Terminals: Solderable per MIL-STD-202, Method 208 Polarity: See Diagram Marking: KJC Weight: 0.006 grams (approx.)
E
0.65 Nominal
TOP VIEW
D G H K J M
L M
All Dimensions in mm
Maximum Ratings @ TA = 25C unless otherwise specified
Characteristic Non-Repetitive Peak Reverse Voltage Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current Average Rectified Output Current Non-Repetitive Peak Forward Surge Current @ t = 1.0ms @ t = 1.0s Power Dissipation Thermal Resistance Junction to Ambient Air Operating and Storage Temperature Range Symbol VRM VRRM VRWM VR VR(RMS) IFM IO IFSM Pd RqJA Tj , TSTG BAW56W 100 75 53 300 150 2.0 1.0 200 625 -65 to +150 Unit V V V mA mA A mW C/W C
Electrical Characteristics
Characteristic Reverse Breakdown Voltage (Note 1) Forward Voltage (Note 1)
@ TA = 25C unless otherwise specified Symbol VBR(R) VFM Min 75 3/4 Max 3/4 0.715 0.855 1.0 1.25 2.5 50 30 25 2.0 4.0 Unit V V mA mA mA nA pF ns Test Condition IR = 100mA IF = 1.0mA IF = 10mA IF = 50mA IF = 150mA VR = 75V VR = 75V, Tj = 150C VR = 25V, Tj = 150C VR = 20V VR = 0, f = 1.0MHz IF = IR = 10mA, Irr = 0.1 x IR, RL = 100W
Peak Reverse Current (Note 1) Junction Capacitance Reverse Recovery Time Note:
IRM Cj trr
3/4 3/4 3/4
1. Short duration test pulse used to minimize self-heating effect.
DS30064 Rev. 3 - 2
1 of 3
BAW56W
Ordering Information
Device BAW56W-7 Notes:
(Note 2) Packaging SOT-323 Shipping 3000/Tape & Reel
2. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
KJC
KJC = Product Type Marking Code YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
Date Code Key Year Code Month Code 1998 J Jan 1 Feb 2 1999 K March 3 2000 L Apr 4 May 5 2001 M Jun 6 Jul 7 2002 N Aug 8 Sep 9 2003 O Oct O Nov N 2004 P Dec D
YM
10.0
100
IF, FORWARD CURRENT (mA)
IR, REVERSE CURRENT (A)
10
Ta = 25C
1.0
Ta = 100C
Ta = 75C
Ta = 50C
0.10
Ta = 50C Ta = 25C Ta = 0C Ta = -30C
Ta = 85C
1
Ta = 0C
Ta = -30C
0.01
0.1
0
200
400
600
800
1000
0.001
0
20
40
60
80
VF, FORWARD VOLTAGE (mV) Fig. 1 Forward Current vs. Forward Voltage
VR, REVERSE VOLTAGE (V) Fig. 2 Reverse Current vs Reverse Voltage
DS30064 Rev. 3 - 2
2 of 3
BAW56W
2.5
Trr, REVERSE RECOVERY TIME (nS)
4
2.0
CJ, JUNCTION CAPACITANCE (pF)
3
1.5
2
1.0
0.5
1
0 0 2 4 6 8 10 IF, FORWARD CURRENT (mA) Fig. 3. Reverse Recovery Time vs. Forward Current
0 0 1 2
3
4
5
6
VR, REVERSE VOLTAGE (V) Fig. 4. Typical Junction Capacitance vs. Reverse Voltage
DS30064 Rev. 3 - 2
3 of 3
BAW56W


▲Up To Search▲   

 
Price & Availability of BAW56W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X