Part Number Hot Search : 
5N05L CTP4409 BL37P03 ER502N 2SK374 PM100 D1621 CTP4409
Product Description
Full Text Search
 

To Download AV9012LT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 @vic
SOT-23 Plastic-Encapsulate Transistors
SOT-23
AV9012LT1
FEATURES Power dissipation PCM:
TRANSISTOR (PNP)
1. BASE 2. EMITTER 3. COLLECTOR
1. 0
0.3
W (Tamb=25)
0. 95
2. 4 1. 3
0. 95
Collector current ICM: -0.5 A Collector-base voltage V(BR)CBO: -40 V Operating and storage junction temperature range TJ, Tstg: -55 to +150 ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Collector cut-off current Emitter cut-off current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICEO IEBO hFE(1) DC current gain hFE(2) Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency VCE(sat) VBE(sat) VCE=-1V, IC=-500mA IC=-500 mA, IB= -50mA IC=-500 mA, IB= -50mA VCE=-6V, IC= -20mA
2. 9
1. 9
Unit: mm
unless otherwise specified)
Test conditions MIN -40 -25 -5 -0.1 -0.1 -0.1 120 40 -0.6 -1.2 150 V V MHz 400 TYP MAX UNIT V V V
Ic= -100A, IE=0 Ic= -1mA, IB=0 IE=-100A, IC=0 VCB=-40 V, IE=0 VCE=-20V, IB=0 VEB= -5V, IC=0 VCE=-1V, IC= -50mA
0. 4
A A A
fT
f=30MHz H 200-350
CLASSIFICATION OF hFE(1) Rank Range
L 120-200
J 300-400
DEVICE MARKING
S9012LT1=2T1
Copyright @vic Electronics Corp.
Website http://www.avictek.com


▲Up To Search▲   

 
Price & Availability of AV9012LT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X