Part Number Hot Search : 
FRS110G 30201103 NCP5393 B5942 M190EG01 A1574T MEFJD 04B22AD
Product Description
Full Text Search
 

To Download AT27C040 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* Fast Read Access Time - 70 ns * Low Power CMOS Operation *
- 100 A Max Standby - 30 mA Max Active at 5 MHz JEDEC Standard Packages - 32-lead, 600-mil PDIP - 32-lead PLCC - 32-lead TSOP 5V 10% Supply High Reliability CMOS Technology - 2000V ESD Protection - 200 mA Latchup Immunity RapidTM Programming Algorithm - 100 s/Byte (Typical) CMOS and TTL Compatible Inputs and Outputs Integrated Product Identification Code Commercial and Industrial Temperature Ranges
* * * * * *
4-Megabit (512K x 8) OTP EPROM AT27C040
Description
The AT27C040 chip is a low-power, high-performance, 4,194,304-bit one-time programmable read-only memory (OTP EPROM) organized as 512K by 8 bits. The AT27C040 requires only one 5V power supply in normal read mode operation. Any byte can be accessed in less than 70 ns, eliminating the need for speed reducing WAIT states on high-performance microprocessor systems.
Pin Configurations
Pin Name A0 - A18 O0 - O7 CE OE Function Addresses Outputs Chip Enable Output Enable
A11 A9 A8 A13 A14 A17 A18 VCC VPP A16 A15 A12 A7 A6 A5 A4 VCC A18 A17 A14 A13 A8 A9 A11 OE A10 CE 07 06 05 04 03 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
TSOP Top View
32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 OE A10 CE 07 06 05 04 03 GND 02 01 O0 A0 A1 A2 A3
PDIP Top View
VPP A16 A15 A12 A7 A6 A5 A4 A3 A2 A1 A0 O0 O1 O2 GND 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17
PLCC Top View
A12 A15 A16 VPP VCC A18 A17 01 02 GND 03 04 05 06 14 15 16 17 18 19 20 A7 A6 A5 A4 A3 A2 A1 A0 O0 5 6 7 8 9 10 11 12 13 4 3 2 1 32 31 30 29 28 27 26 25 24 23 22 21 A14 A13 A8 A9 A11 OE A10 CE 07
0189F-EPROM-4/03
1
Atmel's scaled CMOS technology provides low active power consumption, and fast programming. Power consumption is typically 8 mA in active mode and less than 10 A in standby mode. The AT27C040 is available in a choice of industry standard JEDEC-approved one-time programmable (OTP) plastic PDIP, PLCC and TSOP packages. The device features two-line control (CE, OE) to eliminate bus contention in high-speed systems. Atmel's AT27C040 has additional features to ensure high quality and efficient production use. The Rapid Programming Algorithm reduces the time required to program the part and guarantees reliable programming. Programming time is typically only 100 s/byte. The Integrated Product Identification Code electronically identifies the device and manufacturer. This feature is used by industry standard programming equipment to select the proper programming algorithms and voltages.
Switching Considerations
Switching between active and standby conditions via the Chip Enable pin may produce transient voltage excursions. Unless accommodated by the system design, these transients may exceed datasheet limits, resulting in device non-conformance. At a minimum, a 0.1 F high frequency, low inherent inductance, ceramic capacitor should be utilized for each device. This capacitor should be connected between the VCC and Ground terminals of the device, as close to the device as possible. Additionally, to stabilize the supply voltage level on printed circuit boards with large EPROM arrays, a 4.7 F bulk electrolytic capacitor should be utilized, again connected between the VCC and Ground terminals. This capacitor should be positioned as close as possible to the point where the power supply is connected to the array.
Block Diagram
2
AT27C040
0189F-EPROM-4/03
AT27C040
Operating Modes
Mode/Pin Read Output Disable Standby Rapid Program PGM Verify PGM Inhibit Product Identification
(4) (2)
CE VIL X VIH VIL X VIH VIL
OE VIL VIH X VIH VIL VIH VIL
Ai Ai X X Ai Ai X A9 = A0 = VIH or VIL A1 - A18 = VIL VH(3)
VPP X(1) X X VPP VPP VPP X
Outputs DOUT High Z High Z DIN DOUT High Z Identification Code
Notes:
1. 2. 3. 4.
X can be VIL or VIH. Refer to Programming Characteristics VH = 12.0 0.5V. Two identifier bytes may be selected. All Ai inputs are held low (VIL), except A9 which is set to VH and A0 which is toggled low (VIL) to select the Manufacturer's Identification byte and high (VIH) to select the Device Code byte.
Absolute Maximum Ratings*
Temperature Under Bias................................ -55C to +125C Storage Temperature ..................................... -65C to +150C Voltage on Any Pin with Respect to Ground ............................................-2.0V to +7.0V Voltage on A9 with Respect to Ground .........................................-2.0V to +14.0V VPP Supply Voltage with Respect to Ground ..........................................-2.0V to +14.0V *NOTICE: Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
3
0189F-EPROM-4/03
DC and AC Operating Conditions for Read Operation
AT27C040-70 Operating Temperature (Case) VCC Power Supply Com. Ind. 0C - 70C -40C - 85C 5V 10% AT27C040-90 0C - 70C -40C - 85C 5V 10% AT27C040-12 0C - 70C -40C - 85C 5V 10% AT27C040-15 0C - 70C -40C - 85C 5V 10%
DC and Operating Characteristics for Read Operation
Symbol ILI ILO IPP1 ISB
(2)
Parameter Input Load Current Output Leakage Current VPP
(1)
Condition VIN = 0V to VCC VOUT = 0V to VCC VPP = VCC ISB1 (CMOS), CE = VCC 0.3V ISB2 (TTL), CE = 2.0 to VCC + 0.5V
Min
Max 1 5 10 100 1 30
Units A A A A mA mA V V V V
Read/Standby Current
VCC1(1) Standby Current
ICC VIL VIH VOL VOH Notes:
VCC Active Current Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage
f = 5 MHz, IOUT = 0 mA, CE = VIL -0.6 2.0 IOL = 2.1 mA IOH = -400 A 2.4
0.8 VCC + 0.5 0.4
1. VCC must be applied simultaneously or before VPP, and removed simultaneously or after VPP. 2. VPP may be connected directly to VCC, except during programming. The supply current would then be the sum of ICC and IPP.
AC Characteristics for Read Operation
AT27C040 -70 Symbol tACC
(3)
-90 Max 70 70 30 20 Min Max 90 90 35 20 0 0 Min
-12 Max 120 120 35 30 0 Min
-15 Max 150 150 40 30 Units ns ns ns ns ns
Parameter Address to Output Delay CE to Output Delay OE to Output Delay
Condition CE = OE = VIL OE = VIL CE = VIL
Min
tCE(2) tOE(2)(3) tDF
(4)(5)
OE or CE High to Output Float, whichever occurred first Output Hold from Address, CE or OE, whichever occurred first 1. 2, 3, 4, 5 - see AC Waveforms for Read Operation 0
tOH Note:
4
AT27C040
0189F-EPROM-4/03
AT27C040
AC Waveforms for Read Operation(1)
Notes:
1. 2. 3. 4. 5.
Timing measurement references are 0.8V and 2.0V. Input AC drive levels are 0.45V and 2.4V, unless otherwise specified. OE may be delayed up to tCE - tOE after the falling edge of CE without impact on tCE. OE may be delayed up to tACC - tOE after the address is valid without impact on tACC. This parameter is only sampled and is not 100% tested. Output float is defined as the point when data is no longer driven.
Input Test Waveforms and Measurement Levels
Output Test Load
1.3V (1N914) OUTPUT PIN 3.3K
CL
Pin Capacitance
f = 1 MHz, T = 25 C (1)
Symbol CIN COUT Note: Typ 4 8 Max 8 12 Units pF pF Conditions VIN = 0V VOUT = 0V
1. Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested.
5
0189F-EPROM-4/03
Programming Waveforms(1)
Notes:
1. The Input Timing Reference is 0.8V for VIL and 2.0V for VIH. 2. tOE and tDFP are characteristics of the device but must be accommodated by the programmer. 3. When programming the AT27C040 a 0.1 F capacitor is required across VPP and ground to suppress spurious voltage transients.
DC Programming Characteristics
TA = 25 5C, VCC = 6.5 0.25V, VPP = 13.0 0.25V
Limits Symbol ILI VIL VIH VOL VOH ICC2 IPP2 VID Parameter Input Load Current Input Low Level Input High Level Output Low Voltage Output High Voltage VCC Supply Current (Program and Verify) VPP Supply Current A9 Product Identification Voltage CE = VIL 11.5 IOL = 2.1 mA IOH = -400 A 2.4 40 20 12.5 Test Conditions VIN = VIL, VIH -0.6 2.0 Min Max 10 0.8 VCC + 0.7 0.4 Units A V V V V mA mA V
6
AT27C040
0189F-EPROM-4/03
AT27C040
AC Programming Characteristics
TA = 25 5C, VCC = 6.5 0.25V, VPP = 13.0 0.25V
Limits Symbol tAS tOES tDS tAH tDH tDFP tVPS tVCS tPW tOE tPRT Notes: Parameter Address Setup Time OE Setup Time Data Setup Time Address Hold Time Data Hold Time OE High to Output Float Delay(2) VPP Setup Time VCC Setup Time CE Program Pulse Width Data Valid from OE(2) VPP Pulse Rise Time During Programming 50
(3)
Test Conditions
(1)
Min 2 2 2 0.45V to 2.4V 0 2 0 2
Max
Units s s s s s
Input Rise and Fall Times: (10% to 90%) 20 ns Input Pulse Levels:
Input Timing Reference Level: 0.8V to 2.0V Output Timing Reference Level: 0.8V to 2.0V
130
ns s s
2 95 105 150
s ns ns
1. VCC must be applied simultaneously or before VPP and removed simultaneously or after VPP. 2. This parameter is only sampled and is not 100% tested. Output Float is defined as the point where data is no longer driven - see timing diagram. 3. Program Pulse width tolerance is 100 sec 5%.
Atmel's AT27C040 Integrated Product Identification Code
Pins Codes Manufacturer Device Type A0 0 1 O7 0 0 O6 0 0 O5 0 0 O4 1 0 O3 1 1 O2 1 0 O1 1 1 O0 0 1 Hex Data 1E 0B
7
0189F-EPROM-4/03
Rapid Programming Algorithm
A 100 s CE pulse width is used to program. The address is set to the first location. VCC is raised to 6.5V and VPP is raised to 13.0V. Each address is first programmed with one 100 s CE pulse without verification. Then a verification/reprogramming loop is executed for each address. In the event a byte fails to pass verification, up to 10 successive 100 s pulses are applied with a verification after each pulse. If the byte fails to verify after 10 pulses have been applied, the part is considered failed. After the byte verifies properly, the next address is selected until all have been checked. VPP is then lowered to 5.0V and VCC to 5.0V. All bytes are read again and compared with the original data to determine if the device passes or fails.
8
AT27C040
0189F-EPROM-4/03
AT27C040
Ordering Information
ICC (mA) tACC (ns) 70 Active 30 Standby 0.1 Ordering Code AT27C040-70JC AT27C040-70PC AT27C040-70TC AT27C040-70JI AT27C040-70PI AT27C040-70TI AT27C040-90JC AT27C040-90PC AT27C040-90TC AT27C040-90JI AT27C040-90PI AT27C040-90TI AT27C040-12JC AT27C040-12PC AT27C040-12TC AT27C040-12JI AT27C040-12PI AT27C040-12TI AT27C040-15JC AT27C040-15PC AT27C040-15TC AT27C040-15JI AT27C040-15PI AT27C040-15TI Package 32J 32P6 32T 32J 32P6 32T 32J 32P6 32T 32J 32P6 32T 32J 32P6 32T 32J 32P6 32T 32J 32P6 32T 32J 32P6 32T Operation Range Commercial (0 C to 70 C) Industrial (-40 C to 85 C) Commercial (0 C to 70 C) Industrial (-40 C to 85 C) Commercial (0 C to 70 C) Industrial (-40 C to 85 C) Commercial (0 C to 70 C) Industrial (-40 C to 85 C)
30
0.1
90
30
0.1
30
0.1
120
30
0.1
30
0.1
150
30
0.1
30
0.1
Package Type 32J 32P6 32T 32-lead, Plastic J-leaded Chip Carrier (PLCC) 32-lead, 0.600" Wide, Plastic Dual Inline Package (PDIP) 32-lead, Plastic Thin Small Outline Package (TSOP)
9
0189F-EPROM-4/03
Package Information
32J - PLCC
1.14(0.045) X 45
PIN NO. 1 IDENTIFIER
1.14(0.045) X 45 0.318(0.0125) 0.191(0.0075)
E1 B
E
B1
E2
e D1 D A A2 A1
0.51(0.020)MAX 45 MAX (3X)
COMMON DIMENSIONS (Unit of Measure = mm) SYMBOL
D2
MIN 3.175 1.524 0.381 12.319 11.354 9.906 14.859 13.894 12.471 0.660 0.330
NOM - - - - - - - - - - - 1.270 TYP
MAX 3.556 2.413 - 12.573 11.506 10.922 15.113 14.046 13.487 0.813 0.533
NOTE
A A1 A2 D D1 D2
Note 2
Notes:
1. This package conforms to JEDEC reference MS-016, Variation AE. 2. Dimensions D1 and E1 do not include mold protrusion. Allowable protrusion is .010"(0.254 mm) per side. Dimension D1 and E1 include mold mismatch and are measured at the extreme material condition at the upper or lower parting line. 3. Lead coplanarity is 0.004" (0.102 mm) maximum.
E E1 E2 B B1 e
Note 2
10/04/01 2325 Orchard Parkway San Jose, CA 95131 TITLE 32J, 32-lead, Plastic J-leaded Chip Carrier (PLCC) DRAWING NO. 32J REV. B
R
10
AT27C040
0189F-EPROM-4/03
AT27C040
32P6 - PDIP
D
PIN 1
E1
A
SEATING PLANE
L B1 e E B
A1
C eB
0 ~ 15
REF
SYMBOL A A1 D E E1 B
COMMON DIMENSIONS (Unit of Measure = mm) MIN - 0.381 41.783 15.240 13.462 0.356 1.041 3.048 0.203 15.494 NOM - - - - - - - - - - 2.540 TYP MAX 4.826 - 42.291 15.875 13.970 0.559 1.651 3.556 0.381 17.526 Note 1 Note 1 NOTE
Note:
1. Dimensions D and E1 do not include mold Flash or Protrusion. Mold Flash or Protrusion shall not exceed 0.25 mm (0.010").
B1 L C eB e
09/28/01 2325 Orchard Parkway San Jose, CA 95131 TITLE 32P6, 32-lead (0.600"/15.24 mm Wide) Plastic Dual Inline Package (PDIP) DRAWING NO. 32P6 REV. B
R
11
0189F-EPROM-4/03
32T - TSOP
PIN 1
0 ~ 8
c
Pin 1 Identifier D1 D
L
e
b
L1
E
A2
A
SEATING PLANE
GAGE PLANE
A1
SYMBOL A A1 A2 Notes: 1. This package conforms to JEDEC reference MO-142, Variation BD. 2. Dimensions D1 and E do not include mold protrusion. Allowable protrusion on E is 0.15 mm per side and on D1 is 0.25 mm per side. 3. Lead coplanarity is 0.10 mm maximum. D D1 E L L1 b c e
COMMON DIMENSIONS (Unit of Measure = mm) MIN - 0.05 0.95 19.80 18.30 7.90 0.50 NOM - - 1.00 20.00 18.40 8.00 0.60 0.25 BASIC 0.17 0.10 0.22 - 0.50 BASIC 0.27 0.21 MAX 1.20 0.15 1.05 20.20 18.50 8.10 0.70 Note 2 Note 2 NOTE
10/18/01 2325 Orchard Parkway San Jose, CA 95131 TITLE 32T, 32-lead (8 x 20 mm Package) Plastic Thin Small Outline Package, Type I (TSOP) DRAWING NO. 32T REV. B
R
12
AT27C040
0189F-EPROM-4/03
Atmel Corporation
2325 Orchard Parkway San Jose, CA 95131 Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
Atmel Operations
Memory
2325 Orchard Parkway San Jose, CA 95131 Tel: 1(408) 441-0311 Fax: 1(408) 436-4314
RF/Automotive
Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany Tel: (49) 71-31-67-0 Fax: (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 Tel: 1(719) 576-3300 Fax: 1(719) 540-1759
Regional Headquarters
Europe
Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland Tel: (41) 26-426-5555 Fax: (41) 26-426-5500
Microcontrollers
2325 Orchard Parkway San Jose, CA 95131 Tel: 1(408) 441-0311 Fax: 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France Tel: (33) 2-40-18-18-18 Fax: (33) 2-40-18-19-60
Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom
Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France Tel: (33) 4-76-58-30-00 Fax: (33) 4-76-58-34-80
Asia
Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369
ASIC/ASSP/Smart Cards
Zone Industrielle 13106 Rousset Cedex, France Tel: (33) 4-42-53-60-00 Fax: (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 Tel: 1(719) 576-3300 Fax: 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland Tel: (44) 1355-803-000 Fax: (44) 1355-242-743
Japan
9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
e-mail
literature@atmel.com
Web Site
http://www.atmel.com
Disclaimer: Atmel Corporation makes no warranty for the use of its products, other than those expressly contained in the Company's standard warranty which is detailed in Atmel's Terms and Conditions located on the Company's web site. The Company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other intellectual property of Atmel are granted by the Company in connection with the sale of Atmel products, expressly or by implication. Atmel's products are not authorized for use as critical components in life support devices or systems.
(c) Atmel Corporation 2003. All rights reserved. Atmel (R) and combinations thereof are the registered trademarks, Rapid TM is the trademark of Atmel Corporation or its subsidiaries. Other terms and product names may be the trademarks of others.
Printed on recycled paper.
0189F-EPROM-4/03 xM


▲Up To Search▲   

 
Price & Availability of AT27C040

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X