Part Number Hot Search : 
85HFR80M MTB20 10100F B16100 SK310 BTS41 T321055 C1GT0
Product Description
Full Text Search
 

To Download AD548AR-REEL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES Enhanced Replacement for LF441 and TL061 DC Performance: 200 A max Quiescent Current 10 pA max Bias Current, Warmed Up (AD548C) 250 V max Offset Voltage (AD548C) 2 V/ C max Drift (AD548C) 2 V p-p Noise, 0.1 Hz to 10 Hz AC Performance: 1.8 V/ s Slew Rate 1 MHz Unity Gain Bandwidth Available in Plastic and Hermetic Metal Can Packages and in Chip Form Available in Tape and Reel in Accordance with EIA-481A Standard MIL-STD-883B Parts Available Dual Version Available: AD648 Surface-Mount (SOIC) Package Available PRODUCT DESCRIPTION
Precision, Low Power BiFET Op Amp AD548
CONNECTION DIAGRAMS Plastic Mini-DIP (N) Package and SOIC (R)Package
OFFSET NULL 1 INVERTING 2 INPUT NONINVERTING 3 INPUT V- 4
8 NC 7 V+ 6 OUTPUT
AD548
TOP VIEW
5 OFFSET NULL
NOTE: PIN 4 CONNECTED TO CASE NC = NO CONNECT
10k
1 5 4 -15V
The AD548 is a low power, precision monolithic operational amplifier. It offers both low bias current (10 pA max, warmed up) and low quiescent current (200 A max) and is fabricated with ion-implanted FET and laser wafer trimming technologies. Input bias current is guaranteed over the AD548's entire common-mode voltage range. The economical J grade has a maximum guaranteed input offset voltage of less than 2 mV and an input offset voltage drift of less than 20 V/C. This level of dc precision is achieved utilizing Analog's laser wafer drift trimming process. The combination of low quiescent current and low offset voltage drift minimizes changes in input offset voltage due to self-heating effects. The AD548 is recommended for any dual supply op amp application requiring low power and excellent dc and ac performance. In applications such as battery-powered, precision instrument front ends and CMOS DAC buffers, the AD548's excellent combination of low input offset voltage and drift, low bias current, and low 1/f noise reduces output errors. High common-mode rejection (82 dB, min on the "B" grade) and high open-loop gain ensures better than 12-bit linearity in high impedance, buffer applications. The AD548 is pinned out in a standard op amp configuration and is available in three performance grades. The AD548J and AD548K are rated over the commercial temperature range of 0C to 70C. The AD548B is rated over the industrial temperature range of -40C to +85C. The AD548 is available in an 8-lead plastic mini-DIP and surface-mount (SOIC) packages. REV. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
VOS TRIM TOP VIEW
PRODUCT HIGHLIGHTS
1. A combination of low supply current, excellent dc and ac performance and low drift makes the AD548 the ideal op amp for high performance, low power applications. 2. The AD548 is pin compatible with industry standard op amps such as the LF441, TL061, and AD542, enabling designers to improve performance while achieving a reduction in power dissipation of up to 85%. 3. Guaranteed low input offset voltage (2 mV max) and drift (20 V/C max) for the AD548J are achieved utilizing Analog Devices' laser drift trimming technology, eliminating the need for external trimming. 4. Analog Devices specifies each device in the warmed-up condition, insuring that the device will meet its published specifications in actual use. 5. A dual version, the AD648, is also available. 6. Enhanced replacement for LF441 and TL061.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 2002
AD548-SPECIFICATIONS (@ 25 C and V =
S
15 V dc unless otherwise noted.)
Min AD548K/B Typ 0.3 Max 0.5 0.7/0.8 5 Unit mV mV V/C dB dB V/Month pA nA pA pA nA pF pF V V dB dB dB dB V p-p nV/Hz nV/Hz nV/Hz nV/Hz fA/Hz MHz kHz V/s s 3V/mV V/mV V/mV V/mV V V mA
Parameter INPUT OFFSET VOLTAGE1 Initial Offset TMIN to TMAX vs. Temperature vs. Supply vs. Supply, TMIN to TMAX Long-Term Offset Stability INPUT BIAS CURRENT Either Input2, VCM = 0 Either Input2 at TMAX, VCM = 0 Max Input Bias Current Over Common-Mode Voltage Range Offset Current, VCM = 0 Offset Current at TMAX INPUT IMPEDANCE Differential Common Mode INPUT VOLTAGE RANGE Differential3 Common Mode Common-Mode Rejection VCM = 10 V TMIN to TMAX VCM = 11 V TMIN to TMAX INPUT VOLTAGE NOISE Voltage 0.1 Hz to 10 Hz f = 10 Hz f = 100 Hz f = 1 kHz f = 10 kHz INPUT CURRENT NOISE f = 1 kHz FREQUENCY RESPONSE Unity Gain, Small Signal Full Power Response Slew Rate, Unity Gain Settling Time to 0.01% OPEN LOOP GAIN VO = 10 V, RL 10 k TMIN to TMAX, RL 10 k VO = 10 V, RL 5 k TMIN to TMAX, RL 5 k OUTPUT CHARACTERISTICS Voltage @ RL 10 k, TMIN to TMAX Voltage @ RL 5 k, TMIN to TMAX Short Circuit Current
Min
AD548J Typ 0.75
Max 2.0 3.0/3.0/3.0 20
80 76/76/76 15 5 20 0.45/1.3/20 30 10 0.25/0.65/10
86 80 15 3 10 0.25/0.65 15 5 0.15/0.35
5
2
1 x 1012 3 3 x 1012 3 11 76 76/76/76 70 70/70/70 20 12 90 90 84 84 2 80 40 30 30 1.8 0.8 1.0 1.0 30 1.8 8 1000 700 500 300 0.8 1.0 11 82 82 76 76
1 x 1012 3 3 x 1012 3 20 12 92 92 86 86 2 80 40 30 30 1.8 1.0 30 1.8 8 1000 700 500 300 13 12.3 15
300 300/300/300 150 150/150/150
300 300 150 150 12 12 11 11
12 13 12/ 12/ 12 11 12.3 11/ 11/ 11 15
-2-
REV. D
AD548 SPECIFICATIONS (continued)
Min POWER SUPPLY Rated Performance Operating Range Quiescent Current TEMPERATURE RANGE Operating, Rated Performance Commercial (0C to 70C) Industrial (-40C to +85C) Military (-55C to +125C) PACKAGE OPTIONS SOIC (R-8) Plastic (N-8) Tape and Reel AD548J Typ 15 170 Max Min AD548K/B Typ 15 170 Max Unit V V A
4.5
18 200
4.5
18 200
AD548J AD548A AD548S AD548JR AD548JN4 AD548JR-REEL
AD548K AD548B
AD548KR4 AD548KN AD548KR-REEL4
NOTES 1 Input Offset Voltage specifications are guaranteed after five minutes of operation at TA = 25C. 2 Bias Current specifications are guaranteed maximum at either input after five minutes of operation at TA = 25C. For higher temperature, the current doubles every 10C. 3 Defined as voltages between inputs, such that neither exceeds 10 V from ground. 4 Not recommended for new designs; obsolete April 2002. Specifications subject to change without notice.
REV. D
-3-
AD548
ABSOLUTE MAXIMUM RATINGS l
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 V Internal Power Dissipation2 . . . . . . . . . . . . . . . . . . . . 500 mW Input Voltage3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 V Output Short Circuit Duration . . . . . . . . . . . . . . . . . Indefinite Differential Input Voltage . . . . . . . . . . . . . . . . . . +VS and -VS Storage Temperature Range (Q, H) . . . . . . . -65C to +150C (N, R) . . . . . . . . -65C to +125C Operating Temperature Range AD548J/K . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0C to 70C AD548B . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40C to +85C Lead Temperature Range (Soldering 60 sec) . . . . . . . . . 300C
NOTES 1 Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2 Thermal Characteristics: 8-Pin SOIC Package: JA = 160C/W, JC = 42C/W; 8-Lead Plastic Package: JA = 90C/W. 3 For supply voltages less than 18 V, the absolute maximum input voltage is equal to the supply voltage.
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD548 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
-4-
REV. D
Typical Performance Characteristics- AD548
20
20 +VOUT OUTPUT VOLTAGE SWING - V p-p 20
OUTPUT VOLTAGE SWING - V
30
25
INPUT VOLTAGE - V
15 +VIN 10 -VIN 5
15 -VOUT 10 25C RL = 10k 5
20
15
10
5
0
0
0
5 10 15 SUPPLY VOLTAGE - V
20
0
5 10 15 SUPPLY VOLTAGE - V
0
10
100 1k LOAD RESISTANCE -
10k
TPC 1. Input Voltage Range vs. Supply Voltage
TPC 2. Output Voltage Swing vs. Supply Voltage
TPC 3. Output Voltage Swing vs. Load Resistance
200
10
100nA 10nA
QUIESCENT CURRENT - A
INPUT BIAS CURRENT
180
INPUT BIAS CURRENT - pA
8
1nA 100pA 10pA 1pA 100fA
6
160
4
140
2
120
0
0 5 10 15 SUPPLY VOLTAGE - V 20
10fA
0
4
8 12 SUPPLY VOLTAGE -
16 V
20
-55
-25
5 35 65 TEMPERATURE - C
95
125
TPC 4. Quiescent Current vs. Supply Voltage
TPC 5. Input Bias Current vs. Supply Voltage
TPC 6. Input Bias Current vs. Temperature
10
30
1500
25
INPUT BIAS CURRENT - pA
1250
RL = 10k
20 6
OPEN LOOP GAIN - V/mV
0 10 20 30 40 50 60 70
8
1000
IVOSI -
V
15
750
4
10 2
500
5
250
0 -10
0 -6 -2 2 6 10 COMMON-MODE VOLTAGE - V
0 -55
-25
5
35
65
95
125
WARM-UP TIME - Sec
TEMPERATURE - C
TPC 7. Input Bias Current vs. Common-Mode Voltage
TPC 8. Change in Offset Voltage vs. Warm-Up Time
TPC 9. Open-Loop Gain vs. Temperature
REV. D
-5-
AD548
100 80 PHASE 100 80
PHASE IN DEGREES
120
120
POWER SUPPLY REJECTION - dB
OPEN LOOP VOLTAGE GAIN - dB
110
100 80 60 40 20 0 -20 100
+SUPPLY
OPEN LOOP GAIN - dB
60 40 20 0 -20 -40 1k 10k 100k FREQUENCY - Hz 1M GAIN
60 40 20 0 -20 -40 10M
100
90
-SUPPLY
80
70
60
0
2
4
6
8
10
12
14 V
16
18
1k
SUPPLY VOLTAGE -
10k 100k FREQUENCY - Hz
1M
TPC 10. Open-Loop Frequency Response
TPC 11. Open-Loop Voltage Gain vs. Supply Voltage
TPC 12. PSRR vs. Frequency
90 80
22 20
10 10mV
OUTPUT VOLTAGE SWING - V
OUTPUT VOLTAGE - V p-p
18 16 14 12 10 8 6 4 2
1mV 5
70
CMRR - dB
60 50 40 30 20 1k 10k 100k FREQUENCY - Hz 1M
0
-5 1mV 10mV
0 10 100 1k 10k 100k 1M
-10 0 2 4 6 8 SETTLING TIME - s
FREQUENCY - Hz
TPC 13. CMRR vs. Frequency
TPC 14. Large Signal Frequency Response
TPC 15. Output Swing and Error Voltage vs. Output Settling Time
4
TOTAL HARMONIC DISTORTION - %
160
INPUT NOISE VOLTAGE - nV/Hz
INPUT NOISE VOLTAGE - V p-p
140 120 100 80 60 40 20 0 10
WHENEVER JOHNSON NOISE IS GREATER THAN AMPLIFIER NOISE, AMPLIFIER NOISE CAN BE CONSIDERED NEGLIGIBLE FOR APPLICATION
1
10,000
1kHz BANDWIDTH RESISTOR JOHNSON NOISE
FOLLOWER WITH GAIN = 10 0.1
1,000
100
10
0.01 UNITY GAIN FOLLOWER 0.001 100 1k 10k FREQUENCY - Hz 100k
10Hz BANDWIDTH
1 AMPLIFIER GENERATED NOISE 0 100k 1M 10M 100M 1G SOURCE IMPEDANCE - 10G 100G
100
1k
10k
100k
FREQUENCY - Hz
TPC 16. Total Harmonic Distortion vs. Frequency
TPC 17. Input Noise Voltage Spectral Density
TPC 18. Total Noise vs. Source Impedance
-6-
REV. D
AD548
TPC 19a. Unity Gain Follower
TPC 19b. Unity Gain Follower Pulse Response (Large Signal)
TPC 19c. Unity Gain Follower Pulse Response (Small Signal)
TPC 20a. Utility Gain Inverter
TPC 20b. Utility Gain Inverter Pulse Response (Large Signal)
TPC 20c. Unity Gain Inverter Pulse Response (Small Signal)
APPLICATION NOTES
The AD548 is a JFET-input op amp with a guaranteed maximum IB of less than 10 pA, and offset and drift laser-trimmed to 0.5 mV and 5 V/C, respectively (AD548B). AC specs include 1 MHz bandwidth, 1.8 V/s typical slew rate and 8 s settling time for a 20 V step to 0.01%--all at a supply current less than 200 A. To capitalize on the device's performance, a number of error sources should be considered. The minimal power drain and low offset drift of the AD548 reduce self-heating or "warm-up" effects on input offset voltage, making the AD548 ideal for on/off battery-powered applications. The power dissipation due to the AD548's 200 A supply current has a negligible effect on input current, but heavy output loading will raise the chip temperature. Since a JFET's input current doubles for every 10C rise in chip temperature, this can be a noticeable effect. The amplifier is designed to be functional with power supply voltages as low as 4.5 V. It will exhibit a higher input offset voltage than at the rated supply voltage of 15 V, due to power supply rejection effects. The common-mode range of the AD548 extends from 3 V more positive than the negative supply to 1 V more negative than the positive supply. Designed to cleanly drive up to 10 k and 100 pF loads, the AD548 will drive a 2 k load with reduced open-loop gain.
OFFSET NULLING
Figure 1. Offset Null Configuration
LAYOUT
To take full advantage of the AD548's 10 pA max input current, parasitic leakages must be kept below an acceptable level. The practical limit of the resistance of epoxy or phenolic circuit board material is between 1 x 1012 and 3 x 1012 . This can result in an additional leakage of 5 pA between an input of 0 V and a -15 V supply line. Teflon(R) or a similar low leakage material (with a resistance exceeding 1017 ) should be used to isolate high impedance input lines from adjacent lines carrying high voltages. The insulator should be kept clean, since contaminants will degrade the surface resistance. A metal guard completely surrounding the high impedance nodes and driven by a voltage near the common-mode input potential can also be used to reduce some parasitic leakages. The guarding pattern in Figure 2 will reduce parasitic leakage due to finite board surface resistance; but it will not compensate for a low volume resistivity board.
Unlike bipolar input amplifiers, zeroing the input offset voltage of a BiFET op amp will not minimize offset drift. Using balance Pins 1 and 5 to adjust the input offset voltage as shown in Figure 1 will induce an added drift of 0.24 V/C per 100 V of nulled offset. The low initial offset (0.5 mV) of the AD548B results in only 0.6 V/C of additional drift. REV. D
Teflon is a registered trademark of DuPont.
-7-
AD548
Figure 2. Board Layout for Guarding Inputs
INPUT PROTECTION
The AD548 is guaranteed to withstand input voltages equal to the power supply potential. Exceeding the negative supply voltage on either input will forward bias the substrate junction of the chip. The induced current may destroy the amplifier due to excess heat. Input protection is required in applications such as a flame detector in a gas chromatograph, where a very high potential may be applied to the input terminals during a sensor fault condition. Figure 3 shows a simple current limiting scheme that can be used. RPROTECT should be chosen such that the maximum overload current is 1.0 mA (l00 k for a 100 V overload, for example). Exceeding the negative common-mode range on either input terminal causes a phase reversal at the output, forcing the amplifier output to the corresponding high or low state. Exceeding the negative common-mode on both inputs simultaneously forces the output high. Exceeding the positive common-mode range on a single input does not cause a phase reversal, but if both inputs exceed the limit the output will be forced high. In all cases, normal amplifier operation is resumed when input voltages are brought back within the common-mode range.
Figure 4. AD548 Used as DAC Output Amplifier That is:
R VOS Output =VOS Input 1+ FB RO
RFB is the feedback resistor for the op amp, which is internal to the DAC. RO is the DAC's R-2R ladder output resistance. The value of RO is code dependent. This has the effect of changing the offset error voltage at the amplifier's output. An output amplifier with a sub millivolt input offset voltage is needed to preserve the linearity of the DAC's transfer function. The AD548 in this configuration provides a 700 kHz small signal bandwidth and 1.8 V/s typical slew rate. The 33 pF capacitor across the feedback resistor optimizes the circuit's response. The oscilloscope charts in Figures 5 and 6 show small and large signal outputs of the circuit in Figure 4. Upper traces show the input signal VIN. Lower traces are the resulting output voltage with the DAC's digital input set to all 1s. The AD548 settles to 0.01% for a 20 V input step in 14 s.
5V
100 90
20V
5S
10 0%
Figure 5. Response to 20 V p-p Reference Square Wave Figure 3. Input Protection of IV Converter
D/A CONVERTER OUTPUT BUFFER
100 90
50mV
200mV
2S
The circuit in Figure 4 shows the AD548 and AD7545 12-bit CMOS D/A converter in a unipolar binary configuration. VOUT will be equal to VREF attenuated by a factor depending on the digital word. VREF sets the full scale. Overall gain is trimmed by adjusting RIN. The AD548's low input offset voltage, low drift, and clean dynamics make it an attractive low power output buffer. The input offset voltage of the AD548 output amplifier results in an output error voltage. This error voltage equals the input offset voltage of the op amp times the noise gain of the amplifier.
10 0%
Figure 6. Response to 100 mV p-p Reference Square Wave
-8-
REV. D
Application Hints-AD548
PHOTODIODE PREAMP
The performance of the photodiode preamp shown in Figure 7 is enhanced by the AD548's low input current, input voltage offset, and offset voltage drift. The photodiode sources a current proportional to the incident light power on its surface. RF converts the photodiode current to an output voltage equal to RF x IS.
Figure 7.
An error budget illustrating the importance of low amplifier input current, voltage offset, and offset voltage drift to minimize output voltage errors can be developed by considering the equivalent circuit for the small (0.2 mm2 area) photodiode shown in Figure 7. The input current results in an error proportional to the feedback resistance used. The amplifier's offset will produce an error proportional to the preamp's noise gain (I + RF/RSH), where RSH is the photodiode shunt resistance. The amplifier's input current will double with every 10C rise in temperature, and the photodiode's shunt resistance halves with every 10C rise. The error budget in Figure 8 assumes a room temperature photodiode RSH of 500 M, and the maximum input current and input offset voltage specs of an AD548C.
TEMP C RSH (M ) 15,970 2,830 500 88.5 15.6 7.8 VOS ( V) (1+ RF/RSH) VOS 150 200 250 300 350 370 151 V 207 V 300 V 640 V 2.6 mV 5.1 mV IB (pA) 0.30 2.26 10.00 56.6 320 640 IBRF 30 V 262 V 1.0 mV 5.6 mV 32 mV 64 mV TOTAL 181 V 469 V 1.30 mV 6.24 mV 34.6 mV 69.1 mV
Figure 9. Low Power Instrumentation Amplifier
Gains of 1 to 100 can be accommodated with gain nonlinearities of less than 0.01%. Input errors, which contribute an output error proportional to in amp gain, include a maximum untrimmed input offset voltage of 0.5 mV and an input offset voltage drift over temperature of 4 V/C. Output errors, which are independent of gain, will contribute an additional 0.5 mV offset and 4 V/C drift. The maximum input current is 15 pA over the common-mode range, with a common-mode impedance of over 1 x 1012 . Resistor pairs R3/R5 and R4/R6 should be ratio matched to 0.01% to take full advantage of the AD548's high common-mode rejection. Capacitors C1 and C1 compensate for peaking in the gain over frequency caused by input capacitance when gains of 1 to 3 are used. The -3 dB small signal bandwidth for this low power instrumentation amplifier is 700 kHz for a gain of 1 and 10 kHz for a gain of 100. The typical output slew rate is 1.8 V/s.
LOG RATIO AMPLIFIER
-25
0 25 50 75 85
Figure 8. Photodiode Preamp Errors Over Temperature
The capacitance at the amplifier's negative input (the sum of the photodiode's shunt capacitance, the op amp's differential input capacitance, stray capacitance due to wiring, etc.) will cause a rise in the preamp's noise gain over frequency. This can result in excess noise over the bandwidth of interest. CF reduces the noise gain "peaking" at the expense of bandwidth.
INSTRUMENTATION AMPLIFIER
Log ratio amplifiers are useful for a variety of signal conditioning applications, such as linearizing exponential transducer outputs and compressing analog signals having a wide dynamic range. The AD548's picoamp level input current and low input offset voltage make it a good choice for the front-end amplifier of the log ratio circuit shown in Figure 10. This circuit produces an output voltage equal to the log base 10 of the ratio of the input currents I1 and I2. Resistive inputs R1 and R2 are provided for voltage inputs. Input currents I1 and I2 set the collector currents of Q1 and Q2, a matched pair of logging transistors. Voltages at points A and B are developed according to the following familiar diode equation:
V BE = (kT/q) ln (I C /I ES )
The AD548C's maximum input current of 10 pA makes it an excellent building block for the high input impedance instrumentation amplifier shown in Figure 9. Total current drain for this circuit is under 600 A. This configuration is optimal for conditioning differential voltages from high impedance sources. The overall gain of the circuit is controlled by RG, resulting in the following transfer function: VOUT VIN REV. D =1+ (R1 + R2 ) RG
In this equation, k is Boltzmann's constant, T is absolute temperature, q is an electron charge, and IES is the reverse saturation current of the logging transistors. The difference of these two voltages is taken by the subtractor section and scaled by a factor of approximately 16 by resistors R9, R10, and R8. Temperature
-9-
AD548
compensation is provided by resistors R8 and R15 that have a positive 3500 ppm/C temperature coefficient. The transfer function for the output voltage is:
VOUT = 1V log 10 (I 2 / I 1 )
Frequency compensation is provided by R11, R12, C1, and C2. Small signal bandwidth is approximately 300 kHz at input currents above 100 A and will proportionally decrease with lower signal levels. D1, D2, R13, and R14 compensate for the effects of the two logging transistors' ohmic emitter resistance. To trim this circuit, set the two input currents to 10 A and adjust VOUT to zero by adjusting the potentiometer on A3. Then set I2 to 1 A and adjust the scale factor such that the output voltage is 1 V by trimming potentiometer R10. Offset adjustment for A1 and A2 is provided to increase the accuracy of the voltage inputs. This circuit ensures a 1% log conformance error over an input current range of 300 pA to 1 mA, with low level accuracy limited by the AD548's input current. The low level input voltage accuracy of this circuit is limited by the input offset voltage and drift of the AD548.
Figure 10. Log Ratio Amplifier
-10-
REV. D
AD548
OUTLINE DIMENSIONS
Plastic Mini-DIP (N) Package
Dimensions shown in inches and (millimeters)
SOIC (R) Package
Dimensions shown in millimeters and (inches)
5.00 (0.1968) 4.80 (0.1890)
8 5 4
0.1574 (4.00) 0.1497 (3.80) PIN 1
1
6.20 (0.2440) 5.80 (0.2284)
1.27 (0.0500) BSC COPLANARITY 0.25 (0.0098) 0.10 (0.0040) SEATING PLANE 1.75 (0.0688) 1.35 (0.0532) 0.51 (0.0201) 0.33 (0.0130) 8 0.25 (0.0098) 0 0.19 (0.0075)
0.50 (0.0196) 0.25 (0.0099)
45
1.27 (0.0500) 0.41 (0.0160)
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN COMPLIANT TO JEDEC STANDARDS MS-012 AA
Revision History
Location Data Sheet changed from REV. C to REV. D. Page
Change to SOIC (R-8) Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Edits to FEATURES . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Deleted TO-99 CONNECTION DIAGRAM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Deleted AD548C from SPECIFICATIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Edits to ABSOLUTE MAXIMUM RATINGS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Deleted Metal Can from Figure 22 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 Deleted TO-99 (H) and Cerdip (Q) Packages from OUTLINE DIMENSIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
REV. D
-11-
-12-
C00510-0-5/02(D)
PRINTED IN U.S.A.
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of AD548AR-REEL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X