Part Number Hot Search : 
SK310 6713A D1877 28F160 M54583 2SC425 81600 MB39A1
Product Description
Full Text Search
 

To Download 4613K-101-2222BAA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
s s s s
Low profile provides compatibility with DIPs Also available in medium profile (4600S .250") and high profile (4600K - .350") Marking on contrasting background Custom circuits available per factory
4600T, S, K Series - Thin Film Conformal SIP
Product Characteristics Resistance Range Bussed ...................49.9 to 100K ohms Isolated ......................20 to 200K ohms Series.........................20 to 100K ohms Resistance Tolerance ............................0.1%, 0.5%, 1% Temperature Coefficient ....................100ppm/C, 50ppm/C, 25ppm/C Temperature Range ...................................-55C to +125C Insulation Resistance ..................10,000 megohms minimum TCR Tracking ..........................5ppm/C Environmental Characteristics Thermal Shock and Power Conditioning ......................0.1% Short Time Overload ...................... 0.1% Terminal Strength ........................ 0.25% Resistance to Soldering Heat ........ 0.1% Moisture Resistance ...................... 0.1% Life ................................................ 0.5% Physical Characteristics Body Material Flammability ...........................Conforms to UL94V-0 Body Material........................Epoxy resin Package POWER TEMPERATURE PACKAGEPower Temp. Derating Curve (Low Profile, CURVE (Low Profile, 4600T) DERATING 4600T)
1.75 1.50 1.25 1.00 .75 .50 .25 4614T 4612T 4610T 4608T 4606T
Product Dimensions
4600T
A MAXIMUM 5.08 (.200) MAX.
PIN #1 REF. MAX. 1.24 BOTH ENDS (.049) .508 .050 TYP. (.020 .002) 2.54 .07 (.100 .003*) TYP. NON-ACCUM. 2.49 MAX. (.098)
WATTS
3.43 + .38/ - .25 (.135 + .015/ - .010)
4604T
0
25
125 70 150 AMBIENT TEMPERATURE ( C )
.254 .050 TYP. (.010 .002)
Pin Count 4 5 6 7 8 9 10 11 12 13 14
A Maximum mm (Inches) 10.11 (.398) 12.65 (.498) 15.19 (.598) 17.73 (.698) 20.27 (.798) 22.81 (.898) 25.35 (.998) 27.89 (1.098) 30.43 (1.198) 32.97 (1.298) 35.51 (1.398)
HOW TO ORDER
46 11 T - 101 - 2222 F A B
Model (46 = Conformal SIP) Number of Pins Physical Config. *T = Low Profile Thin Film *S = Medium Profile Thin Film *K = High Profile Thin Film Electrical Configuration *101 = Bussed *102 = Isolated *106 = Series Resistance Code *First 3 digits are significant *Fourth digit represents the number of zeros to follow. Absolute Tolerance Code *B = 0.1% *F = 1% *D = 0.5% Temperature Coefficient Code *A = 100ppm/C *C = 25ppm/C *B = 50ppm/C Ratio Tolerance (Optional) *A = 0.05% to R1 *D = 0.5% to R1 *B = 0.1% to R1 Consult factory for other available options.
Package Power Ratings at 70C T S K 4604 ...... 0.50.......... 0.60........ 0.8 watts 4605 ...... 0.63.......... 0.75........ 1.0 watts 4606 ...... 0.75.......... 0.90........ 1.2 watts 4607 ...... 0.88.......... 1.05........ 1.4 watts 4608 ...... 1.00.......... 1.20........ 1.6 watts 4609 ...... 1.13.......... 1.35........ 1.8 watts 4610 ...... 1.25.......... 1.50........ 2.0 watts 4611 ...... 1.38.......... 1.65........ 2.2 watts 4612 ...... 1.50.......... 1.80........ 2.4 watts 4613 ...... 1.63.......... 1.95........ 2.6 watts 4614 ...... 1.75.......... 2.10........ 2.8 watts
Maximum package length is equal to 2.54mm (.100") times the number of pins, less .005mm (.002"). Governing dimensions are in metric. Dimensions in parentheses are inches and are approximate. *Terminal centerline to centerline measurements made at point of emergence of the lead from the body.
TYPICAL PART MARKING
Represents total content. Layout may vary.
PART NUMBER RESISTANCE CODE (4 DIGIT) PIN ONE INDICATOR CIRCUIT
4611K-101 2203BC * YYWW
ABSOLUTE TOLERANCE CODE DATE CODE
MANUFACTURER'S TRADEMARK
316
Specifications are subject to change without notice.
4600T, S, K Series - Thin Film Conformal SIP
Isolated Resistors (102 Circuit) Available in 4, 6, 8, 10, 12, 14, 16 Pin
ISOLATED RESISTORS 102 CIRCUIT
Bussed Resistors (101 Circuit) Available in 4 through 16 Pin
BUSSED RESISTORS 101 CIRCUIT
Series Circuit (106 Circuit) Available in 4 through 16 Pin
SERIES CIRCUIT 106 CIRCUIT
1
6
8
16
1
16
1
16
These models incorporate 2 to 8 isolated thin-film resistors of equal value, each connected between a separate pin. Power Rating per Resistor T ...............................................0.18 watt S ...............................................0.20 watt K ...............................................0.25 watt Resistance Range... ...20 to 200K ohms
These models incorporate 3 to 15 thin-film resistors of equal value, each connected between a separate pin.
These models incorporate 3 to 15 thin-film resistors of equal value, each connected in a series.
Power Rating per Resistor T ...............................................0.10 watt S ...............................................0.12 watt K ...............................................0.15 watt Resistance Range...49.9 to 100K ohms
Power Rating per Resistor T ...............................................0.10 watt S ...............................................0.12 watt K ...............................................0.15 watt Resistance Range .......20 to 100K ohms
Specifications are subject to change without notice.
317


▲Up To Search▲   

 
Price & Availability of 4613K-101-2222BAA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X