Part Number Hot Search : 
01380 26M50 84069 01380 38000 JS28F 250N06 24150
Product Description
Full Text Search
 

To Download 430P106X9100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type 430P
Vishay Sprague
Metalized Polyester Film Capacitors Wrap-and-Fill
FEATURES
* Economical * Extensive standard ratings * Rugged construction * Small size
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55C to + 85C. Capacitance Range: 0.0047F to 10.0F. Capacitance Tolerance: 20%, 10%, 5%. DC Voltage Rating: 50 WVDC to 600 WVDC. Dissipation Factor: 1.0% maximum. Voltage Test: 200% of rated voltage for 2 minutes. Insulation Resistance: At + 25C: 25,000 Megohm - Microfarads or 50,000 Megohm minimum. At + 85C: 1000 Megohm Microfarads or 2500 Megohm minimum. Vibration Test (Condition B): No mechanical damage, short, open or intermittent circuits.
PHYSICAL CHARACTERISTICS
Lead Pull: 5 pounds (2.3 kilograms) for one minute. No physical damage. Lead Bend: After three complete consecutive bends, no damage. Marking: Sprague(R) trademark, type or part number, capacitance and voltage. DC Life Test: 125% of rated voltage for 250 hours @ + 85C. No open or short circuits. No visible damage. Maximum CAP = 10%. Minimum IR = 50% of initial limit. Maximum DF = 1.25%. Humidity Test: 95% relative humidity @ + 40C for 250 hours, no visible damage. Maximum CAP 10%. Minimum IR = 20% of initial limit. Maximum DF = 2.0%.
DIMENSIONS in inches [millimeters]
1.750 [44.45] Min. L + 0.062 [1.57] - 0.031 [0.79] 1.750 [44.45] Min. D Max.
Solid Tinned Wire*
* Lead size: D Max. < 0.270 [6.86] 0.025 [0.64] (No. 22 AWG). D Max. 0.270 [6.86] 0.032 [0.81] (No. 20 AWG). Leads to be within 0.062" [1.57mm] of center line at egress but not less than 0.031" [0.79mm] from edge.
STANDARD RATINGS in inches [millimeters]
CAPACITANCE (F) PART NUMBER CASE SIZE D L
10% TOLERANCE
430P124X9050 430P154X9050 430P184X9050 430P224X9050 430P274X9050 430P334X9050 430P394X9050 430P474X9050 430P564X9050 430P684X9050 430P824X9050
5% TOLERANCE
50 WVDC 430P124X5050 430P154X5050 430P184X5050 430P224X5050 430P274X5050 430P334X5050 430P394X5050 430P474X5050 430P564X5050 430P684X5050 430P824X5050
LEAD AWG NO.
0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82
0.196 [4.98] 0.210 [5.33] 0.223 [5.66] 0.240 [6.10] 0.258 [6.55] 0.279 [7.09] 0.250 [6.35] 0.269 [6.83] 0.288 [7.32] 0.311 [7.90] 0.270 [6.86]
0.625 [15.88] 0.625 [15.88] 0.625 [15.88] 0.625 [15.88] 0.625 [15.88] 0.625 [15.88] 0.750 [19.05] 0.750 [19.05] 0.750 [19.05] 0.750 [19.05] 1.000 [25.40]
22 22 22 22 22 20 22 22 20 20 20
www.vishay.com 74
For technical questions, contact spresale@vishay.com
Document Number: 42025 Revision 13-Nov-03
Type 430P
Vishay Sprague
STANDARD RATINGS in inches [millimeters]
CAPACITANCE (F) 1.0 1.5 2.0 2.5 3.0 4.0 5.0 6.0 7.0 10.0 0.082 0.1 0.12 0.15 0.18 0.22* 0.27 0.33* 0.39 0.47 0.56 0.68 0.82 1.0* 1.5 2.0* 2.5 3.0 4.0 5.0 6.0 7.0* 10.0 0.047 0.056 0.068 0.082 0.10* 0.12 0.15 0.18 0.22* 0.27 0.33 0.39 0.47* 0.56 0.68* 0.82 1.0* 1.5 2.0* 2.5 3.0 4.0* 5.0 * These ratings are stocked. Document Number: 42025 Revision 13-Nov-03 For technical questions, contact spresale@vishay.com www.vishay.com 75
10% TOLERANCE
PART NUMBER 5% TOLERANCE 50 WVDC 430P105X9050 430P105X5050 430P155X9050 430P155X5050 430P205X9050 430P205X5050 430P255X9050 430P255X5050 430P305X9050 430P305X5050 430P405X9050 430P405X5050 430P505X9050 430P505X5050 430P605X9050 430P605X5050 430P705X9050 430P705X5050 430P106X9050 430P106X5050 100 WVDC 430P823X5100 430P823X9100 430P104X5100 430P104X9100 430P124X5100 430P124X9100 430P154X5100 430P154X9100 430P184X5100 430P184X9100 430P224X5100 430P224X9100 430P274X5100 430P274X9100 430P334X5100 430P334X9100 430P394X5100 430P394X9100 430P474X5100 430P474X9100 430P564X5100 430P564X9100 430P684X5100 430P684X9100 430P824X5100 430P824X9100 430P105X5100 430P105X9100 430P155X5100 430P155X9100 430P205X5100 430P205X9100 430P255X5100 430P255X9100 430P305X5100 430P305X9100 430P405X5100 430P405X9100 430P505X5100 430P505X9100 430P605X5100 430P605X9100 430P705X5100 430P705X9100 430P106X5100 430P106X9100 200 WVDC 430P473X9200 430P473X5200 430P563X9200 430P563X5200 430P683X9200 430P683X5200 430P823X9200 430P823X5200 430P104X9200 430P104X5200 430P124X9200 430P124X5200 430P154X9200 430P154X5200 430P184X9200 430P184X5200 430P224X9200 430P224X5200 430P274X9200 430P274X5200 430P334X9200 430P334X5200 430P394X9200 430P394X5200 430P474X9200 430P474X5200 430P564X9200 430P564X5200 430P684X9200 430P684X5200 430P824X9200 430P824X5200 430P105X9200 430P105X5200 430P155X9200 430P155X5200 430P205X9200 430P205X5200 430P255X9200 430P255X5200 430P305X9200 430P305X5200 430P405X9200 430P405X5200 430P505X9200 430P505X5200
CASE SIZE D 0.291 [7.39] 0.344 [8.74] 0.400 [10.16] 0.438 [11.13] 0.398 [10.11] 0.434 [11.02] 0.476 [12.09] 0.515 [13.08] 0.551 [14.00] 0.647 [16.43] 0.192 [4.88] 0.204 [5.18] 0.216 [5.49] 0.233 [5.92] 0.213 [5.41] 0.228 [5.79] 0.245 [6.22] 0.264 [6.71] 0.230 [5.84] 0.246 [6.25] 0.262 [6.65] 0.283 [7.19] 0.265 [6.73] 0.286 [7.26] 0.351 [8.92] 0.393 [9.98] 0.430 [10.92] 0.464 [11.79] 0.494 [12.55] 0.544 [13.82] 0.591 [15.01] 0.633 [16.08] 0.678 [17.22] 0.200 [5.08] 0.211 [5.36] 0.225 [5.72] 0.240 [6.10] 0.221 [5.61] 0.234 [5.94] 0.254 [6.45] 0.272 [6.91] 0.295 [7.49] 0.258 [6.55] 0.279 [7.09] 0.298 [7.57] 0.321 [8.15] 0.345 [8.76] 0.375 [9.53] 0.350 [8.89] 0.380 [9.65] 0.454 [11.53] 0.469 [11.91] 0.516 [13.11] 0.559 [14.20] 0.580 [14.73] 0.641 [16.28] L 1.000 [25.40] 1.000 [25.40] 1.000 [25.40] 1.000 [25.40] 1.250 [31.75] 1.500 [38.10] 1.500 [38.10] 1.500 [38.10] 1.500 [38.10] 1.500 [38.10] 0.625 [15.88] 0.625 [15.88] 0.625 [15.88] 0.625 [15.88] 0.750 [19.05] 0.750 [19.05] 0.750 [19.05] 0.750 [19.05] 1.000 [25.40] 1.000 [25.40] 1.000 [25.40] 1.000 [25.40] 1.250 [31.75] 1.250 [31.75] 1.250 [31.75] 1.250 [31.75] 1.250 [31.75] 1.250 [31.75] 1.500 [38.10] 1.500 [38.10] 1.500 [38.10] 1.500 [38.10] 1.750 [44.45] 0.625 [15.88] 0.625 [15.88] 0.625 [15.88] 0.625 [15.88] 0.750 [19.05] 0.750 [19.05] 0.750 [19.05] 0.750 [19.05] 0.750 [19.05] 1.000 [25.40] 1.000 [25.40] 1.000 [25.40] 1.000 [25.40] 1.000 [25.40] 1.000 [25.40] 1.250 [31.75] 1.250 [31.75] 1.250 [31.75] 1.500 [38.10] 1.500 [38.10] 1.500 [38.10] 1.750 [44.45] 1.750 [44.45]
LEAD AWG NO. 20 20 20 20 20 20 20 20 20 20 22 22 22 22 22 22 22 22 22 22 22 20 22 20 20 20 20 20 20 20 20 20 20 22 22 22 22 22 22 22 20 20 22 20 20 20 20 20 20 20 20 20 20 20 20 20
Type 430P
Vishay Sprague
STANDARD RATINGS in inches [millimeters]
CAPACITANCE (F) 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.10* 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.5 2.0 0.0047 0.0056 0.0068 0.0082 0.01 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.10* 0.12 0.15 0.18 0.22* 0.27 0.33 0.39 0.47* 0.56 0.68 * These ratings are stocked. PART NUMBER 5% TOLERANCE 400 WVDC 430P153X5400 430P183X5400 430P223X5400 430P273X5400 430P333X5400 430P393X5400 430P473X5400 430P563X5400 430P683X5400 430P823X5400 430P104X5400 430P124X5400 430P154X5400 430P184X5400 430P224X5400 430P274X5400 430P334X5400 430P394X5400 430P474X5400 430P564X5400 430P684X5400 430P824X5400 430P105X5400 430P155X5400 430P205X5400 600 WVDC 430P472X9600 430P562X9600 430P682X9600 430P822X9600 430P103X9600 430P123X9600 430P153X9600 430P183X9600 430P223X9600 430P273X9600 430P333X9600 430P393X9600 430P473X9600 430P563X9600 430P683X9600 430P823X9600 430P104X9600 430P124X9600 430P154X9600 430P184X9600 430P224X9600 430P274X9600 430P334X9600 430P394X9600 430P474X9600 430P564X9600 430P684X9600 430P472X5600 430P562X5600 430P682X5600 430P822X5600 430P103X5600 430P123X5600 430P153X5600 430P183X5600 430P223X5600 430P273X5600 430P333X5600 430P393X5600 430P473X5600 430P563X5600 430P683X5600 430P823X5600 430P104X5600 430P124X5600 430P154X5600 430P184X5600 430P224X5600 430P274X5600 430P334X5600 430P394X5600 430P474X5600 430P564X5600 430P684X5600 0.187 [4.75] 0.197 [5.00] 0.209 [5.31] 0.223 [5.66] 0.239 [6.07] 0.255 [6.48] 0.224 [5.69] 0.239 [6.07] 0.257 [6.53] 0.278 [7.06] 0.300 [7.62] 0.251 [6.38] 0.269 [6.83] 0.288 [7.32] 0.311 [7.90] 0.336 [8.53] 0.365 [9.27] 0.335 [8.51] 0.368 [9.35] 0.354 [8.99] 0.385 [9.78] 0.421 [10.69] 0.428 [10.87] 0.459 [11.66] 0.497 [12.62] 0.537 [13.64] 0.585 [14.86] 0.625 [15.88] 0.625 [15.88] 0.625 [15.88] 0.625 [15.88] 0.625 [15.88] 0.625 [15.88] 0.750 [19.05] 0.750 [19.05] 0.750 [19.05] 0.750 [19.05] 0.750 [19.05] 1.000 [25.40] 1.000 [25.40] 1.000 [25.40] 1.000 [25.40] 1.000 [25.40] 1.000 [25.40] 1.250 [31.75] 1.250 [31.75] 1.500 [38.10] 1.500 [38.10] 1.500 [38.10] 1.750 [44.45] 1.750 [44.45] 1.750 [44.45] 1.750 [44.45] 1.750 [44.45] 22 22 22 22 22 22 22 22 22 20 20 22 22 20 20 20 20 20 20 20 20 20 20 20 20 20 20 CASE SIZE D 0.186 [4.72] 0.197 [5.00] 0.210 [5.33] 0.224 [5.69] 0.241 [6.12] 0.256 [6.50] 0.275 [6.99] 0.248 [6.30] 0.266 [6.76] 0.286 [7.26] 0.310 [7.87] 0.268 [6.81] 0.293 [7.44] 0.315 [8.00] 0.342 [8.69] 0.322 [8.18] 0.350 [8.89] 0.337 [8.56] 0.364 [9.25] 0.393 [9.98] 0.402 [10.21] 0.434 [11.02] 0.472 [11.99] 0.563 [14.30] 0.640 [16.26] L 0.625 [15.88] 0.625 [15.88] 0.625 [15.88] 0.625 [15.88] 0.625 [15.88] 0.625 [15.88] 0.625 [15.88] 0.750 [19.05] 0.750 [19.05] 0.750 [19.05] 0.750 [19.05] 1.000 [25.40] 1.000 [25.40] 1.000 [25.40] 1.000 [25.40] 1.250 [31.75] 1.250 [31.75] 1.500 [38.10] 1.500 [38.10] 1.500 [38.10] 1.750 [44.45] 1.750 [44.45] 1.750 [44.45] 1.750 [44.45] 1.750 [44.45]
10% TOLERANCE
430P153X9400 430P183X9400 430P223X9400 430P273X9400 430P333X9400 430P393X9400 430P473X9400 430P563X9400 430P683X9400 430P823X9400 430P104X9400 430P124X9400 430P154X9400 430P184X9400 430P224X9400 430P274X9400 430P334X9400 430P394X9400 430P474X9400 430P564X9400 430P684X9400 430P824X9400 430P105X9400 430P155X9400 430P205X9400
LEAD AWG NO. 22 22 22 22 22 22 20 22 22 20 20 22 20 20 20 20 20 20 20 20 20 20 20 20 20
ORDERING INFORMATION
430P TYPE 124 CAPACITANCE This is expressed in picofarads. The first two digits are the significant figures. The third is the number of zeros to follow. Values must conform to the decade rating for the tolerance specified. www.vishay.com 76 X9 CAPACITANCE TOLERANCE X0 = 20% X9 = 10% X5 = 5% 050 DC VOLTAGE RATING This is expressed in volts. To complete the three-digit block, zeros precede the voltage rating.
For technical questions, contact spresale@vishay.com
Document Number: 42025 Revision 13-Nov-03


▲Up To Search▲   

 
Price & Availability of 430P106X9100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X