Part Number Hot Search : 
ACT9CSV MM5Z15B PC2508 LZ24BP LTC40 OBP02037 20H100 2KFKE
Product Description
Full Text Search
 

To Download 2SC5370 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC5370
Silicon NPN Epitaxial Planar Transistor sAbsolute maximum ratings (Ta=25C)
Symbol VCBO VCEO VEBO IC IB PC Tj Tstg 2SC5370 60 40 7 12 3 30(Tc=25C) 150 -55to+150 Unit V V V A A W C C
Application : Emergency Lighting Inverter and General Purpose
(Ta=25C) 2SC5370 10max 10max 40min 70min 0.3max 1.2max 90typ 120typ V V MHz pF
13.0min
sElectrical Characteristics
Symbol ICBO IEBO V(BR)CEO hFE VCE(sat) VBE(sat) fT COB hFE Rank Conditions VCB=60V VEB=7V IC=25mA VCE=2V, IC=6A IC=6A, IB=0.3A IC=6A, IB=0.3A VCE=12V, IE=-3A VCB=10V, f=1MHz
External Dimensions FM20(TO220F)
4.00.2 10.10.2 4.20.2 2.8 c0.5
Unit
A
V
16.90.3 8.40.2
A
1.350.15 1.350.15 0.85 +0.2 -0.1 0.45 +0.2 -0.1 2.54 2.20.2 2.40.2
O(70 to 140), Y(120 to 240), G(200 to 400)
2.54
3.9 BCE
0.2
0.80.2
a b
o3.30.2
Weight : Approx 2.0g a. Type No. b. Lot No.
135


▲Up To Search▲   

 
Price & Availability of 2SC5370

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X