Part Number Hot Search : 
MM3Z47VS SH7750 ERG3S 3BC402 RJK03 RPM713B6 N4740 TDA154
Product Description
Full Text Search
 

To Download 2SA1535A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SA1535, 2SA1535A
Silicon PNP epitaxial planar type
For low-frequency driver and high power amplification Complementary to 2SC3944 and 2SC3944A
Unit: mm
0.70.1 10.00.2 5.50.2 2.70.2 4.20.2 3.10.1 1.40.1 1.30.2 0.5 +0.2 -0.1 0.80.1 2.540.25 5.080.5 1 2 3 4.20.2
s Features
q q q
14.00.5
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to 2SA1535 2SA1535A 2SA1535 VCEO VEBO ICP IC PC Tj Tstg Symbol VCBO
(TC=25C)
Ratings -150 -180 -150 -180 -5 -1.5 -1 15 2.0 150 -55 to +150 Unit V
Solder Dip
4.0
Satisfactory foward current transfer ratio hFE vs. collector current IC characteristics High transition frequency fT Makes up a complementary pair with 2SC3944 and 2SC3944A, which is optimum for the driver-stage of a 60 to 100W output amplifier.
16.70.3
7.50.2
emitter voltage 2SA1535A Emitter to base voltage Peak collector current Collector current Collector power TC=25C dissipation Ta=25C Junction temperature Storage temperature
V V A A W C C
1:Base 2:Collector 3:Emitter TO-220 Full Pack Package(a)
s Electrical Characteristics
Parameter Collector cutoff current Collector to emitter voltage 2SA1535 2SA1535 2SA1535A
(TC=25C)
Symbol ICBO VCEO VEBO hFE1* hFE2 VCE(sat) VBE(sat) fT Cob Conditions VCB = -150V, IE = 0 IC = -1mA, IB = 0 IC = -100A, IB = 0 IE = -10A, IC = 0 VCE = -10V, IC = -150mA VCE = -5V, IC = -500mA IC = -500mA, IB = -50mA IC = -500mA, IB = -50mA VCE = -10V, IC = -50mA, f = 10MHz VCB = -10V, IE = 0, f = 1MHz -150 -180 -5 90 50 160 100 - 0.5 -1.0 200 30 50 -2.0 -2.0 V V MHz pF 220 min typ max -10 Unit A V V
Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Collector output capacitance
*h FE1
Rank classification
Q 90 to 155 R 130 to 220
Rank hFE1
1
Power Transistors
PC -- Ta
Collector to emitter saturation voltage VCE(sat) (V)
32
2SA1535, 2SA1535A
VCE(sat) -- IC
Base to emitter saturation voltage VBE(sat) (V)
-3 IC/IB=10 -10
VBE(sat) -- IC
IC/IB=10
Collector power dissipation PC (W)
Without heat sink 28 24 20 16 12 8 4 0 0 20 40 60 80 100 120 140 160
-1
-3 TC=-25C 100C 25C
-1
- 0.3 25C
TC=100C -25C
- 0.3
- 0.1
- 0.1
- 0.03
- 0.03
- 0.01 - 0.01
- 0.03
- 0.1
- 0.3
-1
- 0.01 - 0.01 - 0.03
- 0.1
- 0.3
-1
-3
Ambient temperature Ta (C)
Collector current IC (A)
Collector current IC (A)
hFE -- IC
400 1000 VCE=-10V
fT -- IE
100 VCB=-10V f=10MHz TC=25C 300
Cob -- VCB
Collector output capacitance Cob (pF)
IE=0 f=1MHz TC=25C 80
Forward current transfer ratio hFE
300 TC=-25C 100 100C 30
25C
Transition frequency fT (MHz)
60
200
40
10
100
20
3
1 - 0.01 - 0.03
- 0.1
- 0.3
-1
-3
0 0.01
0.03
0.1
0.3
1
0 -1
-3
-10
-30
-100
Collector current IC (A)
Emitter current IE (A)
Collector to base voltage VCB (V)
Area of safe operation (ASO)
-10 -3 Single pulse TC=25C ICP t=1ms IC
Collector current IC (A)
-1
- 0.3 - 0.1 - 0.03 - 0.01
10ms
- 0.003 - 0.001 -1
-3
-10
-30
-100 -300 -1000
Collector to emitter voltage VCE (V)
2
2SA1535A
2SA1535
t=<50s
DC


▲Up To Search▲   

 
Price & Availability of 2SA1535A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X