Part Number Hot Search : 
X1000 DG529 MAX197BC SN102 BSV24 B200022 SN102 BA158
Product Description
Full Text Search
 

To Download 2N7002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N7002
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR Features
* * * * * Low On-Resistance: RDS(ON) Low Gate Threshold Voltage Low Input Capacitance Fast Switching Speed Low Input/Output Leakage
G E D G H K J L M
SOT-23
A D TOP VIEW B S C
Dim A B C D E G H J K L M
Min 0.37 1.19 2.10 0.89 0.45 1.78 2.65 0.013 0.89 0.45 0.076
Max 0.51 1.40 2.50 1.05 0.61 2.05 3.05 0.15 1.10 0.61 0.178
Mechanical Data
* * * * * Case: SOT-23, Molded Plastic Terminals: Solderable per MIL-STD-202, Method 208 Terminal Connections: See Diagram Marking: K72, K7A Weight: 0.008 grams (approx.)
All Dimensions in mm
Maximum Ratings
Drain-Source Voltage
@ TA = 25C unless otherwise specified Symbol VDSS VDGR Continuous Pulsed Continuous Continuous @ 100C Pulsed VGSS ID Pd RqJA Tj, TSTG Value 60 60 20 40 115 73 800 200 1.60 625 -55 to +150 Units V V V mA mW mW/C C/W C
Characteristic Drain-Gate Voltage RGS 1.0MW Gate-Source Voltage Drain Current (Note 1) Total Power Dissipation (Note 1) Derating above TA = 25C Thermal Resistance, Junction to Ambient Operating and Storage Temperature Range
Note: 1. Valid provided that terminals are kept at specified ambient temperature. 2. Short duration test pulse used to minimize self-heating effect.
DS11303 Rev. K-2
1 of 3
2N7002
Electrical Characteristics
Characteristic OFF CHARACTERISTICS (Note 2) Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate-Body Leakage ON CHARACTERISTICS (Note 2) Gate Threshold Voltage Static Drain-Source On-Resistance On-State Drain Current Forward Transconductance DYNAMIC CHARACTERISTICS Input Capacitance Output Capacitance Reverse Transfer Capacitance SWITCHING CHARACTERISTICS Turn-On Delay Time Turn-Off Delay Time
@ TA = 25C unless otherwise specified Symbol BVDSS @ TC = 25C @ TC = 125C IDSS IGSS VGS(th) @ Tj = 25C @ Tj = 125C RDS (ON) ID(ON) gFS Ciss Coss Crss tD(ON) tD(OFF) Min 60 3/4 3/4 1.0 3/4 0.5 80 3/4 3/4 3/4 3/4 3/4 Typ 70 3/4 3/4 3/4 3.2 4.4 1.0 3/4 22 11 2.0 7.0 11 Max 3/4 1.0 500 10 2.5 7.5 13.5 3/4 3/4 50 25 5.0 20 20 Unit V A nA V W A mS pF pF pF ns ns Test Condition VGS = 0V, ID = 10mA VDS = 60V, VGS = 0V VGS = 20V, VDS = 0V VDS = VGS, ID =-250mA VGS = 5.0V, ID = 0.05A VGS = 10V, ID = 0.5A VGS = 10V, VDS = 7.5V VDS =10V, ID = 0.2A
VDS = 25V, VGS = 0V f = 1.0MHz
VDD = 30V, ID = 0.2A, RL = 150W, VGEN = 10V, RGEN = 25W
Note: 1. Valid provided that terminals are kept at specified ambient temperature. 2. Short duration test pulse used to minimize self-heating effect.
DS11303 Rev. K-2
2 of 3
2N7002
1.0
DRAIN-SOURCE ON-RESISTANCE (W)
0.8
ID, DRAIN-SOURCE CURRENT (A)
RDS(ON), NORMALIZED
0.6
VGS = 10V 9.0V 8.0V 7.0V 6.5V 6.0V 5.0V 4.5V 4.0V 3.5V 3.0V 2.5V 2.0/1.0V
7
Tj = 25C
6 5
VGS = 5.0V
5.5V
4 3 2 1 0
5.0V 0.4
VGS = 10V
0.2
0
0
1
2
3
4
5
0
0.2
0.4
0.6
0.8
1.0
VDS, DRAIN-SOURCE VOLTAGE (V) Fig. 1 On-Region Characteristics
ID, DRAIN CURRENT (A) Fig. 2 On-Resistance vs Drain Current
3.0
6
DRAIN-SOURCE ON-RESISTANCE (W)
DRAIN-SOURCE ON-RESISTANCE (W)
5 4
ID = 50mA
RDS(ON), NORMALIZED
2.5
RDS(ON), STATIC
ID = 500mA
2.0
3 2
1.5
VGS = 10V, ID = 200mA
1 0
1.0 -55
-30
-5
20
45
70
95
120
145
0
2
4
6
8
10
12
14
16
18
Tj, JUNCTION TEMPERATURE (C) Fig. 3 On-Resistance vs Junction Temperature
10
VGS, GATE TO SOURCE VOLTAGE (V) Fig. 4 On-Resistance vs. Gate-Source Voltage
VGS, GATE SOURCE CURRENT (V)
9 8 7 6 5 4 3 2 1 0 0
VDS = 10V
TA = +125C
TA = +75C
TA = -55C
TA = +25C
0.2
0.4
0.6
0.8
1
DS11303 Rev. K-2
ID, DRAIN CURRENT (A) Fig. 5 Typical Transfer Characteristics
3 of 3
2N7002


▲Up To Search▲   

 
Price & Availability of 2N7002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X