Part Number Hot Search : 
20M45 NVFMCZ AUSCD12H 70M6T 15161450 SBT6045 L12PFI L12PFI
Product Description
Full Text Search
 

To Download 2N3904 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
2N3904
NPN Silicon Transistor
Descriptions
* General small signal application * Switching application
Features
* Low collector saturation voltage * Collector output capacitance * Complementary pair with 2N3906
Ordering Information
Type NO. 2N3904 Marking 2N3904 Package Code TO-92
Outline Dimensions
3.450.1 4.50.1 2.250.1
unit : mm
4.50.1
0.40.02
2.060.1
14.00.40
1.27 Typ. 2.54 Typ.
123
PIN Connections 1. Emitter 2. Base 3. Collector
1.200.1
0.38
KST-9010-000
1
2N3904
Absolute maximum ratings
Characteristic
Collector-Base voltage Collector-Emitter voltage Emitter-base voltage Collector current Collector dissipation Junction temperature Storage temperature range
Ta=25C
Symbol
VCBO VCEO VEBO IC PC Tj Tstg
Ratings
60 40 6 200 625 150 -55~150
Unit
V V V mA mW C C
Electrical Characteristics
Characteristic
Collector-Base breakdown voltage Collector-Emitter breakdown voltage Emitter-Base breakdown voltage Collector cut-off current DC current gain Collector-Emitter saturation voltage Transition frequency Collector output capacitance Delay time Rise time Storage time Fall Time
Ta=25C
Symbol
BVCBO BVCEO BVEBO ICEX hFE VCE(sat) fT Cob td tr ts tf
Test Condition
IC=10A, IE=0 IC=1mA, IB=0 IE=10A, IC=0 VCE=30V, VEB=3V VCE=1V, IC=10mA IC=50mA, IB=5mA VCE=20V, IC=10mA, f=100MHz VCB=5V, IE=0, f=1MHz VCC=3Vdc, VBE(off)=0.5Vdc. IC=10mAdc, IB1=1mAdc VCC=3Vdc,IC=10mAdc, IB1=IB2=1mAdc
Min.
60 40 6 100 300 -
Typ. Max.
50 300 0.3 4 35 35 200 50
Unit
V V V nA V MHz pF ns ns ns ns
KST-9010-000
2
Electrical Characteristic Curves
Fig. 1 PC-Ta Fig. 2 hFE-IC
2N3904
Fig. 3 VCE(sat)-IC
KST-9010-000
3


▲Up To Search▲   

 
Price & Availability of 2N3904

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X