Part Number Hot Search : 
2SA101 A0016 BCR166W WM8746 00AXI AM3962NE Z1608B WM8746
Product Description
Full Text Search
 

To Download UPC3221GV-E1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NEC's GENERAL PURPOSE 5 V UPC3221GV AGC AMPLIFIER
FEATURES
* ON-CHIP LOW DISTORTION AMPLIFIER: IIP3 = +2.5 dBm at minimum gain * WIDE AGC DYNAMIC RANGE: GCR = 50 dB TYP * ON-CHIP VIDEO AMPLIFIER: VOUT = 1.0 VP-P at single-ended output * SUPPLY VOLTAGE: VCC = 5 V * PACKAGED IN 8 PIN SSOP SUITABLE FOR SURFACE MOUNTING * LOW NOISE FIGURE: 4.2 dB TYP
INTERNAL BLOCK DIAGRAM AND PIN CONFIGURATION
VCC 1
AGCAMP
VideoAMP
8
GND1
IN1 IN2
2 3 AGC Cont.
PACKAGE OUTLINE S08
8 7 6 5
7 OUT1 6 5
OUT2 GND2
VAGC 4
DESCRIPTION
Nec's UPC3221GV is a Silicon Monolithic IC designed for use as an AGC Amplier for digital CATV, cable modem and IP telephony systems. This IC consists of a two stage gain control amplier and a xed gain video amplier. The device provides a differential input and differential output for noise performance, which eliminates shielding requirements. The package is 8-pin SSOP (Shrink Small Outline Package) suitable for surface mount. This IC is manufactured using NEC's 10 GHz fT NESAT AL silicon bipolar process. This process uses silicon nitride passivation lm. This material can protect chip surface from external pollution and prevent corrosion/migration. Thus, this IC has excellent performance, uniformity and reliability. NEC's stringent quality assurance and test procedures ensure the highest reliability and performance.
3221
N 1 2 3 3.0 MAX 4
All dimensions are typical unless specied otherwise.
APPLICATIONS
* * * Digital CATV Cable modem receivers IP Telephony receivers
ELECTRICAL CHARACTERISTICS
(TA = 25C, VCC = 5 V, ZS = 1K, ZL = 1K, fIN = 45 MHz, single-ended output), unless otherwise noted PART NUMBER PACKAGE OUTLINE SYMBOLS DC Characteristics ICC IAGC (H) VAGC (H) VAGC (L) GMAX GMID1 Circuit Current1 (no input signal) AGC Pin Current1, No input Signal, VAGC = 3.5 V AGC Voltage High Level1, at Maximum gain AGC Voltage Low Level1, at Minimum gain mA V V V 26 - 3.0 0 33 16 - - 41 50 3.5 0.5 PARAMETERS AND CONDITIONS UNITS MIN UPC3221GV S08 TYP MAX
RF Characteristics Maximum Gain1 , VAGC = 3.0 V, Pin = -60 dBm Middle Gain 11, VAGC = 2.2 V, Pin = -60 dBm dB dB 57 47.5 60 50.5 63 53.5
California Eastern Laboratories
UPC3221GV ELECTRICAL CHARACTERISTICS, cont.
(TA = 25C, VCC = 5 V, fIN = 45 MHz, ZS = 50, ZL = 250,single-ended output), unless otherwise noted PART NUMBER PACKAGE OUTLINE SYMBOLS RF Characteristics GMID2 GMIN GCRin GCRout Gslope Voclip NF IM3 1 IM3 2 G Middle Gain 21, VAGC = 1.2 V, PIN = -30 dBm Minimum Gain1, VAGC = 0.5 V, PIN = -30 dBm Gain Control Range Input1, VAGC = 0.5 to 3.0 V dB dB dB dB dB VP-P dB dBc dBc dB 18 6 43 36 26.5 2.0 - 43 50 -0.5 21 10 50 40 29.5 2.8 4.2 47 56 0 24 14 - - 32.5 - 5.7 - - +0.5 PARAMETERS AND CONDITIONS UNITS MIN UPC3221GV S08 TYP MAX
Gain Control Range Output1, Vout = 1.0 Vp-p Gain Control Slope1, Gain (at VAGC = 2.2 V) - Gain (at VAGC = 1.2 V) Maximum Output Voltage1, VAGC = 3.0 V at maximum gain Noise Figure3, VAGC = 3.0 V at maximum gain
Third Order Intermodulation Distortion1, fIN1 = 44 MHz, fIN2 = 45 MHz, PIN = -30 dBm/tone, Vout = 0.7 Vp-p/tone at single ended output, ZL = 250 Third Order Intermodulation Distortion1 2, fIN1 = 44 MHz, fIN2 = 45 MHz, VAGC = 3.0 V at maximum gain, Vout = 0.7 Vp-p/tone at single ended output, ZL = 250 Gain1,2, VAGC = 3.0 V, Pin = -60 dBm, ZL = 250 , G = G at, Pout1-G at Pout2
STANDARD CHARACTERISTICS (TA = 25C, VCC = 5 V, ZS = 50), unless otherwise noted
PART NUMBER PACKAGE OUTLINE SYMBOLS PARAMETERS NF2 NF3 Vout Zin Zout IIP3 GAIN Recuction3 = -10 dB GAIN Recuction3 = -20 dB Pin1 = -56 to -16 dBm Input Impedance4 = 0.5 V, f = 45 MHz Point1 Output Impedance4 = 0.5 V, f = 45 MHz 3rd Order Input Intercept = VAGC = 0.5 V at minmum gain, f1 = 44 MHz, f2 = 45 MHz, ZL = 250 at single ended output UNITS dB dB Vp-p dBm UPC3221GV S08 REFERENCE VALUE 6.0 9.5 1.0 0.9k - j1.4k 9.0+j1.9 +2.5
Note: 1. By measurement Circuit 1 2. By measurement Circuit 2 3. By measurement Circuit 3 4. By measurement Circuit 4
ABSOLUTE MAXIMUM RATINGS1,2
(TA = 25C, VCC = 5 V, ZS = 50 , unless otherwise specied) SYMBOLS PARAMETERS VCC VAGC (H) PD TA TSTG Voltage Current AGC Voltage Power Dissipation2 Operating Ambient Temp.1 Operating Ambient Temp.1 UNITS V V mW C C RATINGS 6.0 0 to VCC 250 -40 to +85 -55 to +150
RECOMMENDED OPERATING CONDITIONS
SYMBOL VCC TA VAGC fBW PARAMETER Supply Voltage Operating Ambient Temp.1 Gain Control Voltage Range Video Input Signal Range UNITS MIN V C V dBmV 4.5 -40 0 10 TYP 5.0 +25 - 45 MAX 5.5 +85 3.5 100
Notes: 1. Operation in excess of any one of these parameters may result in permanent damage. 2. Mounted on a 50 x 50 x 1.6 mm epoxy glass PWB, with copper patterning on both sides, TA = 85C
Note: 1. VCC = 4.5 to 5.5 V
UPC3221GV PIN EXPLANATIONS
Pin No. 1 Name VCC Applied Voltage (v) 4.5 to 5.5 Pin Voltage (v)1 Power supply pin. This pin should be externally equipped with bypass capacitor to minimize ground impedance. 1.29 Signal input pins of AGC amplier.
1
Description
Internal Equivalent Circuit
2
INPUT1
3
INPUT2
1.29
AGC Control
2
5
3
4
VAGC
0 to VCC
Gain control pin. This pin's bias govern the AGC output level. Minimuim Gain at VAGC = 0.5 V Maximum Gain at VAGC = 3 to 3.5 V Recommended to use by dividing AGC voltage with external resistor (ex. 1k) Ground pin. This pin should be connected to system ground with minimum inductance. Ground pattern on the board should be formed as wide as possible. 2.28 Signal output pins of video amplier
1
4
AGC Amp
5
5
GND 2
0
6
OUTPUT2
1
7
OUTPUT1
2.28
7 6
8
8
GND 1
0
Ground pin. This pin should be connected to system ground with minimum inductance. Ground pattern on the board should be formed as wide as possible. All ground pins must be connected together with wide ground pattern to decrease impedance difference.
Note: 1. PIN is measured at VCC = 5 V
UPC3221GV MEASUREMENT CIRCUIT 1
VCC (V)
1f Signal Generator 50 3 1f 4 VAGC(V) 1k 1f AGC Control 5 6 1f 200 50 Note 1 1f 2 AGCAMP VideoAMP 8 1f 7 200 Spectrum Analyzer 50
Note: Balun Transformer : TOKO 617DB-1010 B4F (Double balanced type)
MEASUREMENT CIRCUIT 2
VCC (V)
1f Signal Generator 50 3 1f 4 VAGC(V) 1k 1f AGC Control 5 6 1f 200 Spectrum Analyzer 50 1 Note 1f 2 AGCAMP VideoAMP 8 1f 7 200
Note: Balun Transformer : TOKO 617DB-1010 B4F (Double balanced type)
UPC3221GV MEASUREMENT CIRCUIT 3
VCC (V)
1f 1 Note 1f 2 3 1f 4 VAGC(V) 1k 1f AGC Control 5 AGCAMP VideoAMP 8 1f 7 6 1f 200 50 200
NF Meter Noise Source 50
Note: Balun Transformer : TOKO 617DB-1010 B4F (Double balanced type)
MEASUREMENT CIRCUIT 4
VCC (V) 1f 1 1f 2 3 1f 50 VAGC(V) 1k 1f 4 AGC Control 5 AGCAMP VideoAMP 8 1f 7 6 1f 50
Network Analyzer 50 50
UPC3221GV OUTLINE DIMENSIONS (Units in mm)
PACKAGE OUTLINE S08
8 7 6 5
Detail of Lead End N
1
2 3 3.0 MAX
4 +0.10 0.15 -0.05
3 -3
+7
4.940.2 3.20.1
0.870.2
1.50.1 1.8 MAX
0.10.1
0.65 +0.10 0.3 -0.05
0.50.2 0.575 MAX
0.15
All dimensions are typical unless specied otherwise.
ORDERING INFORMATION
PART NUMBER UPC3221GV-E1 QUANTITY 1 kp/reel
Note: Embossed tape 8 mm wide. Pin 1 indicates pull-out direction of tape.
Life Support Applications These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and agree to fully indemnify CEL for all damages resulting from such improper use or sale.
07/28/2003


▲Up To Search▲   

 
Price & Availability of UPC3221GV-E1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X