Part Number Hot Search : 
L1018 93S66DW B2010 AOT8N50 MBR120 621518 ST6210L OP37E
Product Description
Full Text Search
 

To Download UPC2260 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
BIPOLAR ANALOG INTEGRATED CIRCUIT
PC2260
LOW DROPOUT VOLTAGE REGULATOR WITH SYSTEM RESET PIN
DESCRIPTION
The PC2260 is a 500 mA maximum output current low dropout voltage regulator with a reset pin that outputs a reset signal when a drop in the output voltage is detected, and a reset signal output timing adjustment pin. The output voltage is 5 V, and the minimum voltage difference between input and output is extremely low, making this product ideal for use in the power supply circuits of systems with built-in battery-driven microprocessors. Because the reverse leakage current of this power supply is about 10 A even if a voltage is applied to the output pin when the input voltage is cut off, a reverse protection diode is not necessary even in systems requiring battery backup.
FEATURES
* Outputs reset signal (active low) when the output voltage drops. * Power on reset constant can be set by attaching a single capacitor. * Low minimum voltage difference between input and output VDIF = 0.5 V TYP (when IO = 500 mA) . * Low reverse current leakage during back up IOLK = 10 A MAX. (at VIN = 0 V, VO = 5 V, 0C TJ 125C)
PIN CONFIGURATION (Marking Side)
5-pin plastic V-DIP (V) PC2260V
1: INPUT 2: RESET 12345 3: GND 4: DELAY CAPACITOR 5: OUTPUT
ORDERING INFORMATION
Part Number Package 5-pin plastic V-DIP (V)
PC2260V
The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability and additional information.
Document No. G14901EJ2V0DS00 (2nd edition) Date Published June 2000 NS CP (K) Printed in Japan
(c)
2000
PC2260
BLOCK DIAGRAM
INPUT
Start-up circuit
Reference voltage circuit
Safe operating area protection Error amplifier Drive circuit OUTPUT Leakage protection circuit Reset circuit Over current protection circuit GND DELAY CAPACITOR 3 k RESET
Thermal shut down circuit
2
Data Sheet G14901EJ2V0DS00
PC2260
ABSOLUTE MAXIMUM RATINGS (TA = +25 C, unless otherwise specified.)
Parameter Input Voltage Reset Pin Applied Voltage Total Power Dissipation (TC = 25C) Operating Ambient Temperature Operating Junction Temperature Storage Temperature Thermal Resistance (Junction to Case) Thermal Resistance (Junction to Ambient Air) Rth (J-A) 83 C/W Symbol VIN VRST PT TA TJ Tstg Rth (J-C) Ratings -0.3 to +35 -0.3 to +35 20
Note
Unit V V W C C C C/W
-20 to +85 -20 to +150 -55 to +150 4
Note The total loss is limited by an internal circuit. Where TJ > 150C, an internal protection circuit cuts off the output.
Caution Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any parameter. That is the absolute maximum ratings are rated values at which the product is on the verge of suffering physical damage, and therefore the product must be used under conditions that ensure that the absolute maximum ratings are not exceeded.
TYPICAL CONNECTION
INPUT 1 4 CIN 0.33 F DELAY CAPACITOR CDLY 3 5 2 D CO 47 F Backup capacitor Reset output (active low) OUTPUT
GND RESET
CIN : 0.1 F to 0.47 F. Determine the capacitance depending on the line between the power supply smoothing circuit and input pin. Be sure to connect this capacitor to prevent abnormal oscillation. Use of a capacitor, such as a film capacitor, with excellent voltage and temperature characteristics is recommended. Note that some laminated ceramic capacitors have poor temperature and voltage characteristics. When using a laminated ceramic capacitor, the capacitance must be stable in the voltage and temperature ranges used. CO : Must be 47 F or more. Be sure to connect this capacitor to prevent oscillation and to improve transient load stability. Connect CIN and CO as close to the IC (within 1 to 2 cm) as possible. When using this product below 0C, select an electrolytic capacitor with low impedance characteristics. D : Connect Schottky barrier diode (with a low forward voltage) if the voltage on the OUTPUT pin is lower than that on the GND pin.
Data Sheet G14901EJ2V0DS00
3
PC2260
RECOMMENDED OPERATING CONDITIONS
Parameter Input Voltage Output Current Operating Junction Temperature Symbol VIN IO TJ MIN. 6 5 -20 TYP. MAX. 20 500 +125 Unit V mA C
Caution The recommended operating range may be exceeded without causing any problems provided that the absolute maximum ratings are not exceeded. However, if the device is operated in a way that exceeds the recommended operating conditions, the margin between the actual conditions of use and the absolute maximum ratings is small, and therefore thorough evaluation is necessary. The recommended operating conditions do not imply that the device can be used with all values at their maximum values.
ELECTRICAL CHARACTERISTICS (TJ = 25 C, VIN = 9 V, IO = 350 mA, CIN = 0.33 F, CO = 47 F, unless otherwise specified.)
Parameter Output Voltage Symbol VO 6 V VIN 20 V, 5 mA IO 500 mA, 0 C TJ 125 C Line Regulation Load Regulation Operating Circuit Current REGIN REGL IBIAS 6.5 V VIN 20 V 5 mA IO 500 mA IO = 0 A IO = 500 mA Operating Circuit Current Change Output Noise Voltage Ripple Rejection Dropout Voltage Peak Output Current Temperature Coefficient of Output Voltage OFF Output Leakage Current Reset Output Voltage (High Level) Reset Output Voltage (Low Level) IOLK VRSTH VRSTL VIN = 0 V, VO = 5 V, 0 C TJ 125 C IRSTH = 100 A, 0 C TJ 125 C Reset output is active (low level), IRSTL = 1.6 mA, 0 C TJ 125 C Reset Output Leakage Current Output Voltage to Output Reset Signal Reset Output Delay Time td CDLY = 0.1 F, 0 C TJ 125 C 30 ms IRLK VO(RST) VO(RST) VO, 0 C TJ 125 C 0 C TJ 125 C VO - 0.2 10 VO - 0.1 VO - 0.5 0.6 0.8 10 5 10 2 50 50 5 30 10 130 56 65 0.5 0.7 IO = 5 mA, 0 C TJ 125 C 0.95 0.4 0.8 1.2 mV mV mA mA mA Test Conditions MIN. 4.8 4.75 TYP. 5.0 MAX. 5.2 5.25 Unit V V
IBIAS
Vn R*R VDIF IO peak
6.5 V VIN 20 V, IO = 500 mA 10 Hz f 100 kHz f = 120 Hz, 6.5 V VIN 16.5 V IO = 500 mA
Vr.m.s.
dB V A mV/C
VO/ T
A
V V
A
V
4
Data Sheet G14901EJ2V0DS00
PC2260
RESET OUTPUT RESPONSE CHARACTERISTICS
VO OUTPUT 0V VRSTH RESET VRSTL td td
VO(RST)
. Remark td = 30 ms TYP at CDLY = 0.1 F
Data Sheet G14901EJ2V0DS00
5
PC2260
TYPICAL CHARACTERISTIC (TJ = +25 C, unless otherwise specified. Nominal)
PT vs TA
25 100
VO vs TJ
VO - Output Voltage Deviation - mV
80 60 40 20 0 -20 -40 -60
VIN = 9 V, IO = 5 mA
PT - Total Power Dissipation - W
with infinite heatsink
20
15
with 10 C/W heatsink
10
5
without heatsink
0
25 50 75 100 125 150 TA - Operating Ambient Temperature - C
-80 -100 -25
75 100 125 150 0 25 50 TJ - Operating Junction Temperature - C
6 VO - Output Voltage - V IO = 5 mA 5 4 3 2 1 0 1 2 3 4 5 6 7 8 9 10 IO = 350 mA IO = 500 mA
IBIAS - Operating Circuit Current - mA
VO vs VIN
IBIAS vs VIN
60 50 40 30 20 10 0 2 4 6 8 10 IO = 500 mA IO = 350 mA IO = 5 mA
12
14
16
18
20
VIN - Input Voltage - V
VIN - Input Voltage - V
80 RR - Ripple Rejection - dB 70 60 50 40 30 20 10 100
RR vs f
6.5 V VIN 16.5 V IO = 350 mA 80 RR - Ripple Rejection - dB 70 60 50 40 30 20 1k 10k f - Frequency - Hz 100k 0 100
RR vs IO
6.5 V VIN 16.5 V f = 120 Hz 200 300 400 IO - Output Current - mA 500
6
Data Sheet G14901EJ2V0DS00
PC2260
IO peak vs (VIN - VO)
1.5 IO peak - Peak Output Current - A 1000
td vs CDLY
TJ = 0 C 1.0 TJ = 25 C TJ = 85 C
td - Reset Output Delay Time - ms
100
10
0.5
TJ = 125 C
1
0
5 10 15 20 VIN - VO - Input-Output Voltage Difference - V
0.1 0.001
0.1 1 0.01 CDLY - Delay Capacitance - F
10
VRST vs VIN
7 VRST - Reset Output Voltage - V VRST - Reset Output Voltage - V 6 5 4 3 2 IO = 500 mA 1 0 1 2 3 4 5 6 7 8 VIN - Input Voltage -V 9 10 IO = 5 mA IO = 350 mA 7 6 5 4
VRST vs VO
IO = 500 mA 3 IO = 350 mA 2 1 IO = 5 mA 0 1 2 3 4 5 VO - Output Voltage - V 6 7
VRST vs VIN, VRST vs VO CHARACTERISTICS MEASUREMENT CIRCUIT
INPUT 1 4 CIN 0.33 F DELAY CAPACITOR 3 GND 5 2 3 k RESET CO 47 F OUTPUT
Data Sheet G14901EJ2V0DS00
7
PC2260
PACKAGE DRAWING
5-PIN PLASTIC V-DIP (V)
A E N P
L
M D 1 5 K
Q
T
F
G
M
S U V W X
H
NOTE
J I
ITEM A D E F G H I J K L M N P Q S T U V W X MILLIMETERS 10.4 MAX. 17.750.7
Each lead centerline is located within 0.25 mm of its true position (T.P.) at maximum material condition.
3.60.1
0.750.1 0.25 3.4 1.7 1.7 MAX. 5.0 MIN. 6.5 8.5 4.60.2 1.30.1 21.15 MAX. 4.750.7 4.30.7 2.80.2 0.450.1 3.9 4.250.5 P5VP-340B3-3
8
Data Sheet G14901EJ2V0DS00
PC2260
RECOMMENDED SOLDERING CONDITIONS
When soldering this product, it is highly recommended to observe the conditions as shown below. If other soldering processes are used, or if the soldering is performed under different conditions, please make sure to consult with our sales offices. For more details, refer to our document "Semiconductor Device Mounting Technology Manual" (C10535E). Type of Through-hole Device
PC2260V : 5-pin plastic V-DIP (V)
Process Wave soldering (only to leads) Conditions Solder temperature: 260C or below, Flow time: 10 seconds or less.
Caution For through-hole device, the wave soldering process must be applied only to leads, and make sure that the package body does not get jet soldered.
Data Sheet G14901EJ2V0DS00
9
PC2260
[MEMO]
10
Data Sheet G14901EJ2V0DS00
PC2260
[MEMO]
Data Sheet G14901EJ2V0DS00
11
PC2260
* The information in this document is current as of June, 2000. The information is subject to change without notice. For actual design-in, refer to the latest publications of NEC's data sheets or data books, etc., for the most up-to-date specifications of NEC semiconductor products. Not all products and/or types are available in every country. Please check with an NEC sales representative for availability and additional information. * No part of this document may be copied or reproduced in any form or by any means without prior written consent of NEC. NEC assumes no responsibility for any errors that may appear in this document. * NEC does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from the use of NEC semiconductor products listed in this document or any other liability arising from the use of such products. No license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC or others. * Descriptions of circuits, software and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. The incorporation of these circuits, software and information in the design of customer's equipment shall be done under the full responsibility of customer. NEC assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. * While NEC endeavours to enhance the quality, reliability and safety of NEC semiconductor products, customers agree and acknowledge that the possibility of defects thereof cannot be eliminated entirely. To minimize risks of damage to property or injury (including death) to persons arising from defects in NEC semiconductor products, customers must incorporate sufficient safety measures in their design, such as redundancy, fire-containment, and anti-failure features. * NEC semiconductor products are classified into the following three quality grades: "Standard", "Special" and "Specific". The "Specific" quality grade applies only to semiconductor products developed based on a customer-designated "quality assurance program" for a specific application. The recommended applications of a semiconductor product depend on its quality grade, as indicated below. Customers must check the quality grade of each semiconductor product before using it in a particular application. "Standard": Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots "Special": Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) "Specific": Aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems and medical equipment for life support, etc. The quality grade of NEC semiconductor products is "Standard" unless otherwise expressly specified in NEC's data sheets or data books, etc. If customers wish to use NEC semiconductor products in applications not intended by NEC, they must contact an NEC sales representative in advance to determine NEC's willingness to support a given application. (Note) (1) "NEC" as used in this statement means NEC Corporation and also includes its majority-owned subsidiaries. (2) "NEC semiconductor products" means any semiconductor product developed or manufactured by or for NEC (as defined above).
M8E 00. 4


▲Up To Search▲   

 
Price & Availability of UPC2260

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X