Part Number Hot Search : 
TDA72940 MSC80278 MMSZ5221 SA552 6KE16CA D50NH02 SC1815 SK1501
Product Description
Full Text Search
 

To Download TSM1N60CP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TSM1N60
N-Channel Power Enhancement Mode MOSFET
Pin assignment: 1. Gate 2. Drain 3. Source
VDS = 600V ID = 1A RDS (on), Vgs @ 10V, Ids @ 0.6A = 8
General Description
The TSM1N60 is used an advanced termination scheme to provide enhanced voltage-blocking capability without degrading performance over time. In addition, this advanced MOSFET is designed to withstand high energy in avalanche and commutation modes. The new energy efficient design also offers a drain- to-source diode with a fast recovery time. Designed for high voltage, high speed switching applications in power supplies, converters and PWM motor controls, these devices are particularly well suited for bridge circuits where diode speed and commutating safe operating areas are critical and offer additional and safety margin against unexpected voltage transients.
Features
Robust high voltage termination Avalanche energy specified Diode is characterized for use in bridge circuits Source to Drain diode recovery time comparable to a discrete fast recovery diode. IDSS and VDS(on) specified at elevated temperature
Block Diagram
Ordering Information
Part No. TSM1N60CP TSM1N60CH Packing Tape & Reel Tube Package TO-252 TO-251
Absolute Maximum Rating (Ta = 25 oC unless otherwise noted)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Pulsed Drain Current Maximum Power Dissipation Ta = 25 oC Ta > 25 C Operating Junction Temperature Operating Junction and Storage Temperature Range Single Pulse Drain to Source Avalanche Energy (VDD = 100V, VGS=10V, IAS=2A, L=10mH, RG=25) TJ TJ, TSTG EAS
o
Symbol
VDS VGS ID IDM PD
Limit
600V 30 1 9 50 0.4 +150 - 55 to +150 20
Unit
V V A A W W/oC
o o
C C
mJ
Thermal Performance
Parameter
Lead Temperature (1/8" from case) Junction to Ambient Thermal Resistance (PCB mounted) Note: Surface mounted on FR4 board t<=10sec.
Symbol
TL Rja
Limit
10 62.5
Unit
S
o
C/W
TSM1N60
1-4
2003/12 rev. E
Electrical Characteristics
Tj = 25 oC, unless otherwise noted
Parameter Static
Drain-Source Breakdown Voltage Drain-Source On-State Resistance Gate Threshold Voltage Zero Gate Voltage Drain Current Gate Body Leakage Forward Transconductance
Conditions
Symbol
Min
Typ
Max
Unit
VGS = 0V, ID = 250uA VGS = 10V, ID = 0.6A VDS = VGS, ID = 250uA VDS = 600V, VGS = 0V VGS = 20V, VDS = 0V VDS 50V, ID = 0.5A
BVDSS RDS(ON) VGS(TH) IDSS IGSS gfs
600 -2.0 ----
-----10
-8.0 4.0 10 100 --
V V uA nA S
Dynamic
Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance VDS = 25V, VGS = 0V, f = 1.0MHz VDD = 300V, RL = 18, ID = 1A, VGEN = 10V, RG = 6 VDS = 400V, ID = 1.0A, VGS = 10V Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss ----------8.5 1.8 4 8 21 18 24 210 28 4.2 ---pF nS 14 --nC
Source-Drain Diode
Max. Diode Forward Current Diode Forward Voltage IS = 1.0A, VGS = 0V Note: 1. pulse test: pulse width <=300uS, duty cycle <=2% 2. Negligible, Dominated by circuit inductance. IS VSD ----1.0 1.5 A V
TSM1N60
2-4
2003/12 rev. E
Typical Characteristics Curve (Ta = 25 oC unless otherwise noted)
TSM1N60
3-4
2003/12 rev. E
TO-252 Mechanical Drawing
J A
E F
DIM A B C D E F G H I J TO-252 DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX 6.570 6.840 0.259 0.269 9.250 10.400 0.364 0.409 0.550 0.700 0.022 0.028 2.560 2.670 0.101 0.105 2.300 2.390 0.090 0.094 0.490 0.570 0.019 0.022 1.460 1.580 0.057 0.062 0.520 5.340 1.460 0.570 5.550 1.640 0.020 0.210 0.057 0.022 0.219 0.065
I B
G D C H
TO-251 Mechanical Drawing
DIM A A1 b C D D1 E e F L L1
TO-251 DIMENSION MILLIMETERS INCHES MIN 2.20 1.10 0.40 0.40 6.70 5.40 6.40 2.10 0.40 7.00 1.60 MAX 2.4 1.30 0.80 0.60 7.30 5.65 6.65 2.50 0.60 8.00 1.86 MIN 0.087 0.043 0.016 0.016 0.264 0.213 0.252 0.083 0.016 0.276 0.063 MAX 0.095 0.051 0.032 0.024 0.287 0.222 0.262 0.098 0.024 0.315 0.073
TSM1N60
4-4
2003/12 rev. E


▲Up To Search▲   

 
Price & Availability of TSM1N60CP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X