Part Number Hot Search : 
C1408 1N5913 STUSB06E LR3114Z MC140 C100M D100N XM15B
Product Description
Full Text Search
 

To Download TRR1A05F00D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TRR
u M A IN FEAT UR ES
Y Miniature, cost-effective switching solution. Y State of the art capsule designs. Y Molded construction for compatibility with automatic board processing. Y Epoxy-molded dual-in-line package. Y Completely washable. u A PPL ICAT IONS Y Measuring equipment, Communication equipment, Control equipment, A ppliances, etc. u
OR DER ING INFOR M AT ION
T ype
Contact A rrangent : 1A , 1B , 1C , 2A ,
TRR
1A
05
D
00
D
N om inal Coil voltage : 05: 5V DC , 12: 12V DC , Function N il : Standard 24: 24V DC , D : DOIDE Special Code : SIP T ype
Package F : SIP T ype D : DIP T ype S : SM D T ype
DIP / SM D T ype
1/2
DIM ENSION (unit:mm)
SIP Type
TRR-00
(00:PIN OUT 1,3,5,7)
1/2 DR IL L ING (unit:mm)
TRR-50
(50:PIN OUT 1,2,6,7)
DIP Type
w
w
w
.t
ia
h s
in
.c g
m o
1A
tw .
00 : pin out 1357 50 : pin out 1267 00 : pin out 1267
1/2 W IR ING DIA GR A M
1A
(With Diode Type Options)
1A
1C
1B
2A
(With Diode Type Options)
T ai-Shing Electronic Com ponents Corp.
www.tai-shing.com .tw
25
1/2
DIM ENSION (unit:mm)
SMD Type
1/2 DR IL L ING (unit:mm)
1/2 W IR ING DIA GR A M
1A
1C
1B
2A
(With Diode Type Options)
u COIL DATA CHA RT (AT 20C)
Coil Sensitivity Nominal Voltage (V DC) Max. Operate Voltage (V DC) Nominal Current (mA ) Coil Power Resistance Consumption (mW ) ()10% Pull-In Voltage (V DC) Drop-Out Voltage (V DC)
TRR-1A TRR-1B TRR-1C
TRR-2A
5 12 24 5 12 24 5 12 24
6 14.5 29 11 20 32 11 20 32
10 12 11.2 25 24 11.2 35.7 24 11.2
500 1000 2150 200 500 2150 140 500 2150
u
PER FOR M A NCE
Cumulative frequency (%)
Contact form Switching Current Carry Current Switching Power Electrical Life
Cumulative frequency (%)
Contact Resistance Operation Time (including bounce time) Release Time (including bounce time) Maximum Voltage Insulation Resistance Dielectric Between coil & contact Strength Between contacts Temperature Operating Temp. Range Storage Temp. Shock Resistance Weight UL File No.
w
ta . w w
1A /1B/2A 1C 0.5A DC Max. 0.2A DC Max. 1.0A DC Max. 0.5A DC Max. 10VA Max. 3VA Max. 1x108 5x107 (10V DC 10mA ) (5V DC 1mA ) 150m Max. 1.0msec. Max. 1.0msec. Max. 30VA C/DC Max. 109 Min.
in h s i1400V DC 250V DC -40 to +85C -55 to +125C 30G Min. abt. 1.8grs E156521
50 144 268 125 288 268 179 288 268
3.75 9.0 18.0 3.75 9.0 18.0 3.75 9.0 18.0
.c g
0.8 1.0 2.0 0.8 1.0 2.0 0.8 1.0 2.0
Temperature J
m o
u
30 25 20 15 10 5 0
R EFER ENCE DATA
tw .
24 12
200 300
Coil tem perature J
05
0 100 400 500 600
Power applied to coil (mW )
Tim e Characteristic (Operate Tim e)
100 90 80 70 60 50 40 30 20 10 0 0.0 0.1 0.1 0.2 0.2 0.3 0.3 0.4 0.4
24(D) 12(D)
05(D) 0.5(D) D
100V DC Max. 1010 Min.
Operate Time (ms)
Tim e Characteristic (R elease Tim e)
05, 12, 24
100 90 80 70 60 50 40 30 20 10 0 0.0 0.05 0.1 0.15 0.2 0.25 0.3
0.5D 24D 05D 12D
Release Time (ms)
26
T ai-Shing Electronic Com ponents Corp.
www.tai-shing.com .tw


▲Up To Search▲   

 
Price & Availability of TRR1A05F00D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X