Part Number Hot Search : 
SCC2692 FM390B 5A100F TDA9814T IRU1246 FR104 272V330 M5218AL
Product Description
Full Text Search
 

To Download TFS110K1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TFS110K1.doc
version 1.0
05.01.02
______________________________________________________________________________________________________
VI TELEFILTER
Measurement Condition
Ambient Temperature: Input Power Level: Terminating impedances: Input: Output: 23 C 0 dBm 700 || -13,7 pF 700 || -11,6 pF
Filter specification
TFS 110 K1
1/4
______________________________________________________________________________________________________
Characteristics
Remark: Reference level for the relative attenuation arel of the TFS 110 K1 is the minimum of the pass band attenuation amin. The minimum of the pass band attenuation amin is defined as the insertion loss ae. The given values for the relative attenuation arel and for the group delay ripple have to be reached at the frequencies given below also if the centre frequency fo is shifted due to the temperature coefficient of frequency TCf in the operating temperature range and due to a production tolerance for the centre frequency fo.
Data
typ. Value
Limit
______________________________________________________________________________________________________ Insertion Loss max. 9 dB ae = amin (Reference level) ______________________________________________________________________________________________________ Nominal frequency fN 110,6 MHz ______________________________________________________________________________________________________ Relative attenuation arel fN fN 65 kHz ... fN + 65 kHz ... fN 65 kHz 82,5 kHz max. 1 dB max. 1,5 dB
fN 400 kHz ... fN 800 kHz min. 22 dB 1,6 MHz min. 27 dB fN 800 kHz ... fN 1,6MHz ... fN 10 MHz min. 35 dB fN 10 MHz ... fN 25 MHz min. 45 dB fN ______________________________________________________________________________________________________ Group delay GD Ripple fN 80 kHz 300 ns max 500 ns _____________________________________________________________________________________________________ Input power level max. + 10 dBm ______________________________________________________________________________________________________ Permissible DC voltage max. 10 V ______________________________________________________________________________________________________ Operating Temperature Range - 25 C ... + 85 C ______________________________________________________________________________________________________
Generated: Checked / approved:
______________________________________________________________________________________________________ VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
TFS110K1.doc
version 1.0
05.01.02
______________________________________________________________________________________________________
VI TELEFILTER
Filter specification
TFS 110 K1
2/4
______________________________________________________________________________________________________
Construction, pin connection and 50 - matching network (All dimensions in mm)
TFS 110K1 tft L8
C1
C2
______________________________________________________________________________________________________ VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
TFS110K1.doc
version 1.0
05.01.02
______________________________________________________________________________________________________
VI TELEFILTER
Stability characteristics
Filter specification
TFS 110 K1
3/4
______________________________________________________________________________________________________
After the following tests the filter shall meet the whole specification: 1. Shock: 2. Vibration: 3. Damp heat: (cycle) 4. Resistance to solder heat (reflow): 500g, 18 ms, half sine wave, 3 shocks each plane; DIN IEC 68 T2 - 27 10 Hz to 500 Hz, 0,35 mm or 5g respectively, 1 octave per min, 10 cycles per plan, 3 plans; DIN IEC 68 T2 - 6 25 C to 55C / 95% r.H. / 10 cycles DIN IEC 68 - 2 - 30 Db max. 2 times reflow process; for temperature conditions refer to the attached "Air reflow temperature conditions" on page 4;
Packing
Tape & Reel: IEC 286 - 3, with exception of value for N and minimum bending radius; tape type II, embossed carrier tape with top cover tape on the upper side; max. pieces of filters per reel: Real of empty components at start: Real of empty components at start including leader: Trailer
Tape (all dimensions in mm) W Po Do D1 : : : : 24 4 1,5 1,5 0,3 0,1 + 0,1 + 0,1
E Ao F W
1700 min 300 mm min 500 mm min 300 mm
EMBOSSED CARRIER TAPE
Do
Po
P2
E : F : G (min) : P2 P1 : :
1,75 0,1 11,5 0,1 0,6 2 12 0,1 0,1
D1 21,4
0,1
Bo
G
D1(min) : 1,5 Ao : 7,1 Bo : 13,9
P1
0,2 0,2
COVER TAPE
W2
Reel (all dimensions in mm): A W1 W2 (max) : N (min) C : : : 330 24,4 +2 30,4 >= 60
C A N
: - 0,2
13
+ 0,5
W1
The minimum bending radius is 45 mm. The mounting surface of the filters faces the bottom side of the embossed carrier tape. The marking of the filters is able to read if the view is directed on the upper side of the carrier tape with the sprocket holes on the right side of the tap
______________________________________________________________________________________________________ VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
TFS110K1.doc
version 1.0
05.01.02
______________________________________________________________________________________________________
VI TELEFILTER
Air reflow temperature conditions
Filter specification
TFS 110 K1
4/4
______________________________________________________________________________________________________
1st and 2nd air reflow profile
Name: Temperature: Time: pre-heating periods 150 C - 170 C 60 sec. - 90 sec. main-heating periods over 200 C 20 sec. - 25 sec. peak temperature 255 C 5 C
Chip-mount air reflow profile
260 240 220 200 180 temperature / C 160 140 120 100 80 60 40 20 0 0 20 40 60 80 100 120 time / sec. 140 160 180 200 220 240
Table for temperature vs. time during the air reflow process Tolerance of temperatures: 5 C time / sec. 0 10 20 30 40 50 60 70 80 90 100 110 120 130 temperature / C 23 34 46 60 80 103 121 134 143 150 154 156 158 159 time / sec. 140 150 160 170 180 190 195 200 205 210 215 220 230 240 temperature / C 160 161 164 170 180 205 230 255 230 205 180 165 140 120
______________________________________________________________________________________________________ VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


▲Up To Search▲   

 
Price & Availability of TFS110K1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X