Part Number Hot Search : 
MT6L61AE TDA48 M25SI KU10N14 TVR20471 BAT74 1N3994 S24C256
Product Description
Full Text Search
 

To Download SY100S307JC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 QUINT EXCLUSIVE OR/NOR GATE
FEATURES
s Max. propagation delay of 1000ps s IEE min. of -58mA s Extended supply voltage option: VEE = -4.2V to -5.5V s Voltage and temperature compensation for improved noise immunity s Internal 75K input pull-down resistors s 50% faster than Fairchild 300K at lower power s Function and pinout compatible with Fairchild F100K s Available in 24-pin CERPACK and 28-pin PLCC packages
SY100S307
DESCRIPTION
The SY100S307 is an ultra-fast quint exclusive-OR/ NOR gate designed for use in high-performance ECL systems. A function output that is the wire-OR result of the exclusive-OR outputs is also available. The inputs on the device have 75K pull-down resistors.
PIN CONFIGURATIONS
D1a Oa VEES D2a Oa Ob Ob
4 3 2 1 28 27 26 19 20 21 22 23 24 25
11 10 9 8 7 6 5 D1b D2b VEE VEES D1c D2c D2d 12 13 14 15 16 17 18 Oc Oc VCCA VCC VCC F Od
Top View PLCC J28-1
BLOCK DIAGRAM
F D1a D2a D1b D2b D1c D2c D1d D2d D1e D2e Oa Oa Ob Ob Oc Oc Od Od Oe Oe
D1e D2e VEES
Oe Oe
D1d
Od
D2d D2c D1c VEE D2b
1 2 3 4 5 6
D1d D1e D2e Oe Oe Od
24 23 22 21 20 19 18 17 Top View 16 Flatpack 15 F24-1 14 13 7 8 9 10 11 12
D1b
D2a D1a Oa Oa Ob Ob
F VCC VCCA
PIN NAMES
Pin Dna - Dne E Oa - Oe Oa - Oe VEES VCCA Function Data Inputs (n-1...5) Enable Input Data Outputs Complementary Data Outputs VEE Substrate VCCO for ECL Outputs
Od
Rev.: G
Oc Oc
Amendment: /0
1
Issue Date: July, 1999
Micrel
SY100S307
LOGIC EQUATION
F = (D1a D2a) + (D1b D2b) + (D1c D2c) + (D1d D2d) + (D1e D2e).
DC ELECTRICAL CHARACTERISTICS
VEE = -4.2V to -5.5V unless otherwise specified, VCC = VCCA = GND
Symbol IIH Parameter Input HIGH Current D2a -- D2e D2a -- D2e Power Supply Current Min. -- -- -58 Typ. -- -- -40 Max. 200 250 -27 mA Inputs Open Unit A Condition VIN = VIH (Max.)
IEE
AC ELECTRICAL CHARACTERISTICS CERPACK
VEE = -4.2V to -5.5V unless otherwise specified, VCC = VCCA = GND
TA = 0C Symbol tPLH tPH2 tPLH tPHL tPLH tPHL tTLH tTHL Parameter Propagation Delay D2a -- D2e to O, O Propagation Delay D1a -- D1e to O, O Propagation Delay Data to F Transition Time 20% to 80%, 80% to 20% Min. 200 200 300 300 Max. 1100 1000 1525 900 TA = +25C Min. 200 200 300 300 Max. 1150 950 1525 900 TA = +85C Min. 200 200 300 300 Max. 1100 1000 1525 900 Unit ps ps ps ps Condition
PLCC
VEE = -4.2V to -5.5V unless otherwise specified, VCC = VCCA = GND
TA = 0C Symbol tPLH tPH2 tPLH tPHL tPLH tPHL tTLH tTHL Parameter Propagation Delay D2a -- D2e to O, O Propagation Delay D1a -- D1e to O, O Propagation Delay Data to F Transition Time 3 20% to 80%, 80% to 20% Min. 300 300 300 00 Max. 1000 900 1425 900 TA = +25C Min. 300 300 300 300 Max. 1000 900 1425 900 TA = +85C Min. 300 300 300 300 Max. 1000 930 1425 900 Unit ps ps ps ps Condition
2
Micrel
SY100S307
TIMING DIAGRAM
0.7 0.1 ns INPUT 80% 50% 20% -1.69V TRUE tPHL tPLH 0.7 0.1 ns -0.95V
50%
OUTPUT
tPLH
tPHL 80% 50% 20% tTLH tTHL
COMPLEMENT
Propagation Delay and Transition Times NOTE: VEE = -4.2V to -5.5V unless otherwise specified, VCC = VCCA = GND
PRODUCT ORDERING CODE
Ordering Code SY100S307FC SY100S307JC SY100S307JCTR Package Type F24-1 J28-1 J28-1 Operating Range Commercial Commercial Commercial
3
Micrel
SY100S307
24 LEAD CERPACK (F24-1)
Rev. 03
4
Micrel
SY100S307
28 LEAD PLCC (J28-1)
Rev. 03
MICREL-SYNERGY
TEL
3250 SCOTT BOULEVARD SANTA CLARA CA 95054 USA
FAX
+ 1 (408) 980-9191
+ 1 (408) 914-7878
WEB
http://www.micrel.com
This information is believed to be accurate and reliable, however no responsibility is assumed by Micrel for its use nor for any infringement of patents or other rights of third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent right of Micrel Inc. (c) 2000 Micrel Incorporated
5


▲Up To Search▲   

 
Price & Availability of SY100S307JC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X