Part Number Hot Search : 
AK4344 M62460FP SB3200 K3070 3950H 7C344 BCM3419 M2006C
Product Description
Full Text Search
 

To Download STPS80H100TV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STPS80H100TV
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MAIN PRODUCT CHARACTERISTICS IF(AV) VRRM Tj (max) VF (max) FEATURES AND BENEFITS NEGLIGIBLESWITCHING LOSSES HIGH JUNCTION TEMPERATURE CAPABILITY LOW LEAKAGE CURRENT GOODTRADE OFF BETWEEN LEAKAGECURRENT AND FORWARD VOLTAGE DROP AVALANCHE RATED LOW INDUCTANCE PACKAGE INSULATED PACKAGE : Insulated voltage = 2500 V (RMS) Capacitance = 45 pF DESCRIPTION High voltage dual Schottky barrier rectifier designed for high frequency telecom and computer Switched Mode Power Supplies and other power converters. ABSOLUTE RATINGS (limiting values, per diode) Symbol VRRM IF(RMS) IF(AV) IFSM IRRM IRSM Tstg Tj dV/dt RMS forward current Average forward current Surge non repetitive forward current Repetitive peak reverse current Non repetitive peak reverse current Tc = 120C = 0.5 Per diode Per device Parameter Repetitive peak reverse voltage Value 100 125 40 80 700 2 5 - 55 to+ 150 150 10000 Unit V A A A A A C C V/s 2 x 40 A 100 V 150 C 0.65 V
K1 A1 K2 A2
ISOTOPTM
Packaged in ISOTOP, this device is intended for use in medium voltage operation, and particularly, in high frequen cy circuitries where low switching losses and low noise are required.
tp = 10 ms sinusoidal tp = 2 s square F = 1kHz tp = 100 s square
Storage temperature range Maximum operating junction temperature * Critical rate of rise of reverse voltage
*:
dPtot 1 < thermal runaway condition for a diode on its own heatsink dTj Rth(j-a)
July 1999 - Ed: 3A
1/4
STPS80H100TV
THERMAL RESISTANCES Symbol Rth (j-c) Rth (c) When the diodes 1 and 2 are used simultaneously: Tj(diode 1) = P(diode1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c) STATIC ELECTRICAL CHARACTERISTICS (per diode) Symbol IR * VF ** Parameter Reverse leakage current Forward voltage drop Tests Conditions Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C
Pulse test : * tp = 5 ms, < 2% ** tp = 380 s, < 2%
Parameter Junction to case Per leg Total Coupling
Value 1 0.55 0.1
Unit C/W
Min.
Typ. 7
Max. 20 25 0.78 0.65 0.89 0.74
Unit A mA V
VR = VRRM IF = 40 A IF = 40 A IF = 80 A IF = 80 A 0.7
0.61
To evaluate the maximum conduction losses use the following equation : P = 0.56 x IF(AV) + 0.0022 x IF2(RMS)
Fig. 1: Average forward power dissipation versus average forward current (per diode).
PF(av)(W) 35 30 25
=1 = 0.05 = 0.1 = 0.2 = 0.5
Fig. 2: Average forward current versus ambient temperature (=0.5, per diode).
IF(av)(A) 50 45 40 35 30 25 20 15 10 5 0
Rth(j-a)=Rth(j-c)
20 15 10 5 0 0 5 10 15 20 IF(av) (A) 25 30 35
=tp/T
T
Rth(j-a)=5C/W
T
tp
=tp/T
tp
Tamb(C) 50 75 100 125 150
40
45
50
0
25
2/4
STPS80H100TV
Fig. 3: Non repetitive surge peak forward current versusoverloadduration(maximum values, perdiode).
IM(A) 500 400 300
Tc=50C
Fig. 4: Relative variation of thermal impedance junction to case versus pulse duration (per diode).
Zth(j-c)/Rth(j-c) 1.0 0.8 0.6 0.4
= 0.5
200
Tc=75C
= 0.2 = 0.1
T
100
IM
Tc=110C
t
0.2
Single pulse
0 1E-3
=0.5
t(s) 1E-2 1E-1 1E+0 0.0 1E-3
tp(s) 1E-2 1E-1
=tp/T
tp
1E+0
5E+0
Fig. 5: Reverse leakage current versus reverse voltage applied (typical values, per diode).
IR(A) 1E+4
Tj=125C
Fig. 6: Junction capacitance versus reverse voltage applied (typical values, per diode).
C(nF) 5.0
F=1MHz Tj=25C
1E+3 1E+2 1E+1 1E+0 1E-1 0 10 20
Tj=25C
1.0
VR(V) 30 40 50 60 70 80 90 100 0.1 1 2 5
VR(V) 10 20 50 100
Fig. 7: Forward voltage drop versus forward current (maximum values, per diode).
IFM(A) 500 100
Tj=125C
Tj=25C
10
VFM(V) 1 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
3/4
STPS80H100TV
PACKAGE MECHANICAL DATA ISOTOPTM DIMENSIONS REF. A A1 B C C2 D D1 E E1 E2 G G1 G2 F F1 P P1 S Cooling method: C Recommended torque value: 1.3 N.m. Maximum torque value: 1.5 N.m. Millimeters Min. Max. 11.80 12.20 8.90 9.10 7.8 8.20 0.75 0.85 1.95 2.05 37.80 38.20 31.50 31.70 25.15 25.50 23.85 24.15 24.80 typ. 14.90 15.10 12.60 12.80 3.50 4.30 4.10 4.30 4.60 5.00 4.00 4.30 4.00 4.40 30.10 30.30 Inches Min. Max. 0.465 0.480 0.350 0.358 0.307 0.323 0.030 0.033 0.077 0.081 1.488 1.504 1.240 1.248 0.990 1.004 0.939 0.951 0.976 typ. 0.587 0.594 0.496 0.504 0.138 0.169 0.161 0.169 0.181 0.197 0.157 0.69 0.157 0.173 1.185 1.193
Ordering type
Marking
Package ISOTOP
Weight 27g without screws
Base qty 10
Delivery mode Tube
STPS80H100TV STPS80H100TV Epoxy meets UL94,V0
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com 4/4


▲Up To Search▲   

 
Price & Availability of STPS80H100TV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X