Part Number Hot Search : 
05D15 N5919 0S223K 363AM SMA592 A1209 BPX60 95310
Product Description
Full Text Search
 

To Download SST5460 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N/SST5460 Series
Vishay Siliconix
P-Channel JFETs
2N5460 2N5461 2N5462
PRODUCT SUMMARY
Part Number
2N/SST5460 2N/SST5461 2N/SST5462
SST5460 SST5461 SST5462
VGS(off) (V)
0.75 to 6 1 to 7.5 1.8 to 9
V(BR)GSS Min (V)
40 40 40
gfs Min (mS)
1 1.5 2
IDSS Min (mA)
-1 -2 -4
FEATURES
D D D D High Input Impedance Very Low Noise High Gain: AV = 80 @ 20 mA Low Capacitance: 1.2 pF Typical
BENEFITS
D Low Signal Loss/System Error D High System Sensitivity D High-Quality Low-Level Signal Amplification
APPLICATIONS
D Low-Current, Low-Voltage Amplifiers D High-Side Switching D Ultrahigh Input Impedance Pre-Amplifiers
DESCRIPTION
The 2N/SST5460 series are p-channel JFETs designed to provide all-around performance in a wide range of amplifier and analog switch applications. The 2N series, TO-226AA (TO-92), and SST series, TO-236 (SOT-23), plastic packages provide low cost options, and are available in tape-and-reel for automated assembly, (see Packaging Information).
TO-226AA (TO-92)
1 2N5460 2N5461 2N5462 D 1
TO-236 (SOT-23)
SST5460 (B0)* SST5461 (B1)* SST5462 (B2)* *Marking Code for TO-236
S
D
2
3 S 2
G
G
3 Top View Top View
ABSOLUTE MAXIMUM RATINGS
Gate-Drain Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40 V Gate-Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40 V Gate Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -10 mA Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to 150_C Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to 150_C Lead Temperature (1/16" from case for 10 sec.) . . . . . . . . . . . . . . . . . . . 300_C Power Dissipationa . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 350 mW Notes a. Derate 2.8 mW/_C above 25_C
Document Number: 70262 S-04030--Rev. D, 04-Jun-01
www.vishay.com
9-1
2N/SST5460 Series
Vishay Siliconix
SPECIFICATIONS (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
2N/SST5460 2N/SST5461 2N/SST5462
Parameter Static
Gate-Source Breakdown Voltage Gate-Source Cutoff Voltage Saturation Drain Currentb Gate Reverse Current Gate Operating Current Drain Cutoff Current
Symbol
Test Conditions
Typa
Min Max Min
Max Min
Max Unit
V(BR)GSS VGS(off) IDSS IGSS IG ID(off)
IG = 10 mA , VDS = 0 V VDS = -15 V, ID = -1 mA VDS = -15 V, VGS = 0 V VGS = 20 V, VDS = 0 V TA = 100_C VDG = -20 V, ID = -0.1 mA VDS = -15 V, VGS = 10 V ID = -0.1 mA
55
40 0.75 -1 6 -5 5 1
40 1 -2 7.5 -9 5 1
40 V 1.8 -4 9 -16 5 1 mA nA mA pA
0.003 0.0003 3 -5 1.3 2.3 3.8 -0.7 0.5
4 0.8 4.5 1.5 6 V
Gate-Source Voltage
VGS
VDS = -15 V
ID = -0.2 mA ID = -0.4 mA
Gate-Source Forward Voltage
VGS(F)
IG = -1 mA , VDS = 0 V
Dynamic
Common-Source Forward Transconductance Common-Source Output Conductance Common-Source Reverse Transfer Capacitance Common-Source Reverse Transfer Capacitance Common-Source Output Capacitance Equivalent Input Noise Voltage gfs gos VDS = -15 V, VGS = 0 V f = 1 kHz 1 4 75 2N Ciss VDS = -15 V, VGS = 0 V f = 1 MHz 2N Coss VDS = -15 V, VGS = 0 V f = 100 Hz VDS = -15 V, VGS = 0 V f = 100 Hz, RG = 1 MW W BW = 1 Hz SST 2N SST 2N SST SST 4.5 4.5 1.2 1.5 1.5 15 15 0.2 0.2 PSCIB 2.5 2.5 2.5 dB 115 115 115 nV Hz 2 2 2 pF 7 1.5 5 75 7 2 6 75 7 mS mS
Crss
en
Noise Figure
NF
Notes a. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing. b. Pulse test: PW v300 ms duty cycle v2%.
www.vishay.com
9-2
Document Number: 70262 S-04030--Rev. D, 04-Jun-01
2N/SST5460 Series
Vishay Siliconix
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Drain Current and Transconductance vs. Gate-Source Cutoff Voltage
-20 5 rDS(on) - Drain-Source On-Resistance ( ) gfs - Forward Transconductance (mS) 1000
On-Resistance and Output Conductance vs. Gate-Source Cutoff Voltage
100
IDSS - Saturation Drain Current (mA)
g os- Output Conductance ( mS)
-16 gfs -12 IDSS -8
800
80
600 rDS 400 gos
60
2.5
40
-4
gfs @ VDS = -15 V, VGS = 0 V IDSS @ VDS = -15 V, VGS = 0 V f = 1 kHz 0 0 2 4 6 8 10 VGS(off) - Gate-Source Cutoff Voltage (V)
200
rDS @ ID = -100 mA, VGS = 0 V gos @ VDS = -15 V, VGS = 0 V f = 1 kHz 0 2 4 6 8 10
20
0
0 VGS(off) - Gate-Source Cutoff Voltage (V)
0
Output Characteristics
-2 VGS(off) = 1.5 V -10 VGS = 0 V 0.2 V I D - Drain Current (mA) -8
Output Characteristics
VGS(off) = 3 V
-1.6 I D - Drain Current (mA)
-1.2
0.4 V
-6
VGS = 0 V 0.5 V 1.0 V
-0.8
0.6 V 0.8 V
-4
-0.4
1.0 V
-2
1.5 V 2.0 V
0 0 -4 -8 -12 -16 -20 VDS - Drain-Source Voltage (V)
0 0 -4 -8 -12 -16 -20 VDS - Drain-Source Voltage (V)
Output Characteristics
-0.5 VGS(off) = 1.5 V -0.4 I D - Drain Current (mA) VGS = 0 V 0.2 V 0.4 V 0.6 V I D - Drain Current (mA) -1.6 -2
Output Characteristics
VGS(off) = 3 V 0.5 V 1.0 V -1.2 1.5 V -0.8 2.0 V -0.4 1.2 V 2.5 V 0 0 -0.2 -0.4 -0.6 -0.8 -1 VGS = 0 V
0.8 V
-0.3
-0.2 1.0 V
-0.1
0 0 -0.2 -0.4 -0.6 -0.8 -1 VDS - Drain-Source Voltage (V)
VDS - Drain-Source Voltage (V)
Document Number: 70262 S-04030--Rev. D, 04-Jun-01
www.vishay.com
9-3
2N/SST5460 Series
Vishay Siliconix
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Transfer Characteristics
-5 VGS(off) = 1.5 V -4 I D - Drain Current (mA) I D - Drain Current (mA) VDS = -15 V -8 -10 VGS(off) = 3 V VDS = -15 V
Transfer Characteristics
-3
-6
TA = -55_C
-2
TA = -55_C 25_C
-4
25_C
-1 125_C 0 0 0.4 0.8 1.2 1.6 2 VGS - Gate-Source Voltage (V)
-2 125_C 0 0 1 2 3 4 5 VGS - Gate-Source Voltage (V)
On-Resistance vs. Drain Current
1000 rDS(on) - Drain-Source On-Resistance ( ) TA = 25_C 800 I G - Gate Leakage 1 nA 10 nA
Gate Leakage Current
-5 mA TA = 125_C
600
VGS(off) = 1.5 V
100 pA
IGSS @ 125_C
-1 mA
3V 400 4V 200
10 p A TA = 25_C 1 pA
-5 mA
-0.1 mA
IGSS @ 25_C
0 -0.1
0.1 pA -1 ID - Drain Current (mA) -10 0 -10 -20 -30 -40 -50 VDG - Drain-Gate Voltage (V)
Transconductance vs. Gate-Source Voltage
5 VGS(off) = 1.5 V gfs - Forward Transconductance (mS) 4 VDS = -15 V f = 1 kHz 5
Transconductance vs. Gate-Source Voltage
VGS(off) = 3 V gfs - Forward Transconductance (mS) 4 TA = -55_C 3 25_C VDS = -15 V f = 1 kHz
3
TA = -55_C
2
25_C
2 125_C 1
1 125_C 0 0 0.4 0.8 1.2 1.6 2 VGS - Gate-Source Voltage (V)
0 0 1 2 3 4 5 VGS - Gate-Source Voltage (V)
www.vishay.com
9-4
Document Number: 70262 S-04030--Rev. D, 04-Jun-01
2N/SST5460 Series
Vishay Siliconix
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Circuit Voltage Gain vs. Drain Current
100 VGS(off) = 1.5 V 10 VGS(off) = 3 V 80 A V - Voltage Gain gfs - Forward Transconductance (S)
Common-Source Forward Transconductance vs. Drain Current
TA = -55_C 1 125_C
60
VGS(off) = 3 V
25_C
40
20
0
Assume VDD = -15 V, VDS = -5 V g fs R L 10 V AV + RL + ID 1 ) R Lg os -0.01 -0.1 ID - Drain Current (mA) -1
VDS = -15 V f = 1 kHz
0.1 -0.1 -1 ID - Drain Current (mA) -10
Common-Source Input Capacitance vs. Gate-Source Voltage
10 C rss - Reverse Feedback Capacitance (pF) f = 1 MHz C iss - Input Capacitance (pF) 8
Common-Source Reverse Feedback Capacitance vs. Gate-Source Voltage
5 f = 1 MHz
6
2.5
4 -5 V 2
-5 V -15 V 0
-15 V
0 0 4 8 12 16 20 VGS - Gate-Source Voltage (V)
0
4
8
12
16
20
VGS - Gate-Source Voltage (V)
Equivalent Input Noise Voltage vs. Frequency
100 VDS = -15 V gos - Output Conductance (S) 16 20
Output Conductance vs. Drain Current
VGS(off) = 3 V
Hz
TA = -55_C 12 25_C 8 125_C 4 VDS = -15 V f = 1 kHz
en - Noise Voltage nV /
ID = -0.1 mA 10
ID = -1 mA
1 10 100 1k f - Frequency (Hz) 10 k 100 k
0 -0.1
-1 ID - Drain Current (mA)
-10
Document Number: 70262 S-04030--Rev. D, 04-Jun-01
www.vishay.com
9-5


▲Up To Search▲   

 
Price & Availability of SST5460

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X