Part Number Hot Search : 
PC323 RMD06DB0 ISL9209B LPU455B 2PCS01 SMBJ30 ZSR1200G LB2012
Product Description
Full Text Search
 

To Download SI4484EY-T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Si4484EY
Vishay Siliconix
N-Channel 100-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
100
rDS(on) (W)
0.034 @ VGS = 10 V 0.040 @ VGS = 6.0 V
ID (A)
6.9 6.4
D
SO-8
S S S G 1 2 3 4 Top View Ordering Information: Si4484EY SI4484EY-T1 (with Tape and Reel) 8 7 6 5 D D D D S N-Channel MOSFET G
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 175_C)a Pulsed Drain Current Avalanche Current Repetitive Avalanche Energy (Duty Cycle v1%) Continuous Source Current (Diode Maximum Power Dissipationa Operating Junction and Storage Temperature Range Conduction)a TA = 25_C TA = 85_C L = 0 1 mH 0.1 TA = 25_C TA = 85_C
Symbol
VDS VGS
10 secs
100 "20 6.9
Steady State
Unit
V
4.8 3.7 30 25 31 mJ 1.5 1.8 1.1 - 55 to 175 W _C A A
ID IDM IAR EAR IS PD TJ, Tstg
5.4
3.1 3.8 2.3
THERMAL RESISTANCE RATINGS
Parameter
t v 10 sec Maximum J Mi Junction-to-Ambienta ti t A bi t Maximum Junction-to-Foot (Drain) Notes a. Surface Mounted on 1" x 1" FR4 Board. Document Number: 71189 S-03951--Rev. C, 26-May-03 www.vishay.com Steady State Steady State RthJA RthJF
Symbol
Typical
33 70 17
Maximum
40 85 21
Unit
_C/W C/W
1
Si4484EY
Vishay Siliconix
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Gate Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Currenta Drain-Source On-State Resistancea Forward Transconductancea Diode Forward Voltagea VGS(th) IGSS IDSS ID(on) rDS(on) gfs VSD VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "20 V VDS = 80 V, VGS = 0 V VDS = 80 V, VGS = 0 V, TJ = 85_C VDS w 5 V, VGS = 10 V VGS = 10 V, ID = 6.9 A VGS = 6.0 V, ID = 6.4 A VDS = 15 V, ID = 6.9 A IS = 3.1 A, VGS = 0 V 30 0.028 0.032 25 0.8 1.2 0.034 0.040 S V 2 "100 1 20 V nA mA A W
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Total Gate Charge Gate-Source Charge Gate-Drain Charge Gate Resistance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Source-Drain Reverse Recovery Time Qg Qgs Qgd Rg td(on) tr td(off) tf trr IF = 3.1 A, di/dt = 100 A/ms VDD = 50 V, RL = 50 W ID ^ 1 A, VGEN = 10 V, RG = 6 W 0.5 VDS = 50 V, VGS = 10 V, ID = 6.9 A 24 7.6 5.4 1.25 16 10 35 20 50 2.2 30 20 70 40 80 ns W 30 nC
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
30 VGS = 10 thru 6 V 24 I D - Drain Current (A) I D - Drain Current (A) 5V 24 30
Transfer Characteristics
18
18
12
12 TC = 150_C 6 25_C - 55_C 0
6 4V 0 0 1 2 3 4 5
0
1
2
3
4
5
6
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V) Document Number: 71189 S-03951--Rev. C, 26-May-03
www.vishay.com
2
Si4484EY
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. Drain Current
0.05 r DS(on) - On-Resistance ( W ) 2500
Capacitance
C - Capacitance (pF)
0.04 VGS = 6.0 V 0.03 VGS = 10 V 0.02
2000 Ciss 1500
1000
0.01
500
Crss Coss
0.00 0 6 12 18 24 30
0 0 10 20 30 40 50 60
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
Gate Charge
10 V GS - Gate-to-Source Voltage (V) VDS = 50 V ID = 6.9 A 8 2.4
On-Resistance vs. Junction Temperature
VGS = 10 V ID = 6.9 A 2.0
6
r DS(on) - On-Resistance (W) (Normalized) 10 15 20 25
1.6
4
1.2
2
0.8
0 0 5 Qg - Total Gate Charge (nC)
0.4 - 50
- 25
0
25
50
75
100
125
150
175
TJ - Junction Temperature (_C)
Source-Drain Diode Forward Voltage
30 0.06
On-Resistance vs. Gate-to-Source Voltage
I S - Source Current (A)
TJ = 175_C 10
r DS(on) - On-Resistance ( W )
0.05 ID = 6.9 A 0.04
0.03
TJ = 25_C
0.02
0.01
1 0.0
0.00 0.2 0.4 0.6 0.8 1.0 1.2 0 2 4 6 8 10 VSD - Source-to-Drain Voltage (V) VGS - Gate-to-Source Voltage (V)
Document Number: 71189 S-03951--Rev. C, 26-May-03
www.vishay.com
3
Si4484EY
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Threshold Voltage
0.5 50
Single Pulse Power
40 0.0 V GS(th) Variance (V) ID = 250 mA Power (W) 30
- 0.5
20
- 1.0 10
- 1.5 - 50
- 25
0
25
50
75
100
125
150
175
0 0.01
0.1
1 Time (sec)
10
100
600
TJ - Temperature (_C)
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5
0.2
Notes:
0.1 0.1 0.05 0.02
t1 t2 1. Duty Cycle, D = t1 t2 PDM
2. Per Unit Base = RthJA = 70_C/W
Single Pulse 0.01 10 -4 10 -3 10 -2 10 -1 1 Square Wave Pulse Duration (sec)
3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
10
100
600
Normalized Thermal Transient Impedance, Junction-to-Foot
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02
Single Pulse 0.01 10 -4 10 -3 10 -2 10 -1 Square Wave Pulse Duration (sec) 1 10
www.vishay.com
4
Document Number: 71189 S-03951--Rev. C, 26-May-03


▲Up To Search▲   

 
Price & Availability of SI4484EY-T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X