Part Number Hot Search : 
18030 MB90574 GRM32D 500CA MB90574 L7824AC PBM99090 23221
Product Description
Full Text Search
 

To Download SI1026X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI1026X
New Product
Vishay Siliconix
N-Channel 60-V (D-S) MOSFET
PRODUCT SUMMARY
V(BR)DSS(min) (V)
60
rDS(on) (W)
1.40 @ VGS = 10 V
VGS(th) (V)
1 to 2.5
ID (mA)
500
FEATURES
D D D D D D Low On-Resistance: 1.40 W Low Threshold: 2 V (typ) Low Input Capacitance: 30 pF Fast Switching Speed: 15 ns (typ) Low Input and Output Leakage Miniature Package
BENEFITS
D D D D D Low Offset Voltage Low-Voltage Operation High-Speed Circuits Low Error Voltage Small Board Area
APPLICATIONS
D Drivers: Relays, Solenoids, Lamps, Hammers, Displays, Memories, Transistors, etc. D Battery Operated Systems D Solid-State Relays
SC-89
S1 1 6 D1
G1
2
5
G2
Marking Code: E
D2
3
4
S2
Top View
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C)a _ Pulsed Drain Currentb Continuous Source Current (diode conduction)a Maximum Power Dissipationa Operating Junction and Storage Temperature Range Gate-Source ESD Rating (HBM, Method 3015) Notes a. Surface Mounted on FR4 Board. b. Pulse width limited by maximum junction temperature. Document Number: 71434 S-03518--Rev. A, 23-Apr-01 www.vishay.com TA = 25_C TA = 85_C PD TJ, Tstg ESD TA = 25_C TA = 85_C ID IDM IS 450 280 145 -55 to 150 2000
Symbol
VDS VGS
5 secs
60 "20 320 230 -650
Steady State
Unit
V
305 220 mA 380 250 130 mW _C V
1
SI1026X
Vishay Siliconix
New Product
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Limits Parameter Static
Drain-Source Breakdown Voltage Gate-Threshold Voltage Gate-Body Leakage V(BR)DSS VGS(th) IGSS VGS = 0 V, ID = 10 mA VDS = VGS, ID = 0.25 mA VDS = 0 V, VGS = "10 V VDS = 0 V, VGS = "5 V " VDS = 50 V, VGS = 0 V Zero Gate Voltage Drain Current IDSS TJ = 85_C VDS = 10 V, VGS = 4.5 V ID(on) VDS = 7.5 V, VGS = 10 V VGS = 4.5 V, ID = 200 mA Drain-Source On-Resistancea rDS(on) VGS = 10 V, ID = 500 mA TJ = 125_C Forward Transconductancea Diode Forward Voltagea gfs VSD VDS = 10 V, ID = 200 mA VGS = 0 V, IS = 200 mA 200 1.40 500 800 3.0 1.40 2.50 mS V W mA 60 1 2.5 "150 "50 " 10 100 nA V
Symbol
Test Conditions
Min
Typ
Max
Unit
On-State Drain Currenta
Dynamicb
Total Gate Charge Gate-Source Charge Gate-Drain Charge Input Capacitance Output Capacitance Reverse Transfer Capacitance Qg Qgs Qgd Ciss Coss Crss VDS = 25 V, VGS = 0 V f = 1 MHz VDS =10 V, ID = 250 mA VGS = 4.5 V 600 120 225 30 6 3 pF pC
Switchingb, c
Turn-On Time Turn-Off Time t(on) t(off) VDD = 30 V, RL = 150 W ID = 200 mA, VGEN = 10 V RG = 10 W 15 ns 20
Notes a. Pulse test: PW v300 ms duty cycle v2%. b. For DESIGN AID ONLY, not subject to production testing. c. Switching time is essentially independent of operating temperature.
www.vishay.com
2
Document Number: 71434 S-03518--Rev. A, 23-Apr-01
SI1026X
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
1.0 6V VGS = 10 thru 7 V 0.8 I D - Drain Current (A) 5V I D - Drain Current (mA) 900 25_C 125_C 600 TJ = -55_C 1200
Vishay Siliconix
Transfer Characteristics
0.6 4V 0.4
300
0.2 3V 0.0 0 1 2 3 4 5 0 0 1 2 3 4 5 6
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
On-Resistance vs. Drain Current
4.0 3.5 r DS(on) - On-Resistance ( W )
50 VGS = 0 V f = 1 MHz 40
Capacitance
3.0 2.5 2.0 1.5 1.0 0.5 0.0 0 200 400 600 800 1000 0 0 5 10 15 20 25 VGS = 4.5 V VGS = 10 V C - Capacitance (pF) 30 Ciss 20 Coss 10 Crss
ID - Drain Current (mA)
VDS - Drain-to-Source Voltage (V)
Gate Charge
7 V GS - Gate-to-Source Voltage (V) 6 5 4 3 2 1 0 0.0 0.0 -50 VDS = 10 V ID = 250 mA 2.0
On-Resistance vs. Junction Temperature
VGS = 10 V @ 500 mA r DS(on) - On-Resistance ( W ) (Normalized) 1.6
1.2
VGS = 4.5 V @ 200 mA
0.8
0.4
0.1
0.2
0.3
0.4
0.5
0.6
-25
0
25
50
75
100
125
150
Qg - Total Gate Charge (nC)
TJ - Junction Temperature (_C)
Document Number: 71434 S-03518--Rev. A, 23-Apr-01
www.vishay.com
3
SI1026X
Vishay Siliconix
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Source-Drain Diode Forward Voltage
1000 VGS = 0 V 4 100 TJ = 125_C r DS(on) - On-Resistance ( W ) I S - Source Current (A) 5
On-Resistance vs. Gate-Source Voltage
3
2 ID = 200 mA
ID = 500 mA
10
TJ = 25_C
1
TJ = -55_C 1 0.00 0.3 0.6 0.9 1.2 1.5
0 0 2 4 6 8 10
VSD - Source-to-Drain Voltage (V)
VGS - Gate-to-Source Voltage (V)
Threshold Voltage Variance Over Temperature
0.4
0.2 V GS(th) Variance (V) ID = 250 mA -0.0
-0.2
-0.4
-0.6
-0.8 -50
-25
0
25
50
75
100
125
150
TJ - Junction Temperature (_C)
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 Normalized Effective Transient Thermal Impedance 1 Duty Cycle = 0.5
0.2
Notes:
0.1 0.1 0.05
t1 PDM
0.02
t2 1. Duty Cycle, D =
2. Per Unit Base = RthJA = 500_C/W
t1 t2
Single Pulse 0.01 10-4 10-3 10-2 10-1 1 Square Wave Pulse Duration (sec)
3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
10
100
600
www.vishay.com
4
Document Number: 71434 S-03518--Rev. A, 23-Apr-01


▲Up To Search▲   

 
Price & Availability of SI1026X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X