Part Number Hot Search : 
6N135 1N941B TSM103 E2520 XC18V KK555D EMK11 S1100
Product Description
Full Text Search
 

To Download SGL1-20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SGL 1-20 ... SGL 1-100 Schottky-Gleichrichter fur die Oberflachenmontage 1A 20...100 V SOD 80 DO-213AA 0.04 g
Surface Mount Schottky-Rectifiers Nominal current - Nennstrom
Repetitive peak reverse voltage Periodische Spitzensperrspannung
0.4
1.6
Plastic case MiniMELF Kunststoffgehause MiniMELF Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle
3.5
0.4
Dimensions / Mae in mm
see page 18 siehe Seite 18
Marking:
One gray ring denotes "cathode" and "Schottky-Rectifier" The type numbers are noted only on the lable on the reel Kennzeichnung: Ein grauer Ring kennzeichnet "Kathode" und "Schottky-Gleichrichter" Die Typenbezeichnungen sind nur auf dem Rollenaufkleber vermerkt
Maximum ratings
Type Typ Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] Surge peak reverse voltage Stospitzensperrspannung VRSM [V]
Grenzwerte
Forward voltage Durchlaspannung VF [V] 1)
SGL 1-20 SGL 1-30 SGL 1-40 SGL 1-50 SGL 1-60 SGL 1-90 SGL 1-100
20 30 40 50 60 90 100
20 30 40 50 60 90 100
< 0.50 < 0.50 < 0.50 < 0.67 < 0.67 < 0.82 < 0.82
Max. average forward rectified current, R-load Dauergrenzstrom in Einwegschaltung mit R-Last Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current, 50 Hz half sine-wave Stostrom fur eine 50 Hz Sinus-Halbwelle
TT = 75/C f > 15 Hz TA = 25/C
IFAV IFRM IFSM
1A 10 A 2) 20 A
1 2
) IF = 1 A, TA = 25/C ) Max. temperature of the terminals TT = 100/C - Max. Temperatur der Anschlusse TT = 100/C 30.06.2002
1
SGL 1-20 ... SGL 1-100 Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur Tj TS - 50...+150/C - 50...+150/C
Characteristics Leakage current - Sperrstrom Junction capacitance Sperrschichtkapazitat Tj = 25/C Tj = 100/C VR = 6 V VR = VRRM VR = VRRM f = 1 MHz IR IR Cj RthA RthT
Kennwerte < 0.5 mA < 5.0 mA 40 pF < 150 K/W 1) < 60 K/W
Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Thermal resistance junction to terminal Warmewiderstand Sperrschicht - Anschlu
) Mounted on P.C. board with 25 mm2 copper pads at each terminal Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lotpad) an jedem Anschlu 2 F:\Data\WP\DatBlatt\Einzelblatter\sgl1.wpd
1


▲Up To Search▲   

 
Price & Availability of SGL1-20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X