Part Number Hot Search : 
010220FB LM385 AS78L24 BSCD32H XMXXX SPM1423 45ADL OPA33
Product Description
Full Text Search
 

To Download R9G01800A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R9G0 1800A
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925 7272
Rectifier Diode
1800 Amperes/Up to 3200 Volts
Description:
Powerex General Purpose Rectifiers are designed with high blocking voltage capability with low forward on-state voltage to minimize conduction losses. These are all-diffused, hermetic Pow-R-Disc devices which can be mounted using commercially available clamps and heatsinks..
Features:
n Low On-State Voltage n Low Thermal Impedance n Hermetic Packaging n Excellent Surge and I t Ratings
2
Applications:
n Power Supplies n Motor Control
Ordering Information
Select the complete 10 digit device part number from the table below.
n Free Wheeling Diode
Type
Voltage VRRM
Current IT(av)
16
Recovery Time trr
XX
R9G0
12 through 32 1200 V through 3200 V
1600 A
25 s typical
11-09-1999
R9G0 1800A
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925 7272
R9G0 Rectifier Diode
1800 Amperes / Up to 3200 Volts
Absolute Maximum Ratings
Conditions Repetitive Peak Reverse Blocking Voltage Non-Repetitive Peak Reverse Blocking Voltage RMS Forward Current Average Forward Current Peak Half Cycle Non-Repetitive Surge Current Peak Half Cycle Non-Repetitive Surge Current I t for Fusing for One Cycle I t of Package Operating Junction Temperature Storage Temperature Mounting Force -2 2
Symbol VRRM VRSM IF(RMS) up to 3200 VRRM + 100 2825 1800 21,500 19,600 1.925x10 90x10
6 6
Units V V A A A A A -sec A -sec C C lb. kg g lbs
2 2
180 Conduction, TC=110C t = 8.3mS, 100%VRRM reapplied t = 10mS, 100%VRRM reapplied
IF(AV) IFSM IFSM It
2
t = 8.3mS
It TJ Tstg --
2
-40 to +175 -40 to +190 5000 to 6000 2270 to 2700
Module Weight, Typical
--
--
454 1.0
11-09-1999
R9G0 1800A
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925 7272
R9G0 Rectifier Diode
1800 Amperes / Up to 3200 Volts
Electrical and Thermal Characteristics, TJ=25C unless otherwise specified
Characteristics Peak Reverse Leakage Current Peak On-State Voltage Threshold Voltage, Low-level Slope Resistance, Low-level Threshold Voltage, High-level Slope Resistance, High-level VFM Coefficients, Full Range Symbol IRRM VFM V(TO)1 rT1 V(TO)2 rT2 TJ = 175C, I = 15%IF(AV) to IFSM A = 2.06 B = -0.232 VFM=A + B Ln (IFM)+ C IFM+ D v(IFM) C = 0.000130 D = 0.0179 Maximum Reverse Recovery Current IR(Rec) TJ = 175C, di/dt = -1 A/s TJ = 175C, di/dt = -10A/s Typical Reverse Recovery Time trr TC = 25C, IFM = 1500 A diR/dt = 25 A/sec, tp = 190 sec 25 70 250 A A sec TJ = 175C, I = pIF(AV) to IFSM Test Conditions TJ=175C, Rated VRRM TJ=25C, IFM=1500A TJ = 175C, I = 15%IF(AV) to pIF(AV) Min. Typ. Max 150 1.20 .814 .224 1.03 .198 Units mA V V mO V mO
Thermal Characteristics
Characteristics Thermal Resistance, Junction to Case Symbol RTJC Min. -----Typ. -----Max. 0.02 Units C/W
Thermal Resistance, Case to Sink Lubricated
RTCS
------
------
0.0075
C/W
Maximum Transient Thermal Impedance
(Junction to Case) 0.025 Thermal Impedance - Zjc - C/W 0.02 0.015 0.01 0.005 0 0.0001
Maximum On-State Forw ard Voltage Drop ( Tj = 175 C ) On-State Voltage - Vfm - Volts 5 4 3 2 1 0 10 100 1000 10000 100000 Instantaneous On-State Current - Ifm - Amperes
11-09-1999
0.001
0.01
0.1
1
10
100
Time - t - Seconds
R9G0 1800A
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925 7272
Maximum On-State Power Dissipation
3500 Maximum Power Dissipation - Watts 180 3000 2500 2000 1500 1000 500 0 0 200 400 600 800 1000 1200 1400 1600 1800 2000 Average On-State Current - If(av) - Amperes 30 90
Maximum Allowable Case Temperature
(Sinusoidal Waveform) Max. Case Temperature - Tcase - C 180 170 160 150 140 130 120 110 100 0 200 400 600 800 1000 1200 1400 1600 1800 2000 Average On-State Current - If(av) - Amperes 30 90 180
(Sinusoidal Waveform)
Maximum On-State Power Dissipation
(Rectangular Waveform) 4500 4000 Maximum Power Dissipation - Watts 3500 3000 60 2500 2000 1500 1000 500 0 0 400 800 1200 1600 2000 2400 2800 3200 Average On-State Current - If(av) - Amperes 120 180 360
Maximum Allowable Case Temperature
(Rectangular Waveform) 180 170 Max. Case Temperature Tcase C 160 150 140 130 120 110 100 90 0 500 1000 1500 2000 2500 Average On-State Current If(av) Amperes 360 3000 60 120 180
11-09-1999


▲Up To Search▲   

 
Price & Availability of R9G01800A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X