Part Number Hot Search : 
2SA1309 00158 93C64 CY7C1325 SBX2020 UF308G ALVCB G8084032
Product Description
Full Text Search
 

To Download OM100Q05CB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OM100Q05CB/RB/DB OM100Q15CB/RB/DB OM100Q30CB/RB/DB OM100Q50CB/RB/DB OM100Q70CB/RB/DB OM100Q10CB/RB/DB OM100Q20CB/RB/DB OM100Q40CB/RB/DB OM100Q60CB/RB/DB OM100Q80CB/RB/DB
100 AMP ULTRA FAST CENTER-TAP IN HERMETIC ISOLATED POWER BLOCK PACKAGE
100 Amp, 50 To 800 Volt High Power Rectifier Module
FEATURES
* * * * * * * * * Rugged Package Design Very Low Forward Voltage Very Fast Switching Time High Current Center-Tap Configuration Low Thermal Resistance Common Cathode Standard Ceramic Feedthroughs Available Available Screened To MIL-S-19500, TX, TXV And S Levels
DESCRIPTION
This series of products in a hermetic package is specifically designed for use at power switching frequencies in excess of 100 kHz. The series combines the latest silicon technology and a package specifically designed for high efficiency/high current applications. These devices are ideally suited for applications where small size and a hermetically sealed package are required.
ABSOLUTE MAXIMUM RATINGS (Per Diode) @ 25C Peak Inverse Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 to 800 V Maximum Average D.C. Output Current @ TC = 100 C . . . . . . . . . . . . . . . . . . . . . . 50 A Surge Current (Non-Repetitive 8.3 ms) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 700 A Thermal Resistance, Junction-to-Case . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0C/W Operating and Storage Temperature Range . . . . . . . . . . . . . . . . . . . . - 55 C to + 150C SCHEMATIC
1 2 COMMON ANODE 1 2
OMXXXXXXDB Common cathode is standard. Contact factory for performance characteristics for common anode and doubler.
3.2
PIN CONNECTION
2 COMMON CATHODE
OMXXXXXXCB
1
3
OMXXXXXXRB
3 3 DOUBLER
1
2
3
4 11 R0
3.2 - 1
OM100Q05CB/RB/DB - OM100Q80CB/RB/DB
ELECTRICAL CHARACTERISTICS (Per Diode)
Part Number PIV Maximum Forward Voltage IF = 50 A (1) Tj = 25 C Tj = 100 C Maximum Reverse Current @ PIV Tj = 25 C Tj = 100 C Maximum Reverse Recovery Time (2)
OM100Q05XX
50 V .97 V .85 V 50 ns
OM100Q10XX 100 V OM100Q15XX 150 V OM100Q20XX 200 V OM100Q30XX 300 V OM100Q40XX 400 V OM100Q50XX 500 V OM100Q60XX 600 V OM100Q70XX 700 V OM100Q80XX 800 V
1.20 V
1.00 V
25 A
3.0 mA
75 ns
1.30 V
1.05 V
100 ns
(2) Measured in Circuit: IF = 0.5 A, IR = 1.0 A, IREC = 0.25 A
Notes: (1) Pulse Test: Pulse Width = 300s, Duty Cycle 2.0%.
Typical Forward Voltage
50V - 200V
100 100
300V - 500V
100
600V - 800V
IF - Instantaneous Forward Current (Amps)
IF - Instantaneous Forward Current (Amps)
TJ = 100C
IF - Instantaneous Forward Current (Amps)
TJ = 100C
TJ = 100C
TJ = 25C
10
TJ = 25C
10
TJ = 25C
10
.4
.6
.8
1.0
.6
.8
1.0
1.2
.7
.9
1.1
1.3
3.2
VF - Instantaneous Voltage (Volts)
VF - Instantaneous Voltage (Volts)
VF - Instantaneous Voltage (Volts)
Typical Reverse Current
10
Mechanical Outline
2.000 1.500 .250 2 PLCS. .813 C E G .125 DIA. 4 PLCS. .324 .375 .875 1.375 1.750 .166 DIA. 3 PLCS.
.010
.515 MAX. .050
IR - Reverse Current (mA)
1.0 .1
.563
TJ = 175C TJ = 125C
.125 .472
.510 .030
.010
.01 .001
.275
.010
.375
TJ = 75C
.0001 0
TERMINAL 1
TJ = 25C
50 100
.100 DIA. 3 PLCS. .225
% VR - Reverse Voltage (Volts)
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246


▲Up To Search▲   

 
Price & Availability of OM100Q05CB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X