Part Number Hot Search : 
AX7042T T520C MAX2078 6652L 204H11A LTC31 800000 1C101MDD
Product Description
Full Text Search
 

To Download MCR1006432SIZE1W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Resistors
Thick film rectangular
MCR100 (6432 size: 1W)
FFeatures 1) Made of same material as the general purpose chip resistors (MCR10 / 18). 2) Highly reliable chip resistor Ruthenium oxide dielectric offers superior resistance to the elements. 3) Electrodes not corroded by soldering FRatings Both flow and reflow soldering can be used. 4) ROHM resistors have approved ISO-9001 certification. Design and specifications are subject to change without notice. Carefully check the specification sheet supplied with the product before using or ordering it.
FBefore using components in circuits where they will be exposed to transients such as pulse loads (short-duration, high-level loads), be certain to evaluate the component in the mounted state. In addition, the reliability and performance of this component cannot be guaranteed if it is used with a steady state voltage that is greater than its rated voltage.
1
Resistors
FCharacteristics
MCR100
2
Resistors
FExternal dimensions (Units: mm)
MCR100
FPackaging
3
Resistors
FMakeup of the part number
MCR100
FDimensions
FElectrical characteristics
4
Resistors
MCR100
5
Resistors
MCR100
6


▲Up To Search▲   

 
Price & Availability of MCR1006432SIZE1W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X