Part Number Hot Search : 
2SD2494 DDZX1XTS 71900 TT150N 6MBP40 BP206 LTC35 4THDXXXM
Product Description
Full Text Search
 

To Download KOP-1001A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Fiber Optic Transmitter
KOP-1001A
Features Dimensions
(Unit : ) Low Jitter Output Operating Voltage : 4.75V ~ 5.25V Signal Transmission Speed(8Mbps) TTL Compatible Interface
Applications
Digital Audio Equipment(CD,MD), STB, DVDP, etc
Absolute Maximum Ratings
Description Power Supply Voltage Input Voltage Operating Temperature Storage Temperature Soldering Temperature *1
*1 : Soldering Time
[Ta = 25 Symbol Vcc VIN Topr Vstg Tsol Ratings -0.5 ~ +7.0 Vcc+0.5V -20 ~ +70 - 30 ~ + 80 260 Condition -
]
10 seconds(At a distance of 1mm from the package)
Electro-Optical Characteristics
Parameter Operating Supply Voltage Peak Emission Wavelength Data Rate Optical Output Coupling with Fiber Current Consumption Input High Level Input Low Level Propagation Delay Time ( H -> L ) Propagation Delay Time ( L -> H ) Rise Time Fall Time Pulse Width Distortion Jitter Symbol Vcc p T Pc ICC VIH VIL t pHL t pLH tr tf tw tj Characteristics 4.75 ~ 5.25 V TYP 660 nm MAX 8 Mbps MIN -21 dBm MAX 10.0 mA MIN 2.0 V MAX 0.8 V MAX 100 ns MAX 100 ns MAX 36 ns MAX 36 ns MAX 10 ns MAX 15 ns
[Vcc= 5V, Ta= 25 Condition -
]
1/1


▲Up To Search▲   

 
Price & Availability of KOP-1001A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X