Part Number Hot Search : 
3KP12CA E561UAP SP8910 TT150N TA8473F 332J100 100BG MTRPB
Product Description
Full Text Search
 

To Download KBPC102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CE
CHENYI ELECTRONICS FEATURES
Ideal for printed circuit board Surge overload rating: 50A peak High case dielectric strength
KBPC1005 THRU KBPC110
SINGLE PHASE GLASS BRIDGE RECTIFIER
Voltage: 50 TO 1000V CURRENT:3.0A
MECHANICAL DATA
. Terminal: Plated leads solderable per MIL-STD 202E, method 208C . Case: UL-94 Class V-0 recognized Flame Retardant Epoxy . Polarity: Polarity symbol marked on body . Mounting : Hole thru for #6 screw
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Single-phase, half-wave, 60HZ, resistive or inductive load rating at 25 for capacitive load, derate current by 20%) SYMBOL KBPC1005 KBPC101 KBPC102 KBPC104 KBPC106 KBPC108 KBPC110 Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified current at Ta=50 Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Instantaneous Forward Voltage at forward current 1.5A DC Maximum DC Reverse Voltage Ta=25 at rated DC blocking voltage Ta=100 Operating Temperature Range Storage and operation Junction Temperature Ir Tj Tstg Vf 1.1 10.0 1.0 -55 to +125 -55 to +150 V A mA Ifsm 50 A If(av) 3.0 A Vrrm Vrms Vdc 50 35 50 100 70 100 200 140 200 400 280 400 600 420 600 800 560 800 1000 700 1000 , unless otherwise stated,
units
v v v
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 1 of 2
CE
CHENYI ELECTRONICS
KBPC1005 THRU KBPC110
SINGLE PHASE GLASS BRIDGE RECTIFIER
Voltage: 50 TO 1000V CURRENT:3.0A
RATINGS AND CHARACTERISTIC CURVES KBPC1005 THRU KBPC110
FIG.1-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS FIG.4-TYPICAL REVERSE CHARACTERISTICS
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of KBPC102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X