Part Number Hot Search : 
X9C104S C595N WS256 2N5786 DBF21101 AP1120BA C3EPC13 PL001
Product Description
Full Text Search
 

To Download JAN1N5612 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 580 Pleasant St. Watertown, MA 02472 PH: (617) 926-0404 FAX: (617) 924-1235
Features
* * * 1500 Watts for 1 ms Pulse Power Capability Small Physical Size Designed for MIL-STD-704A Applications
1N5610 1N5611 1N5612, 1N5613 POWER ZENER RECTIFIER JAN, JANTX, JANTXV TRANSIENT SUPPRESSOR DIODE
Description
Zener diodes with a high surge capability qualified to MIL-S-19500/434
Absolute Maximum Ratings ( @ 25C unless noted )
Forward Surge Current, Zener Surge Current, @ 25C Zener Surge Current @ 150C Storage and Operating Temperature Zener Voltage Surge Power 1N5610 1N5611 200 A 200 A 32.0 A 24.0 A 5.5 A 4.8 A -65C to + 175C See Electrical Characteristics See Graphs 1N5612 200 A 19.0 A 3.2 A 1N5613 200 A 5.7 A 1.0 A
Electrical Characteristics (T = 25C unless otherwise noted)
DEVICE TYPE Min. Zener Voltage Vz @ 1Ma Volts 33.0 43.7 54.0 191 Max. Zener Voltage Vz @ Is Volts 47.5 63.5 78.5 265 Amps 32.0 24.0 19.0 5.7 MAX. Reverse Leakage Current IR @ VR Volts A 5.0 30.5 5.0 40.3 5.0 49.0 5.0 175 MAX. Forward V @ 100 A Volts 4.8 4.8 4.8 4.8 Typical Temp. Coefficient % / C .093 .094 .096 .100
1N5610* 1N5611* 1N5612* 1N5613*
NOTES: * Available as JAN, JANTX and JANTXV Duration of applied current 300 ms, Duty cycle 2%. Use a pulse which decays exponentially to 50 % of peak value during 1 ms. (See " Pulse Waveform " graph). Peak Sinusoidal surge current of 8.3 ms duration, non repetitive
MSC1061.PDF 5-21-99
DSW1N5610 <-> (35436)
1N5610 1N5611 1N5612, 1N5613
Applications
Voltage transients can be suppressed with series elements, shunt elements or a combination of both. These elements may be passive or active. For low & medium power applications, a series resistor & zener clamp offer several attractive features: 1. Simplicity of design. 2. High reliability. 3. Fast response time. The 1N5610 series will suppress the following transients (defined by MIL-S-704A) without using any series limiting resistance; (except as noted in line #3 below) 1. All 600 V transients (category 1 in chart below). 2. All 80 V transients except those generated by the main voltage regulator (category 2 in chart below). 3. Over-voltage transients from the main voltage regulator (category 3 in chart below) will be suppressed if: a. A 20 ohm series limiting resistor is used, orb. No series resistance is used & the zener is protected within 500 s, using (for example) an SCR crowbar. The above statements are based on the source impedances & dv/dt characteristics as given in ARINC* spec# 413; entitled "Guidance for Aircraft Electrical Power Utilization & Transient Protection. This report further defines MIL-STD-704A in regard to large aircraft electrical systems. These surge suppressors are useful in a varierty of other applications where semiconductor devices must function in an environment subject to extremely high, but short term surges. * ARINC stands for Aeronautical Radio Incorporated; Annapolis, Maryland 21401
Category #
Source of Trans. Inductive Swtchg
Max. Amplitude
Duration of Trans.
Min. Impedance
dv over dt
1
600 V
10 s
50 ohm
---
2
BUS Switching Main Volt. Reg.
80 V
10 ms
15 ohm
---
3
80 V
10 ms
0.2 ohm
50V/ms
MSC1061.PDF 5-21-99
DSW1N5610 <-> (35436)
1N5610 1N5611 1N5612, 1N5613
DEVICE OUTLINE
DIE OUTLINE
MSC1061.PDF 5-21-99
DSW1N5610 <-> (35436)
1N5610 1N5611 1N5612, 1N5613
FIGURE 1
FIGURE 2
MSC1061.PDF 5-21-99
DSW1N5610 <-> (35436)
1N5610 1N5611 1N5612, 1N5613
FIGURE 3
MSC1061.PDF 5-21-99
DSW1N5610 <-> (35436)


▲Up To Search▲   

 
Price & Availability of JAN1N5612

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X