Part Number Hot Search : 
MAX478 CXA1571 RT9903B LM358DT LB1976 HEF4021B CNY174M W041K1
Product Description
Full Text Search
 

To Download IRF370B9ZPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Applications l High Frequency Synchronous Buck Converters for Computer Processor Power l Lead-Free
HEXFET(R) Power MOSFET
IRF3709ZPbF IRF3709ZSPbF IRF3709ZLPbF
Qg
17nC 6.3m:
PD -95465
VDSS RDS(on) max
30V
Benefits l Low RDS(on) at 4.5V VGS l Low Gate Charge l Fully Characterized Avalanche Voltage and Current
TO-220AB IRF3709Z
D2Pak IRF3709ZS
TO-262 IRF3709ZL
Absolute Maximum Ratings
Parameter
VDS VGS ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C PD @TC = 100C TJ TSTG Drain-to-Source Voltage Gate-to-Source Voltage Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current
Max.
30 20 87h 62h 350 79 40 0.53 -55 to + 175 300 (1.6mm from case) 10 lbfyin (1.1Nym)
Units
V A
c
Maximum Power Dissipation Maximum Power Dissipation Linear Derating Factor Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds Mounting Torque, 6-32 or M3 screw
W W/C C
Thermal Resistance
Parameter
RJC RJA Junction-to-Case
i
Typ.
Max.
1.89 40
Units
C/W
Junction-to-Ambient (PCB Mount)
g
--- ---
Notes through are on page 12
www.irf.com
1
6/30/04
IRF3709Z/S/LPbF
Static @ TJ = 25C (unless otherwise specified)
Parameter
BVDSS VDSS/TJ RDS(on) VGS(th) VGS(th)/TJ IDSS IGSS gfs Qg Qgs1 Qgs2 Qgd Qgodr Qsw Qoss td(on) tr td(off) tf Ciss Coss Crss Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Gate Threshold Voltage Coefficient Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Forward Transconductance Total Gate Charge Pre-Vth Gate-to-Source Charge Post-Vth Gate-to-Source Charge Gate-to-Drain Charge Gate Charge Overdrive Switch Charge (Qgs2 + Qgd) Output Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
Min. Typ. Max. Units
30 --- --- --- 1.35 --- --- --- --- --- 88 --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- 0.021 5.0 6.2 --- -5.5 --- --- --- --- --- 17 4.4 1.7 6.0 4.9 7.7 11 13 41 16 4.7 2130 450 220 --- --- 6.3 7.8 2.25 --- 1.0 150 100 -100 --- 26 --- --- --- --- --- --- --- --- --- --- --- --- --- pF VGS = 0V VDS = 15V ns nC nC VDS = 15V VGS = 4.5V ID = 17A S nA V mV/C A V
Conditions
VGS = 0V, ID = 250A
mV/C Reference to 25C, ID = 1mA m VGS = 10V, ID = 21A VGS = 4.5V, ID = 17A
e e
VDS = VGS, ID = 250A VDS = 24V, VGS = 0V VDS = 24V, VGS = 0V, TJ = 125C VGS = 20V VGS = -20V VDS = 15V, ID = 17A
See Fig. 14a&b VDS = 16V, VGS = 0V VDD = 15V, VGS = 4.5V ID = 17A Clamped Inductive Load
e
= 1.0MHz
Avalanche Characteristics
EAS IAR EAR Parameter Single Pulse Avalanche Energyd Avalanche CurrentA Repetitive Avalanche Energy Typ. --- --- --- Max. 60 17 7.9 Units mJ A mJ
--- --- --- --- --- --- --- --- 16 6.2
Diode Characteristics
Parameter
IS ISM VSD trr Qrr Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode)A Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge
Min. Typ. Max. Units
87h A 350 1.0 24 9.3 V ns nC
Conditions
MOSFET symbol showing the integral reverse
G S D
p-n junction diode. TJ = 25C, IS = 17A, VGS = 0V TJ = 25C, IF = 17A, VDD = 15V di/dt = 100A/s
e
e
2
www.irf.com
IRF3709Z/S/LPbF
1000
TOP VGS 10V 9.0V 7.0V 5.0V 4.5V 4.0V 3.5V 3.0V
1000
TOP VGS 10V 9.0V 7.0V 5.0V 4.5V 4.0V 3.5V 3.0V
ID, Drain-to-Source Current (A)
BOTTOM
ID, Drain-to-Source Current (A)
100
BOTTOM
100
3.0V
10
3.0V
60s PULSE WIDTH
10 0.1 1 Tj = 25C 1 100 0.1 1 10
60s PULSE WIDTH
Tj = 175C 10 100
V DS, Drain-to-Source Voltage (V)
V DS, Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1000
RDS(on) , Drain-to-Source On Resistance (Normalized)
2.0
ID, Drain-to-Source Current ()
ID = 42A VGS = 10V
100
T J = 175C
1.5
10
1.0
1
T J = 25C VDS = 15V 60s PULSE WIDTH 0 1 2 3 4 5 6 7 8
0.1
0.5 -60 -40 -20 0 20 40 60 80 100 120 140 160 180
VGS, Gate-to-Source Voltage (V)
T J , Junction Temperature (C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance vs. Temperature
www.irf.com
3
IRF3709Z/S/LPbF
10000 VGS = 0V, f = 1 MHZ C iss = C gs + Cgd, C ds SHORTED C rss = C gd C oss = C ds + Cgd
6.0 ID= 17A
VGS, Gate-to-Source Voltage (V)
5.0 4.0 3.0 2.0 1.0 0.0
C, Capacitance(pF)
Ciss
1000
VDS= 24V VDS= 15V
Coss
Crss
100 1 10 100
0
5
10
15
20
25
VDS, Drain-to-Source Voltage (V)
QG Total Gate Charge (nC)
Fig 5. Typical Capacitance vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge vs. Gate-to-Source Voltage
1000.00
10000 OPERATION IN THIS AREA LIMITED BY R DS(on)
100.00
T J = 175C
ID, Drain-to-Source Current (A)
ISD, Reverse Drain Current (A)
1000
100
100sec
10 1msec 1 Tc = 25C Tj = 175C Single Pulse 0 1 10 10msec
10.00
T J = 25C
VGS = 0V 1.00 0.0 0.5 1.0 1.5 2.0 2.5 VSD, Source-to-Drain Voltage (V)
0.1 100 1000 VDS, Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRF3709Z/S/LPbF
90 Limited By Package
VGS(th) Gate threshold Voltage (V)
2.5
80 70
ID, Drain Current (A)
2.0
60 50 40 30 20 10 0 25 50 75 100 125 150 175 T C , Case Temperature (C)
1.5
ID = 250A
1.0
0.5 -75 -50 -25 0 25 50 75 100 125 150 175 200
T J , Temperature ( C )
Fig 9. Maximum Drain Current vs. Case Temperature
Fig 10. Threshold Voltage vs. Temperature
10
Thermal Response ( Z thJC )
1
D = 0.50 0.20
0.1
0.10 0.05 0.02 0.01
J
R1 R1 J 1 2
R2 R2 C 2
Ri (C/W) i (sec) 0.832 0.000221 1.058 0.001171
1
0.01
SINGLE PULSE ( THERMAL RESPONSE )
Ci= i/Ri Ci i/Ri
Notes: 1. Duty Factor D = t1/t2 2. Peak Tj = P dm x Zthjc + Tc
0.0001 0.001 0.01 0.1
0.001 1E-006 1E-005
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRF3709Z/S/LPbF
RDS(on), Drain-to -Source On Resistance ( m)
Vgs = 10V
8.00
RDS(on), Drain-to -Source On Resistance (m )
9.00
16 14 12 10 8 6 4 2 0 2 3 4 5 6 7 8 9 10 T J = 25C T J = 125C ID = 21A
T J = 125C
7.00
6.00
T J = 25C
5.00
4.00 10.0 20.0 30.0 40.0 50.0 60.0 70.0
ID, Drain Current (A)
VGS, Gate -to -Source Voltage (V)
Fig 12. On-Resistance vs. Drain Current
Current Regulator Same Type as D.U.T.
Id Vds
50K 12V .2F .3F
Fig 13. On-Resistance vs. Gate Voltage
Vgs
250
D.U.T. VGS
3mA
EAS , Single Pulse Avalanche Energy (mJ)
+ V - DS
Vgs(th)
200
ID 5.4A 8.0A BOTTOM 17A TOP
IG
ID
Current Sampling Resistors
Qgs1 Qgs2
Qgd
Qgodr
150
Fig 14a&b. Basic Gate Charge Test Circuit and Waveform
15V
100
V(BR)DSS tp
VDS L
50
DRIVER
RG
20V
D.U.T
IAS
+ V - DD
0
A
25
50
75
100
125
150
175
I AS
tp
0.01
Starting T J , Junction Temperature (C)
Fig 15a&b. Unclamped Inductive Test circuit and Waveforms
Fig 16. Maximum Avalanche Energy vs. Drain Current
6
www.irf.com
IRF3709Z/S/LPbF
D.U.T
Driver Gate Drive
+
P.W.
Period
D=
P.W. Period VGS=10V
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
-
-
+
RG
* * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
VDD
VDD
+ -
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 17. Peak Diode Recovery dv/dt Test Circuit for N-Channel HEXFET(R) Power MOSFETs
LD VDS
+
VDD D.U.T VGS Pulse Width < 1s Duty Factor < 0.1%
Fig 18a. Switching Time Test Circuit
90%
VDS
10%
VGS
td(on) tr td(off) tf
Fig 18b. Switching Time Waveforms
www.irf.com
7
IRF3709Z/S/LPbF
Power MOSFET Selection for Non-Isolated DC/DC Converters
Control FET Special attention has been given to the power losses in the switching elements of the circuit - Q1 and Q2. Power losses in the high side switch Q1, also called the Control FET, are impacted by the Rds(on) of the MOSFET, but these conduction losses are only about one half of the total losses. Power losses in the control switch Q1 are given by; Synchronous FET The power loss equation for Q2 is approximated by;
* P =P loss conduction + P drive + P output
P = Irms x Rds(on) loss
+ (Qg x Vg x f )
(
2
)
Ploss = Pconduction+ Pswitching+ Pdrive+ Poutput
This can be expanded and approximated by;
Q + oss x Vin x f + (Qrr x Vin x f ) 2
*dissipated primarily in Q1.
Ploss = (Irms x Rds(on ) )
2
Qgs 2 Qgd +Ix x Vin x f + I x x Vin x ig ig + (Qg x Vg x f ) + Qoss x Vin x f 2
f
This simplified loss equation includes the terms Qgs2 and Qoss which are new to Power MOSFET data sheets. Qgs2 is a sub element of traditional gate-source charge that is included in all MOSFET data sheets. The importance of splitting this gate-source charge into two sub elements, Qgs1 and Qgs2, can be seen from Fig 16. Qgs2 indicates the charge that must be supplied by the gate driver between the time that the threshold voltage has been reached and the time the drain current rises to Idmax at which time the drain voltage begins to change. Minimizing Qgs2 is a critical factor in reducing switching losses in Q1. Qoss is the charge that must be supplied to the output capacitance of the MOSFET during every switching cycle. Figure A shows how Qoss is formed by the parallel combination of the voltage dependant (nonlinear) capacitances Cds and Cdg when multiplied by the power supply input buss voltage.
For the synchronous MOSFET Q2, Rds(on) is an important characteristic; however, once again the importance of gate charge must not be overlooked since it impacts three critical areas. Under light load the MOSFET must still be turned on and off by the control IC so the gate drive losses become much more significant. Secondly, the output charge Qoss and reverse recovery charge Qrr both generate losses that are transfered to Q1 and increase the dissipation in that device. Thirdly, gate charge will impact the MOSFETs' susceptibility to Cdv/dt turn on. The drain of Q2 is connected to the switching node of the converter and therefore sees transitions between ground and Vin. As Q1 turns on and off there is a rate of change of drain voltage dV/dt which is capacitively coupled to the gate of Q2 and can induce a voltage spike on the gate that is sufficient to turn the MOSFET on, resulting in shoot-through current . The ratio of Qgd/Qgs1 must be minimized to reduce the potential for Cdv/dt turn on.
Figure A: Qoss Characteristic
8
www.irf.com
IRF3709Z/S/LPbF
TO-220AB Package Outline
10.54 (.415) 10.29 (.405) 3.78 (.149) 3.54 (.139) -A6.47 (.255) 6.10 (.240)
Dimensions are shown in millimeters (inches)
-B4.69 (.185) 4.20 (.165) 1.32 (.052) 1.22 (.048)
2.87 (.113) 2.62 (.103)
4 15.24 (.600) 14.84 (.584)
1.15 (.045) MIN 1 2 3
LEAD ASSIGNMENTS IGBTs, CoPACK 1 - GATE 2 1- GATE- DRAIN 1- GATE 32- DRAINSOURCE 2- COLLECTOR 3- SOURCE 3- EMITTER 4 - DRAIN
LEAD ASSIGNMENTS
HEXFET
14.09 (.555) 13.47 (.530)
4- DRAIN
4.06 (.160) 3.55 (.140)
4- COLLECTOR
3X 3X 1.40 (.055) 1.15 (.045)
0.93 (.037) 0.69 (.027) M BAM
3X
0.55 (.022) 0.46 (.018)
0.36 (.014)
2.54 (.100) 2X NOTES: 1 DIMENSIONING & TOLERANCING PER ANSI Y14.5M, 1982. 2 CONTROLLING DIMENSION : INCH
2.92 (.115) 2.64 (.104)
3 OUTLINE CONFORMS TO JEDEC OUTLINE TO-220AB. 4 HEATSINK & LEAD MEASUREMENTS DO NOT INCLUDE BURRS.
TO-220AB Part Marking Information
E XAMPL E : T HIS IS AN IR F 1010 L OT CODE 1789 AS S E MB L E D ON WW 19, 1997 IN T H E AS S E MB L Y L INE "C" INT E R NAT IONAL R E CT IF IE R L OGO AS S E MB L Y L OT CODE PAR T NU MB E R
Note: "P" in assembly line position indicates "Lead-Free"
DAT E CODE YE AR 7 = 1997 WE E K 19 L INE C
www.irf.com
9
IRF3709Z/S/LPbF
D2Pak Package Outline
Dimensions are shown in millimeters (inches)
D2Pak Part Marking Information (Lead-Free)
T H IS IS AN IR F 5 3 0 S W IT H L OT COD E 8 0 24 AS S E M B L E D O N W W 0 2 , 2 0 0 0 IN T H E AS S E M B L Y L IN E "L " N ote: "P " in as s em bly line pos ition in dicates "L ead-F ree" IN T E R N AT IO N AL R E C T IF IE R L O GO AS S E M B L Y L O T CO D E P AR T N U M B E R F 530S D AT E C O D E Y E AR 0 = 2 0 0 0 WE E K 02 L IN E L
OR
IN T E R N AT IO N AL R E C T IF IE R L OGO AS S E M B L Y L O T COD E P AR T N U M B E R F 530S D AT E C O D E P = D E S IG N AT E S L E AD -F R E E P R O D U CT (O P T IO N AL ) Y E AR 0 = 2 0 0 0 WE E K 02 A = AS S E M B L Y S IT E C O D E
10
www.irf.com
IRF3709Z/S/LPbF
TO-262 Package Outline
IGBT 1- GATE 2- COLLECTOR 3- EMITTER
TO-262 Part Marking Information
EXAMPLE: T HIS IS AN IRL3103L LOT CODE 1789 AS S EMBLED ON WW 19, 1997 IN T HE AS S EMBLY LINE "C" Note: "P" in as s embly line pos ition indicates "Lead-Free" INT ERNAT IONAL RECTIFIER LOGO AS S EMBLY LOT CODE PART NUMBER
DAT E CODE YEAR 7 = 1997 WEEK 19 LINE C
OR
INT ERNATIONAL RECTIFIER LOGO AS S EMBLY LOT CODE PART NUMBER DATE CODE P = DES IGNAT ES LEAD-FREE PRODUCT (OPT IONAL) YEAR 7 = 1997 WEEK 19 A = AS S EMBLY S IT E CODE
www.irf.com
11
IRF3709Z/S/LPbF
D2Pak Tape & Reel Infomation
Dimensions are shown in millimeters (inches)
TRR
1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153)
1.60 (.063) 1.50 (.059)
0.368 (.0145) 0.342 (.0135)
FEED DIRECTION 1.85 (.073)
1.65 (.065)
11.60 (.457) 11.40 (.449)
15.42 (.609) 15.22 (.601)
24.30 (.957) 23.90 (.941)
TRL
10.90 (.429) 10.70 (.421) 1.75 (.069) 1.25 (.049) 16.10 (.634) 15.90 (.626) 4.72 (.136) 4.52 (.178)
FEED DIRECTION
13.50 (.532) 12.80 (.504)
27.40 (1.079) 23.90 (.941)
4
330.00 (14.173) MAX.
60.00 (2.362) MIN.
NOTES : 1. COMFORMS TO EIA-418. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION MEASURED @ HUB. 4. INCLUDES FLANGE DISTORTION @ OUTER EDGE.
26.40 (1.039) 24.40 (.961) 3
30.40 (1.197) MAX. 4
Notes: Repetitive rating; pulse width limited by This is applied to D2Pak, when mounted on 1" square PCB (FR4 or G-10 Material). For recommended footprint and soldering max. junction temperature. techniques refer to application note #AN-994. Starting TJ = 25C, L = 0.42mH, RG = 25, Calculated continuous current based on maximum allowable IAS = 17A. junction temperature. Package limitation current is 42A. Pulse width 400s; duty cycle 2%. R is measured at TJ of approximately 90C. Coss eff. is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS.
Data and specifications subject to change without notice. This product has been designed and qualified for the Industrial market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 6/04
12
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRF370B9ZPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X