Part Number Hot Search : 
SPLLL15 2N4173 LTC1655 65100 RGP10 MC9S12XE RD1004 SHORT
Product Description
Full Text Search
 

To Download HM67 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Electrical / Environmental
Surface Mount Common Mode Chokes
RopHtSlsr lian fo Com
`LF' M ode
* * * *
Operating Temperature Range Ambient Temperature, Maximum Temperature Rise, Maximum Dielectric Withstanding Voltage
-40C to +125C 85C 40C 300Vdc
Schematic
Specifications
Common Mode Inductance @100 kHz - 0.1 V (1-4 or 2-3) Inductance Leakage @100 kHz - 0.1 Vrms (1-4)(1) Typ. Rated Current mA 1000 500 500 500 500 500 500 400 200 200 DCR (2) Max. m 7.2 5.8 9.8 7.2 9.4 8.2 9.4 8.2 9.8 403
Part
Number
HM67-B5R0 HM67-B110 HM67-S250 HM67-B510 HM67-S510 HM67-B471 HM67-B102(3) HM67-B222(3) HM67-B472(3) HM67-10510
Notes:
Terminals 1-4, 2-3 1-4, 2-3 1-4, 2-3 1-4, 2-3 1-4, 2-3 1-4, 2-3 1-4, 2-3 1-4, 2-3 1-4, 2-3 1-4, 2-3
H
H
5.0 30% 11.0 30% 25.0 30% 51.0 30% 51.0 30% 470.0 30% 1000.0 +50%, -30% 2200.0 +50%, -30% 4700.0 +50%, -30% 51.0 30%
0.08 0.10 1.60 1.90 2.80 0.80 0.16 0.16 0.24 2.40
Marking Code A B C D E F G H I 0510
Figure 1 1 1 1 1 1 1 1 1 2
(1) Leakage inductance is measured with pin 2 & 3 shorted. (2) DC resistance is measured at 25C. (3) Maximum operating temperature is +85C.
Packaging
Standard: Embossed Tape & Reel Reel: Diameter: Capacity: Figure 1 & 2 Figure 1 Figure 2 = = = 13" (330.2mm) 400 Units 2000 Units
Ordering Information
Model Series
HM67
B
110
LF
TR13
Winding Type: B = Bifilar S /10= Sector
TR13 = Tape & 13" Reel (Standard) No code used for tubes
Inductance Code: First 2 digits are significant. Last digit denotes the number of trailing zeros. For values below 10H, "R" denotes the decimal point.
Lead-Free Option LF = Lead-Free (No code used for non lead-free part)
2006 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE www.bitechnologies.com
We reserve the right to change specifications without prior notice
33
(Inch / mm) Outline Dimensions (Inch/mm)
Figure 1
Side View
.024 0.60 Typ. .155 3.9 Max.
Figure 2
Bottom View
.138 3.50 Max.
.004/0.10MAX
Seating Plane
.197 5.00 Max.
Top View
.37 Max. 9.4
Top View
Marking Location
Side View
1
4
.10.004 2.50.1
.236 Max. 6.0
2
.140 Max. 3.55
3
.138 3.5
Max.
Marking (Refer to Specifications Table)
Recommended Solder Pad Layout
Recommended Solder Pad Layout
.098 2.5 .047 1.2 .177 4.5 .40 10.2 .067 1.7 .087 2.2 .232 5.9
.090 2.3
34
MAGNETIC COMPONENTS SELECTOR GUIDE 2006 EDITION
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
Electrical Characteristies @ 25C
(A) Attenuation vs. Frequency Graphs
HM67-B5R0
HM67-S250
HM67-B110
HM67-B510
HM67-B110
2006 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE www.bitechnologies.com
We reserve the right to change specifications without prior notice
35
Electrical Characteristies @ 25C (Cont'd)
HM67-S510
HM67-B102
HM67-B471
HM67-B222
HM67-B222
HM67-B472
36
MAGNETIC COMPONENTS SELECTOR GUIDE 2006 EDITION
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
Electrical Characteristies @ 25C (Cont'd)
(B) Insertion Loss vs. Frequency Graph
HM67-10510
Common Mode Insertion Loss (dB) Common Mode Differential Mode Differential Mode
Frequency (MHz)
(C) Current Derating Curve
HM67-10510
I o/p
/
I Rated
Ambient Temperature (0C)
2006 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE www.bitechnologies.com
We reserve the right to change specifications without prior notice
37


▲Up To Search▲   

 
Price & Availability of HM67

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X