Part Number Hot Search : 
N4800LS 243NQ090 KA2506 HMC333E GS150 BF989 MA27V 1N4372D
Product Description
Full Text Search
 

To Download GP2D02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GP2D02
GP2D02
s Features
1. Impervious to color and reflectivity of reflective object 2. High precision distance measurement output for direct connection to microcomputer 3. Low dissipation current at OFF-state (dissipation current at OFF-state : TYP. 3 A) 4. Capable of changing of distance measuring range through change the optical portion (lens)
Compact, High Sensitive Distance Measuring Sensor
s Outline Dimensions
23
Emitting portion
(Unit : mm)
Detecting portion 2-8 12 14 MAX.0.8 1 2 3 4 : : : : GND Vin VCC Vout VCC Reg VCC 12k Control circuit 4 : Vout 2 : Vin (Control signal input)
.2
0
.15
R4 2g 4.5 0.2 4
g 20 0.2 29 37 2.7
1 JAPAN SOLDERLESS TERMINAL MSG. CO. made connector (S4B-ZR) Block Diagram
4
The dimensions marked with g are described as the dimensions of lens center position. 1 : GND 3 : VCC
s Applications
1. Sanitary sensors 2. Human body sensors for consumer products such as electric fans and air conditioners 3. Garage sensors * PSD : Position Sensitive Detector
Signal processing circuit Light detector (PSD*) LED drive circuit IR LED Reflective object VCC
s Absolute Maximum Ratings
Parameter Supply voltage *1 Input terminal voltage Output terminal voltage Operating temperature Storage temperature
*1 Open drain operation input
(Ta=25C, VCC =5V) Unit V V V C C
Symbol Rating VCC - 0.3 to + 10 - 0.3 to + 3 Vin BVO - 0.3 to + 10 - 10 to + 60 T opr - 40 to + 70 T stg
s Operating Supply Voltage
Symbol VCC Rating 4.4 to 7 Unit V
" In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device."
2-1
2 - 15.4
2 - 1.5
14.4
GP2D02
s Electro-optical Characteristics
Parameter Distance measuring range Output terminal voltage Distance characteristics of output Dissipation current Vin terminal current
Note) L : Distance to reflective object DEC : Decimalized value of sensor output (8-bit serial) *1 Reflective object : White paper (reflectivity : 90%) *2 Average dissipation current value during distance measuring operation when detecting of input signal, Vin as shown in the timing chart *3 Vin terminal : Open drain drive input. Conditions : Vin terminal current at Vin OFF-state : -1 A Vin terminal current at Vin ON-state : 0.3V
(Ta=25C,Vcc=5V) Symbol L V OH V OL D D ICC I off Ivin MIN. TYP. 10 Output voltage at High L = 20cm VCC - 0.3 Output voltage at Low *1 75 L = 80cm, *1 Output change at L=80 cm to 20 cm, *1 48 58 L = 20cm, *1, *2 22 L = 20cm, *1 3 Vin = 0V - 170
*1
Conditions
at operating at OFF-state
MAX. 80 0.3 68 35 8 - 280
Unit cm V V DEC DEC mA A A
s Test Circuit
1. Test circuit
3
4 Distance measuring sensor 2 1
8-bit serial output read
Vin signal input
2. Vin input signal for measurement
0.1ms 70ms
0.1ms 1.6ms 2ms
GP2D02
s Timing Chart
70ms or more Vin
1.5ms or more 0.2ms or less 1ms or more
1.5ms or more Power OFF
Output MSB LSB Example of distance measuring output (8-bit) LSB
Fig. 1 Distance Measuring Output vs. Distance to Reflective Object
220 200 180 160
White
Distance measuring output (DEC)
White paper : KODAK made gray chart R-27, white surface (reflectivity : 90%) Gray paper : KODAK made gray chart R-27, gray surface (reflectivity : 18%)
140 120 100 80 60 40 20 0 0 20 40 60 80 100 120 140
Gray
Distance to reflective object L (cm)
GP2D02
Fig. 2 Detection Distance vs. Sensing Range
100 90 80
Sensing distance : 80 cm
Test Method for Sensing Range Characteristics
-X +X
Detection distance L (cm)
70
Sensing distance : 50 cm
50 40 30 20 10 0 - 100
Sensing distance : 20 cm
Reflective object White paper (reflectivity : 90%) Detecting portion Emitting portion
Sensor 100
- 50
0
50
Sensing range X (mm)
Fig. 3 Detection Distance vs. Illuminance
100 90 80
Test Method for Anti External Disturbing Light Characteristics
Distance to reflective object
Detection distance L (cm)
70 60 50 40 30 20 10 0 0 5000 10000 15000 20000 25000 30000
30cm 50cm
Reflective object KODAK made white paper (reflectivity : 90%)
Illuminance meter
Sensing distance
60
Sensor
15cm
Sunlight
Illuminance (lx)


▲Up To Search▲   

 
Price & Availability of GP2D02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X