Part Number Hot Search : 
SRGP30 NCP566 1512B SP13TR 23C2048 APL5912 MPT30 MB90F4
Product Description
Full Text Search
 

To Download FLT180 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Axial Leaded PTC FLT Series
FUZETEC
Application: Rechargeable battery packs Lithium cell and battery packs Product Features: Low profile, Solid state Operation Current: 0.7A~3.4 A Maximum Voltage: 24V Temperature Range: -40 to 85
Electrical Characteristics(23 )
Part Number FLT070 FLT070S FLT100 FLT100S FLT180 FLT180S FLT190 FLT190RU FLT260 FLT300 FLT310 FLT340 Hold Trip Current Current Rated Voltage V MAX, Vdc 15 15 24 24 24 24 24 15 24 24 24 24
Agency Approvals:UL(E211981) C-UL(E211981) TUV (R3-50004084) Maximum Current IMAX, A 100 100 100 100 100 100 100 100 100 100 100 100 Typical Resistance Tolerance Power RMIN RMAX R1MAX Pd, W 1.1 0.100 0.200 0.340 1.1 0.100 0.200 0.340 1.5 0.070 0.130 0.260 1.5 0.070 0.130 0.260 2.0 0.040 0.068 0.120 2.0 0.040 0.068 0.120 1.9 0.030 0.057 0.100 2.0 0.030 0.057 0.100 2.3 0.025 0.042 0.076 2.0 0.015 0.031 0.055 2.5 0.018 0.030 0.055 2.7 0.016 0.027 0.050
IH, A
0.7 0.7 1.00 1.00 1.8 1.8 1.9 1.9 2.6 3.0 3.1 3.4
IT,A 1.5 1.5 2.5 2.5 3.8 3.8 4.2 4.2 5.2 6.3 6.0 6.8
IH=Hold current-maximum current at which the device will not trip at 23 still air. IT=Trip current-minimum current at which the device will always trip at 23 still air. V MAX=Maximum voltage device can withstand without damage at its rated current. I MAX= Maximum fault current device can withstand without damage at rated voltage (V max). Pd=Maximum power dissipated from device when in the tripped state in 23 still air environment. RMIN=Minimum device resistance at 23 . R1MAX=Maximum device resistance at 23 , 1 hour after tripping. Physical specifications: Lead material:0.13mm.nominal thickness ,quarter-hard nickel. Insulating material:Polyester tape.
1
DB LECTRO Inc., 3600-I, boulevard Matte, Brossard, QC J4Y 2Z2
Axial Leaded PTC FLT Series
FLT Product Dimensions (Millimeters)
FUZETEC
Part Number Fig FLT070 1 FLT070S 2 FLT100 1 FLT100S 2 FLT180 1 FLT180S 2 FLT190 1 FLT190RU 3 FLT260 1 FLT300 1 FLT310 1 FLT340 1
A Min 19.9 19.9 20.9 20.9 24.0 24.0 21.3 19.8 24.0 28.4 24.0 24.0 Max 22.1 22.1 23.1 23.1 26.0 26.0 23.4 20.8 26.0 31.8 26.0 26.0 Min 4.9 4.9 4.9 4.9 4.9 4.9 10.2 13.3 10.8 13.0 14.8 14.8
B Max 5.2 5.2 5.2 5.2 5.2 5.2 11.0 14.3 11.9 13.5 15.9 15.9 Min 0.7 0.7 0.6 0.6 0.6 0.6 0.5 0.4 0.6 0.5 0.6 0.6
C Max 1.2 1.2 1.0 1.0 1.0 1.0 1.1 0.8 1.0 1.1 1.0 1.0 Min 5.5 5.5 4.1 4.1 4.1 4.1 5.0 8.1 5.0 6.3 5.0 4.0
D Max 7.5 7.5 5.5 5.5 5.5 5.5 7.6 9.5 7.0 8.9 7.0 5.0 Min 3.9 3.9 3.9 3.9 3.9 3.9 4.8 3.8 5.9 6.0 5.9 5.9
F Max 4.1 4.1 4.1 4.1 4.1 4.1 5.4 4.2 6.1 6.6 6.1 6.1
Thermal Derating Curve
Thermal Derating Curve - FLT Series
200%
Percent of Rated Hold and Trip Current
150%
100%
50%
0% -40 -20 0 20 40 60 80
Ambient Temperature (C)
2
DB LETRO Inc., 3600-I, boulevard Matte, Brossard, QC J4Y 2Z2
Axial Leaded PTC FLT Series
Typical Time-To-Trip at 23
A=FLT070/FLT070S B=FLT100/FLT100S C=FLT180/FLT180S D=FLT190/FLT190RU E=FLT260 F=FLT300 G=FLT310 H=FLT340
Time-to-trip (S) 10 A B C D E FG H
FUZETEC
1
0.1 1 10 Fault Current (A) 100
Part Numbering System
FLT
Part Marking System
F LT100 09AB
s
S=slitted lead U=Untaped Current rating
Example
F LT
Fuzetec Logo Part Identification Product Family
Date Code/Lot Number
Standard Package
P/N
FLT070 FLT070S FLT100 FLT100S FLT180 FLT180S
Pcs /Bag
2K 2K 2K 2K 2K 2K
P/N
FLT190 FLT190RU FLT260 FLT300 FLT310 FLT340
Pcs /Bag
2K 2K 2K 2K 2K 2K
3
DB LECTRO Inc., 3600-I, boulevard Matte, Brossard, QC J4Y 2Z2


▲Up To Search▲   

 
Price & Availability of FLT180

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X