Part Number Hot Search : 
HHR300SC PA240 L7500 0603X 725BC 3P6MH BP62111 02003
Product Description
Full Text Search
 

To Download EE-SH3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EE-SH3 Series
Dimensions
Note:
Four, R1
Photomicrosensor
Features
* All models have 3.4 mm wide slot. * Solder terminal models: * PCB terminal models:
(Transmissive)
All units are in millimeters unless otherwise indicated.
Two, C1.5 6.2 190.15 25.4
EE-SH3/-SH3-CS/-SH3-DS/-SH3-GS EE-SH3-B/-SH3-C/-SH3-D/-SH3-G
Matted Center mark 3.40.2
Two, 3.2 dia. holes
Solder terminal Cross section AA
PCB terminal Cross section AA
Absolute Maximum Ratings (Ta = 25C)
Item Emitter Forward current Pulse forward current Reverse voltage Detector Collector-Emitter voltage Emitter-Collector voltage Collector current Collector dissipation Ambient temperature Operating Storage Soldering temperature Symbol IF IFP VR VCEO VECO IC PC Topr Tstg Tsol Rated value 50 mA (see note 1) 1A (see note 2) 4V 30 V --20 mA 100 mW (see note 1) --25C to 85C --30C to 100C 260C (see note 3)
10.2
7.20.2
7.20.2
Four, 0.25 7.60.3 2.540.2
Model EE-SH3(-B) EE-SH3-C(S) Internal Circuit
K C
Aperture (a x b) 2.1 x 0.5 2.1 x 1.0 2.1 x 0.2 0.5 x 2.1
EE-SH3-D(S) EE-SH3-G(S)
Unless otherwise specified, the tolerances are as shown below.
Dimensions 3 mm max. Tolerance 0.2 0.24 0.29 0.35 0.42
A
E
Note:
Terminal No. A K C E
Name Anode Cathode Collector Emitter
3 < mm 6 6 < mm 10 10 < mm 18 18 < mm 30
1. Refer to the temperature rating chart if the ambient temperature exceeds 25C. 2. The pulse width is 10 s maximum with a frequency of 100 Hz. 3. Complete soldering within 10 seconds.
Ordering Information
Description Photomicrosensor ( a s ss e) o o c ose so (Transmissive) EE-SH3(-B) EE-SH3-C(S) EE-SH3-D(S) EE-SH3-G(S) Part number
Electrical and Optical Characteristics (Ta = 25C)
Item Forward voltage Emit r mitter Reverse current Peak emission wavelength Light current Det ctor etect Dark current Leakage current Collector-Emitter saturated voltage Peak spectral sensitivity wavelength Rising time Falling time Symbol EE-SH3(-B) VF IR P IL ID ILEAK VCE (sat) P tr tf 1.2 V typ., 1.5 V max. 0.01 A typ., 10 A max. 940 nm typ. 0.5 to 14 mA typ. 1 to 28 mA typ. 0.1 mA min. 0.5 to 14 mA Value EE-SH3-C(S) EE-SH3-D(S) EE-SH3-G(S) IF = 30 mA VR = 4 V IF = 20 mA IF = 20 mA, VCE = 10 V VCE = 10 V, 0 x ----0.1 V typ., 0.4 V max. IF = 20 mA, IL = 0.1 mA VCE = 10 V VCC = 5 V, RL = 100 , IL = 5 mA Condition
2 nA typ., 200 nA max. --0.1 V typ., 0.4 V max. 850 nm typ. 4 s typ. 4 s typ.
EE-SH3 Series Engineering Data
Forward Current vs. Collector Dissipation Temperature Rating
IF Pc
EE-SH3 Series
Forward Current vs. Forward Voltage Characteristics (Typical)
Collector dissipation Pc (mW) Forward current I F (mA)
Light Current vs. Forward Current Characteristics (Typical)
Ta = 25C VCE = 10 V
Forward current I F (mA)
Ta = --30C Ta = 25C Ta = 70C
Ambient temperature Ta (C)
Forward voltage VF (V)
Light current I L (mA)
Forward current IF (mA)
Light Current vs. Collector-Emitter Voltage Characteristics (EE-SH3(-B))
Ta = 25C
Relative Light Current vs. Ambient Temperature Characteristics (Typical)
Relative light current I L (%)
IF = 20 mA VCE = 5 V
Dark Current vs. Ambient Temperature Characteristics (Typical)
VCE = 10 V 0 x
Light current I L (mA)
IF = 50 mA IF = 40 mA IF = 30 mA IF = 20 mA IF = 10 mA
Dark current I D (nA)
Collector--Emitter voltage VCE (V)
Ambient temperature Ta (C)
Ambient temperature Ta (C)
Response Time vs. Load Resistance Characteristics (Typical)
Vcc = 5 V Ta = 25C
Sensing Position Characteristics (EE-SH3-D(S))
Relative light current I L (%)
IF = 20 mA VCE = 10 V Ta = 25C
Center of optical axis
Sensing Position Characteristics (EE-SH3(-B))
Relative light current I L (%)
IF = 20 mA VCE = 10 V Ta = 25C
Response time tr, tf ( s)
Center of optical axis
Load resistance RL (k)
Distance d (mm)
Distance d (mm)
Sensing Position Characteristics (EE-SH3-G(S))
Relative light current I L (%)
IF = 20 mA VCE = 10 V Ta = 25C -0 d+
Center of optical axis
Sensing Position Characteristics (EE-SH3-C(S))
Relative light current I L (%)
IF = 20 mA VCE = 10 V Ta = 25C
Response Time Measurement Circuit
Input Output 90 % 10 %
Center of optical axis
Input
Output
Distance d (mm)
Distance d (mm)
NOTE: DIMENSIONS SHOWN ARE IN MILLIMETERS. To convert millimeters to inches divide by 25.4.
R
OMRON ELECTRONICS LLC
One East Commerce Drive Schaumburg, IL 60173
OMRON CANADA, INC.
885 Milner Avenue Toronto, Ontario M1B 5V8
OMRON ON-LINE
Global - http://www.omron.com USA - http://www.omron.com/oei Canada - http://www.omron.com/oci Printed in U.S.A.
847-882-2288
Cat. No. GC NAPMS-1 02/03
416-286-6465
Specifications subject to change without notice.


▲Up To Search▲   

 
Price & Availability of EE-SH3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X