Part Number Hot Search : 
LH168M SD233R NTE5541 ABS0908 EL4332CS PC28F128 HPR106V LTC1703
Product Description
Full Text Search
 

To Download DTA6C-N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : EN1874C
Silicon Planar Type
DTA6-N
6A Bidirectional Thyristor
Features
* Peak OFF-state voltage : 200 to 600V * RMS ON-state current : 6A * TO-220 package.
Absolute Maximum Ratings at Ta=25C
Repetitive Peak OFF-StateVoltage RMS ON-State Current Surge ON-State Current Amperes Squared-Seconds Peak Gate Power Dissipation Average Gate Power Dissipation Peak Gate Current Peak Gate Voltage Junction Temperature Strage Temperature Weght VDRM IT(RMS) ITSM i2T*dt PGM PG(AV) IGM VGM Tj Tstg Tc=104C, single-phase full-wave Peak 1 cycle, 50Hz 1mst10ms f50Hz, duty10% f50Hz, duty10% f50Hz, duty10%
DTA6C-N DTA6E-N 200 400 min
DT6AG-N unit 600 V 6 A A A2s W W A V C C g unit mA V V/s mA mA mA mA mA V V V V V C/W
60 18 5 0.5 2 10 125 -40 to +125 1.8 typ max 2
Electrical Characteristics at Ta=25C
Repetitive Peak OFF-State Current Peak ON-State Voltage Critical Rate of Rise of OFF-State Voltage Holding Current Gate Trigger Current (I) (II) (III) (IV) Gate Trigger Voltage (I) (II) (III) (IV) Gate Nontrigger Voltage Thermal Resistance IDRM VTM dv/dt IH IGT IGT IGT IGT VGT VGT VGT VGT VGD Rth(j-c) Tj=125C, VD=VDRM
* : The gate trigger mode is shown below. Trigger mode I II III IV T2 + + - - T1 - - + + G + - + -
ITM=9A 1.5 Tj=125C, VD=200V (C), 10 400V (E to G) RL=100 50 VD=12V, RL=20 30 VD=12V, RL=20 30 VD=12V, RL=20 50 VD=12V, RL=20 30 VD=12V, RL=20 2 VD=12V, RL=20 2 VD=12V, RL=20 2 VD=12V, RL=20 2 Tc=125C, VD=Rated voltage 0.2 Between junction and case, AC 2 Package Dimensions 1155A (unit : mm)
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN O0797GI/3109MO, TS No.1874-1/3
Maximum Allowable Case Temperature, Tc max - C Gate Voltage, VG - V ON-State Current, IT - A
Average ON-State Power Dissipation, PT(AV) - W
ON-State Voltage, VT - V
Cate Current, IG - A
RMS ON-State Current, IT(RMS) - A Maximum Allowable Ambient Temperature, Ta max - C Gate Voltage, VG - V Number of Cycles at 50Hz, n Cate Current, IG - mA
RMS ON-State Current, IT(RMS) - A
DTA6-N
Gate Trigger Current, IGT - mA
Surge ON-State Current, ITSM - A
RMS ON-State Current, IT(RMS) - A
Case Temperature, Tc - C
No.1874-2/3
DTA6-N
Gate Trigger Voltage, VGT - V
Case Temperature, Tc - C Transient Thermal Impedance, Rth(j-c) - C/W
Holding Current, IH - mA
Case Temperature, Tc - C
Time, t - ms, s
No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of which may directly or indirectly cause injury, death or property lose. Anyone purchasing any products described or contained herein for an above-mentioned use shall: Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all damages, cost and expenses associated with such use: Not impose any responsibilty for any fault or negligence which may be cited in any such claim or litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees jointly or severally. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of October, 1997. Specifications and information herein are subject to change without notice.
No.1874-3/3


▲Up To Search▲   

 
Price & Availability of DTA6C-N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X