Part Number Hot Search : 
M75S35 D44H11J3 81633 LM190 106KA 18002 SS400 ER50004
Product Description
Full Text Search
 

To Download DF04M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DF005M - DF10M
1.0A GLASS PASSIVATED BRIDGE RECTIFIERS Features
* * * * * * * Glass Passivated Die Construction Diffused Junction Low Forward Voltage Drop, High Current Capability Surge Overload Rating to 50A Peak Designed for Printed Circuit Board Applications Plastic Material - UL Flammability Classification 94V-0 UL Listed Under Recognized Component Index, File Number E94661
H
J
L K
C
DF-M Dim A Min 7.40 6.20 0.22 1.27 7.60 3.81 8.13 2.40 5.00 0.46 Max 7.90 6.50 0.30 2.03 8.90 4.69 8.51 2.60 5.20 0.58
BA
E
B C D E
Mechanical Data
* * * * * * Case: Molded Plastic Terminals: Solder Plated Leads, Solderable per MIL-STD-202, Method 208 Polarity: As Marked on Case Approx. Weight: 0.38 grams Mounting Position: Any Marking: Type Number
D G
G H J K L
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @ TA = 40C Non-Repetitive Peak Forward Surge Current, 8.3 ms single half-sine-wave superimposed on rated load (JEDEC method) Forward Voltage (per element) @ IF = 1.0 A Peak Reverse Current @ TA = 25C at Rated DC Blocking Voltage (per element) @ TA = 125C I 2t Rating for Fusing (t<8.3ms) Typical Junction Capacitance per element (Note 1) Typical Thermal Resistance, Junction to Ambient (Note 2) Operating and Storage Temperature Range Symbol VRMM VRWM VR VRMS IO IFSM VFM IRM I 2t Cj RqJA Tj, TSTG DF 005M 50 35
@ TA = 25C unless otherwise specified
DF 01M 100 70
DF 02M 200 140
DF 04M 400 280 1.0 50 1.1 10 500 10.4 25 40 -65 to +150
DF 06M 600 420
DF 08M 800 580
DF 10M 1000 700
Unit V V A A V A A 2s pF C/W C
Notes:
1. Measured at 1.0MHz and Applied Reverse Voltage of 4.0V DC. 2. Thermal Resistance, junction to ambient, measured on PC board with 5.02mm (0.03mm thick) land areas.
DS21201 Rev. H-2
1 of 2
DF005M-DF10M
60 Hz Resistive or Inductive load
IF, INSTANTANEOUS FORWARD CURRENT (A)
1.0
10
I(AV), AVERAGE FORWARD CURRENT (A)
Tj = 25C Pulse Width = 300s 2% duty cycle
1.0
0.5
0.1
0
40
60
80
100
120
140
0.01 0.4 0.6
0.8
1.0
1.2
1.4
TA, AMBIENT TEMPERATURE (C) Fig. 1 Output Current Derating Curve
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typ Forward Characteristics (per element) 100
IFSM, PEAK FORWARD SURGE CURRENT (A)
60
Single half-sine-Wave (JEDEC Method)
50 40 30
CJ, CAPACITANCE (pF)
Tj = 25c f = 1.0 Mhz Vsig = 50 mV p-p
10
20 10 0 1 10 100
1
1
10
100
NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Peak Forward Surge Current
100
VR, REVERSE VOLTAGE (V) Fig. 4 Typ Junction Capacitance (per element)
IR, INSTANTANEOUS REVERSE CURRENT (A)
Tj = 125C
10
1.0
0.1
Tj = 25C
0.01 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typ Reverse Characteristics (per element)
DS21201 Rev. H-2
2 of 2
DF005M-DF10M


▲Up To Search▲   

 
Price & Availability of DF04M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X