Part Number Hot Search : 
M0365 K9F28 100LT CMDA31 K9F28 A5800335 A1405 EP4CGX15
Product Description
Full Text Search
 

To Download CSC2229Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company
NPN SILICON HIGH VOLTAGE TRANSISTOR
CSC2229Y TO-92 BCE
Black & White TV Video Output Amplifier, High Voltage Switching & Audio Amplifier Driver Stage Applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25deg C unless otherwise specified ) DESCRIPTION SYMBOL VALUE VCBO 200 Collector -Base Voltage VCEO 150 Collector -Emitter Voltage VEBO 5.0 Emitter Base Voltage IC 500 Collector Current PD 625 Power Dissipation Tj, Tstg -55 to +150 Operating And Storage Junction Temperature Range ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified) DESCRIPTION SYMBOL TEST CONDITION MIN ICBO VCB=200V, IE=0 Collector Cut off Current IEBO VEB=5V, IC=0 Emitter Cut off Current VCEO IC=1mA, IB=0 150 Collector -Emitter Voltage hFE IC=10mA, VCE=5V 120 DC Current Gain VCE(Sat) IC=10mA, IB=1mA Collector Emitter Saturation Voltage VBE(Sat) IC=10mA, IB=1mA Base Emitter Saturation Voltage Dynamic Characteristics Cob VCB=10V, IE=0, Collector Output Capacitance f=1MHz Transition Frequency ft VCE=30V,IC=10mA, UNIT V V V mA mW deg C
TYP 3.5
MAX 0.1 0.1 360 0.5 1.0 5.0
UNIT uA uA V V V pF
120
-
MHz
Continental Device India Limited
Data Sheet
Page 1 of 3
TO-92 Plastic Package
B
TO-92 Transistors on Tape and Ammo Pack
Amm o Pack Style
M EC H AN IC AL D ATA Ad hesive Tape o n Top Side
P h A A1 (p)
FEE
D
C arrier Strip
A
h
T
321
H1 H0 L
LA BE L
FL AT SIDE 8.2"
W2
Wo W1 W
t1
K
t
F1 F P2 Po
F2 Do
1 3"
1 .7 7"
D 3 E 2 1
ITEM
Flat S id e o f Tra nsis tor and Ad hesive Tape V isible 20 00 pcs./A m m o P ack
All dim ensions in m m unless specified otherwise
SYM BO L A1 A T P Po SPEC IFICAT ION REM ARKS M IN. NO M . M AX. TO L . 4.8 4.0 5.2 4.8 4.2 3.9 12.7 1 12.7 0.3 CUM U LATIVE PIT CH ERRO R 1.0 m m /20 PITCH 6.35 0.4 TO BE M EASURED AT BOT TOM O F C LINCH +0.6 5.08 -0.2 0 1 AT TO P OF BODY 18 0.5 6 0.2 9 +0.7 -0.5 0.5 0.2 16 0.5 23.25 11.0 4 0.2 1.2 t1 0.3 - 0 .6 2.54 +0.4 -0.1 3 6N
D G
AA SEC AA
BOD Y W IDT H BOD Y H EIG HT BOD Y T HICKNESS PITCH OF COM PO NENT FEED HO LE PITCH
F
F
DIM A B C D E F G H K
MIN. 4.32 4.45 3.18 0.41 0.35
MAX. 5.33 5.20 4.19 0.55 0.50
FEED HO LE CENTR E TO CO M PONENT CENTR E DISTAN CE BET WEEN O UTER LEADS CO M PONENT ALIGN M EN T TAPE W IDTH HO LD-D OW N TAPE W IDT H HO LE PO SITIO N HO LD-D OW N TAPE PO SIT ION LEAD W IRE CLINCH H EIG HT CO M PONENT HEIGH T LENG TH O F SNIPPED LEAD S FEED HO LE DIAM ETER TO TAL TAPE TH ICKNESS LEAD - TO - LEAD DISTAN CEF1, CLINC H HEIGH T PULL - O UT FO RCE
P2 F h W Wo W1 W2 Ho H1 L Do t F2 H2 (P)
H
321
C All diminsions in mm.
PIN CONFIGURATION 1. BASE 2. COLLECTOR 3. EMITTER
5 DEG 1.14 1.40 1.14 1.53 12.70 --
N OT ES 1 . M A X IM U M A L IG N M E N T D E V IAT IO N B E T W E E N L E A D S N O T TO B E G R E AT E R T H A N 0 .2 m m . 2 . M A X IM U M N O N -C U M U L AT IV E VA R IAT IO N B E T W E E N TA P E F E E D H O L E S S H A L L N O T E X C E E D 1 m m IN 2 0 P IT C H E S . 3 . H O L D D O W N TA P E N O T T O E X C E E D B E Y O N D T H E E D G E (S ) O F C A R R IE R TA P E A N D T H E R E S H A L L B E N O E X P O S U R E O F A D H E S IV E . 4 . N O M O R E T H A N 3 C O N S E C U T IV E M IS S IN G C O M P O N E N T S A R E P E R M IT T E D . 5 . A TA P E T R A IL E R , H AV IN G AT L E A S T T H R E E F E E D H O L E S A R E R E Q U IR E D A F T E R T H E L A S T C O M P O N E N T. 6 . S P L IC E S S H A L L N O T IN T E R F E R E W IT H T H E S P R O C K E T F E E D H O L E S .
Packing Detail
PACKAGE Details TO-92 Bulk TO-92 T&A 1K/polybag 2K/ammo box STANDARD PACK Net Weight/Qty 200 gm/1K pcs 645 gm/2K pcs Size 3" x 7.5" x 7.5" 12.5" x 8" x 1.8" INNER CARTON BOX Qty 5.0K 2.0K Size 17" x 15" x 13.5" 17" x 15" x 13.5" OUTER CARTON BOX Qty 80.0K 32.0K Gr Wt 23 kgs 12.5 kgs
Continental Device India Limited
Data Sheet
Page 2 of 3
Customer Notes
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished on the CDIL Web Site/CD is believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150, 5141 1112 Fax + 91-11-2579 5290, 5141 1119 email@cdil.com www.cdilsemi.com
Continental Device India Limited
Data Sheet Page 3 of 3


▲Up To Search▲   

 
Price & Availability of CSC2229Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X