Part Number Hot Search : 
SC1EXXX 1N4728 ON1269 TBWB2A0O 8671A LT4363 UF1JF AN731
Product Description
Full Text Search
 

To Download BAP65-02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Silicon PIN diode
FEATURES * High voltage, current controlled * RF resistor for RF switches * Low diode capacitance * Low diode forward resistance (low loss) * Very low series inductance. 1 APPLICATIONS CATHODE * RF attenuators and switches * Bandswitch for TV tuners * Series diode for mobile communication transmit/receive switch. DESCRIPTION Planar PIN diode in a SOD523 ultra small SMD plastic package.
BAP65 - 02
1
2 ANODE
2
SOD523 SC-79
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC60134). SYMBOL I VR IF P tot T stg Tj PARAMETER continuous reverse voltage continuous forward current total power dissipation storage temperature junction temperature T s < 90C CONDITIONS MIN. - - - -65 -65 MAX. 30 100 715 +150 +150 UNIT V mA mW C C
ELECTRICAL CHARACTERISTICS T j = 25C unless otherwise specified. SYMBOL VF IR Cd PARAMETER forward voltage reverse current diode capacitance CONDITIONS I F =50 mA V R =20 V V R = 0; f = 1 MHz V R = 1 V; f = 1 MHz V R = 3 V; f = 1 MHz r D diode forward resistance V R = 20 V; f = 1 MHz I F = 1 mA; f = 100 MHz; I F = 5 mA; f = 100 MHz; note 1 I F = 10 mA; f = 100 MHz; note 1 |s 21| 2 isolation I F = 100 mA; f = 100 MHz; V R = 0; f = 900 MHz V R = 0; f = 1800 MHz V R = 0; f = 2450 MHz |s 21| 2 insertion loss I F = 1 mA; f = 900 MHz I F = 1 mA; f = 1800 MHz I F = 1 mA; f = 2450 MHz I F = 5 mA; f = 900 MHz I F = 5 mA; f = 1800 MHz I F = 5 mA; f = 2450 MHz |s 21| 2 insertion loss I F = 10 mA; f = 900 MHz I F = 10 mA; f = 1800 MHz I F = 10 mA; f = 2450 MHz I F = 100 mA; f = 900 MHz I F = 100 mA; f = 1800 MHz I F = 100 mA; f = 2450 MHz TYP. 0.9 - 0.65 0.55 0.5 0.375 1 0.65 0.56 0.35 10 5.8 4.4 0.11 0.13 0.16 0.08 0.11 0.13 0.07 0.1 0.13 0.07 0.1 0.128 MAX. 1.1 20 - 0.9 0.8 - - 0.95 0.9 - - - - - - - - - - - - - - - - UNIT V nA pF pF pF pF dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB
|s 21|
2
insertion loss
|s 21|
2
insertion loss
S27-1/2
LESHAN RADIO COMPANY, LTD.
BAP65-02
ELECTRICAL CHARACTERISTICS T j = 25C unless otherwise specified. (Continue) SYMBOL L PARAMETER charge carrier life time CONDITIONS when switched from I F =10 mA to I R = 6 mA; R L = 100 ; measured at I R =3 mA I F =10 mA ; f =100MHz TYP. 0.17 MAX. - UNIT s
L
S
series inductance
0.6
-
nH
Note 1. Guaranteed on AQL basis: inspection level S4, AQL 1.0. THERMAL CHARACTERISTICS SYMBOL Rth j-s PARAMETER thermal resistance from junction to soldering-point VALUE 85 UNIT K/W
10 f = 100 MHz; T j =25C
1000
800
1
C d (pF)
r D( )
600
400
200
10 -1
f = 1 MHz; T j =25C 10 -1 1 10 10 2 0 0 4 8 12 16 20
I F (mA )
VR(V)
Fig.1 Forward resistance as a function of forward current; typical values.
Fig.2 Diode capacitance as a function of reverse voltage; typical values.
0 0
-0.1
- 10
|s 21| 2(dB)
-0.2 (1) (2) (3) (4) (5) I F =0.5 mA. I F =1 mA. I F = 5 mA. I F = 10 mA. I F = 100mA.
|s 21| 2(dB)
- 20
-0.3
- 30 -0.4
Diode inserted in series with a 50 stripline circuit and biased via the analyzer Tee network. Tamb =25C. Diode zero biased and inserted in series with a 50 stripline circuit. Tamb =25C.
-0.5 0 1 2 3
- 40 0 1 2 3
f (GHz )
f (GHz )
Fig.3 Insertion loss ( |s 21| 2 )of the diode in on-state as a function of frequency; typical values.
Fig.4 Isolation ( |s 21| 2 ) of the diode in off-state as a function of frequency; typical values.
S27-2/2


▲Up To Search▲   

 
Price & Availability of BAP65-02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X