Part Number Hot Search : 
1N4700C TL072BCN 1GT101DC 74LV1G PAM2845 HT3810H A3010 VP531
Product Description
Full Text Search
 

To Download B500C2300-1500AB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 B...C 2300-1500A/B Silicon-Bridge Rectifiers Silizium-Bruckengleichrichter
Nominal current - Nennstrom
3.5
2.3 / 1.5 A 40...500 V 19 x 3.5 x 10 [mm] 1.3 g
19
Type Typ
Alternating input voltage Eingangswechselspannung
~
0.8
+
0.25
~
1.2
1
_
Plastic case Kunststoffgehause Weight approx. - Gewicht ca.
8.7
==
10
5
5
5
Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging: plastic tubes Standard Lieferform: Plastik-Schienen [+~~-] [~+~-] see page 22 siehe Seite 22
Dimensions / Mae in mm
Suffix "A" for pinning / fur Anschlufolge Suffix "B" for pinning / fur Anschlufolge
Recognized Product - Underwriters Laboratories Inc.(R) File E175067 Anerkanntes Produkt - Underwriters Laboratories Inc.(R) Nr. E175067
Maximum ratings Type Typ B40C 2300-1500A/B B80C 2300-1500A/B B125C 2300-1500A/B B250C 2300-1500A/B B380C 2300-1500A/B B500C 2300-1500A/B Alternating input voltage Eingangswechselspannung VVRMS [V] 40 80 125 250 380 500
Grenzwerte Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 1) 80 160 250 600 800 1000
Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current, 50 Hz half sine-wave Stostrom fur eine 50 Hz Sinus-Halbwelle Rating for fusing - Grenzlastintegral, t < 10 ms Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur
1 2
f > 15 Hz TA = 25/C TA = 25/C
IFRM IFSM i2t Tj TS
10 A 2) 50 A 12.5 A2s - 50...+150/C - 50...+150/C
) Valid for one branch - Gultig fur einen Bruckenzweig ) Valid, if leads are kept at ambient temperature at a distance of 5 mm from case Gultig, wenn die Anschludrahte in 5 mm Abstand vom Gehause auf Umgebungstemperatur gehalten werden 11.02.2003
1
B...C 2300-1500A/B Characteristics Max. fwd. current without cooling fin Dauergrenzstrom ohne Kuhlblech Max. current with cooling fin 300 cm2 Dauergrenzstrom mit Kuhlblech 300 cm2 Leakage current - Sperrstrom TA = 50/C TA = 50/C Tj = 25/C R-load C-load R-load C-load VR = VRRM IFAV IFAV IFAV IFAV IR RthA Kennwerte 1.8 A 1.5 A 2.5 A 2.3 A < 10 :A < 40 K/W 1)
Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft
Type Typ B40C 2300-1500A/B B80C 2300-1500A/B B125C 2300-1500A/B B250C 2300-1500A/B B380C 2300-1500A/B B500C 2300-1500A/B
Max. admissible load capacitor Max. zulassiger Ladekondensator CL [:F] 5000 2500 1500 800 600 400
Min. required protective resistor Min. erforderl. Schutzwiderstand Rt [S] 0.8 1.6 2.5 5.0 8.0 10
1 2
) Without cooling fin - Ohne Kuhlblech ) Valid for one branch - Gultig fur einen Bruckenzweig F:\Data\WP\DatBlatt\Einzelblatter\b_c2300.wpd
2


▲Up To Search▲   

 
Price & Availability of B500C2300-1500AB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X