Part Number Hot Search : 
DTC114Y K1125BAC 4B256 LTC385 4935N DTC114Y SMBJ11 100KL
Product Description
Full Text Search
 

To Download ALD105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VDE
LD
1 Form A Slim Power Relay
LD-RELAYS
4. High shock resistance The relay withstands a functional shock resistance of 300m/s2 [approx. 30 G more] 5. High insulation resistance * Creepage distance and clearances between contact and coil: Min. 6 mm .236 inch(In compliance with IEC65) * Surge withstand voltage between contact and coil: 10,000 V or more. 6. UL/CSA, VDE, TUV approved.
FEATURES
20.3 .799 7.0 .276 15.0 .591
mm inch
1. Slim type: Width 7 mm .276 inch. 20.3(L)x7.0(W)x15.0(H) mm .799(L)x.276(W)x.591(H) inch 2. Perfect for small load switching of home appliances 105 switching operations possible with a 3A 250V AC resistive load. 3. Low operating power Compact size, nominal operating power as low as 200mW.
SPECIFICATIONS
Contact
Arrangement Initial contact resistance, max. (By voltage drop 6 V DC 1 A) Contact material Nominal switching capacity Rating (resistive load) Max. switching power 1 Form A Max. 100 m Silver alloy 3 A 277 V AC, 3 A 30V DC 831 V A (AC), 90W (DC) 277 V AC, 30 V DC 3A 5x106 2x105 105 Shock resistance Functional*5 Destructive*6 Functional*7 Vibration resistance Destructive Conditions for operation, transport and storage*8 (Not freezing and condensing at low temperature) Unit weight Ambient temp. Humidity
Characteristics
Max. operating speed Initial insulation resistance*1 Between open Initial*2 contacts breakdown Between contact and voltage coil Initial surge voltage between contact and coil*3 Operate time*4 (at nominal voltage) Release time (with diode)*4 (at nominal voltage) Temperature rise (at 70C) 20 cpm (at rated load) Min. 1,000 M (at 500 V DC) 750 Vrms for 1 min. 4,000 Vrms for 1 min. Min. 10,000 V Max. 10ms (at 20C 68F) Max. 10ms (at 20C 68F) Max. 45C with nominal coil voltage and at 3 A contact carrying current (resistance method) Min. 300 m/s2{approx. 30 G} Min. 1,000 m/s2{approx. 100 G} 10 to 55Hz at double amplitude of 1.5mm 10 to 55Hz at double amplitude of 1.5mm -40C to +70C -40F to +158F 5 to 85% R.H. Approx. 4 g .141 oz
Max. switching voltage Max. switching current Mechanical (at 180 cpm) Expected life 3A 125V AC, Electrical (min.operations) (at 20 cpm) 3A 30V DC (at rated load) 3A 250V AC
Coil
Nominal operating power Remarks
* Specifications will vary with foreign standards certification ratings. *1 Measurement at same location as "Initial breakdown voltage" section. *2 Detection current: 10mA *3 Wave is standard shock voltage of 1.2x50ms according to JEC-212-1981 *4 Excluding contact bounce time. *5 Half-wave pulse of sine wave: 11 ms; detection time: 10 s *6 Half-wave pulse of sine wave: 6 ms *7 Detection time: 10 s *8 Refer to 5. Conditions for operation, transport and storage mentioned in AMBIENT ENVIRONMENT (Page 24).
200 mW
TYPICAL APPLICATIONS
* Air conditioner * Refrigerator * Hot water units * Microwave ovens * Fan heaters
ORDERING INFORMATION
Ex. Product name LD A LD Contact arrangement 1: 1 Form A 1 12 Coil voltage(V DC) 4H: 4.5, 09: 9, 24: 24 05: 5, 12: 12 06: 6, 18: 18
UL/CSA, TUV approved type is standard. Note: Standard packing: Carton: 50pcs, Case: 1,000pcs
47
LD
TYPES AND COIL DATA (at 20C 68F)
Part No. ALD14H ALD105 ALD106 ALD109 ALD112 ALD118 ALD124 Nominal voltage, V DC 4.5 5 6 9 12 18 24 Pick-up voltage, V DC (max.) (Initial) 3.38 3.75 4.5 6.75 9 13.5 18 Drop-out voltage, V DC (min.) (Initial) 0.22 0.25 0.3 0.45 0.6 0.9 1.2 Coil resistance, (10%) 101 125 180 405 720 1,620 2,880 Nominal operating currrent, mA (10%) 44.6 40.0 33.3 22.2 16.7 11.1 8.3 Nominal operating power, mW 200 200 200 200 200 200 200 Maximum allowable voltage, V DC (at 20C 68F) 5.85 6.5 7.8 11.7 15.6 23.4 31.2 mm inch
Max. 20.5 .807 Max. 7.2 .284
DIMENSIONS
(1.05) (.041) (1.15) (.045) 11.5 .453 7.0 .276
PC board pattern (Bottom view)
Max. 15.3 .602 3.4 0.4 .134 .016
4-1.1 dia 4-.043 dia
4.7 .185
0.4 dia 016 dia 1.05 .041
0.2 .008 11.5 .453
0.2 .008 7.0 .276
0.8 .031 4.7 .185 1.15 .045
Tolerance: 0.1.004 Schematic (Bottom view)
COM COIL NO
Dimension: Max. 1mm .039 inch: 1 to 3mm .039 to .118 inch: Min. 3mm .118 inch:
General tolerance 0.1 .004 0.2 .008 0.3 .012
REFERENCE DATA
1. Max. switching power 2. Life curve 3. Coil temperature rise
Sample: ALD112, 6 pcs. Point measured: inside the coil Contact current: 0 A, 3 A
100 3.0 Contact current, A 2.0 Temperature rise, C 50 AC resistive load DC resistive load 30 Life, x104 125V AC resistive load 60 Room temperature 50 40 70C 30 20 10 0 1 2 3 0 0 100 125 150 Coil applied voltage, %V 175 70 0A 3A
1.0
10
0.5 0.4 0.3 0.2
0
20 30
50
100
200 300
Contact voltage, V
Contact current, A
4-(1). Operate time
Sample: ALD112, 6 pcs.
10 8
4-(2). Release time (without diode)
Sample: ALD112, 6 pcs.
10 8
4-(3). Release time (with diode)
Sample: ALD112, 6 pcs.
10 8 Max.
Operate time, ms
Release time, ms
6
6
Release time, ms
6
4 Max. 2 Min.
4
4
Min.
2
Max. Min.
2
0
80
100
120
140
0
80
100
120
140
0
80
100
120
140
Coil applied voltage, %V
Coil applied voltage, %V
Coil applied voltage, %V
48
LD
5-(1). Electrical life test (3 A 250 V AC, resistive load)
Sample: ALD112, 6 pcs. Operating speed: 20 cpm Ambient temperature: room temperature circuit:
Change of pick-up and drop-out voltage
Ratio against the rated voltage, %V 100 90
Change of contact resistance
100 90 Contact resistance, m 80 70 60 50 40 30 20 10 Max. Min. 0 No. of operations, x104 10
80 70 60 50 40 30 20 10 0 0 No. of operations, x104 10 Drop-out voltage Max. Min. Min. Pick-up voltage Max.
250V AC 12V DC 60Hz
G
NO
COM
0
5-(2). Electrical life test (3 A 30 V DC, resistive load)
Sample: ALD112, 6 pcs. Operating speed: 20 cpm Ambient temperature: room temperature circuit:
Change of pick-up and drop-out voltage
Ratio against the rated voltage, %V 100 90 80 70 60 50 40 30 20 10 0 0 10 No. of operations, x104 20 Drop-out voltage Max. Min. Pick-up voltage Max. Min.
Change of contact resistance
100 90 Contact resistance, m 80 70 60 50 40 30 20 10 0 0 10 No. of operations, x104 Max. Min. 20
30V DC
12V DC
G
NO
COM
For Cautions for Use, see Relay Technical Information (Page 11 to 39).
49


▲Up To Search▲   

 
Price & Availability of ALD105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X