Part Number Hot Search : 
3PX330 0NPBF SA48A XFHCL SD120 TA123 P4038YGK 331MP
Product Description
Full Text Search
 

To Download ACM4002D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ DISPLAYS, INC.
Complete LCD Solutions
ACM4002D SERIES LCD MODULE
1.0 PHYSICAL DATA
Item Number of Characters Character Format Overall Module Size (W x H x D) Dot Size (W x H) Dot Pitch (W x H) Duty Controller IC LC Fluid Options Polarizer Options Backlight Options Temperature Range Options Nominal Dimensions / Available Options 40 characters x 2 lines 5 x 7 dots with cursor 182.0 x 33.5 x max 14.0 for LED backlight version 182.0 x 33.5 x max 9.5 for reflective or EL backlight version 0.60 x 0.65 0.65 x 0.70 1/16 KS0066 TN, STN Reflective, Transflective LED Standard Unit mm mm mm -
2.0 ABSOLUTE MAXIMUM RATINGS
Item Operating temperature (Standard) Storage temperature (Standard) Operating temperature (Wide temp) Storage temperature (Wide temp) Input voltage Supply voltage for logic Supply voltage for LCD drive Symbol Top Tst Top Tst VI VDD-VSS VDD-VO Min 0 -20 -20 -30 VSS 0 0 Typ 5.0 Max 50 70 +70 +80 VDD 6.5 6.5 Unit
C C C C
V V V
3.0 OPTICAL CHARACTERISTICS (Ta = 25C, VDD = 5.0V 0.25V, STN LC Fluid)
Item Viewing angle (horizontal) Viewing angle (vertical) Contrast Ratio Response time (rise) Response time (fall) Symbol Condition Cr 2.0 Cr 2.0 Min Typ 120 155 Max Unit deg deg ms ms

Cr Tr Tf
30
60 4.5 -
45
80 10 240 310
=0, =0 =0, =0 =0, =0
AZ DISPLAYS, INC.
1
6/18/97
ACM4002D SERIES LCD MODULE
4.0 ELECTRICAL CHARACTERISTICS (Ta = 25C, VDD = 5.0V 0.25V)
Item Supply voltage for LCD drive Supply voltage for LCD drive Input voltage Input high voltage Input low voltage Output high voltage Output low voltage Supply current Input leakage current LED power supply current Symbol VDD-VO VDD-VO VI VIH VIL VOH VOL IDD ILKG ILED Condition Ta = 25C, STN Ta = 25C, TN IOH=0.2mA IOL=1.2mA VDD=5.0V VLED=5V, R=3.6 4.75 2.2 0 2.4 220 Min Typ 4.8 4.8 5.0 5.25 VDD 0.6 0.4 3.0 1.0 Max Unit V V V V V V V mA uA mA
5.0 INTERFACE PIN CONNECTIONS
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14
A
Symbol VSS VDD VO RS R/W E DB0 DB1 DB2 DB3 DB4 DB5 DB6 DB7
A
Level H/L H/L H, HL H/L H/L H/L H/L H/L H/L H/L H/L -
Pin Description Ground Supply voltage for logic LCD contrast adjust Register select Read / write Enable Data bit 0 Data bit 1 Data bit 2 Data bit 3 Data bit 4 Data bit 5 Data bit 6 Data bit 7 Anode for LED backlight Cathode for LED backlight
Function 0V +5V By user H: Data; L: Instruction code H: Data read, L: Data write Start signal for data read/write 8-bit interface 8-bit interface 8-bit interface 8-bit interface 4-bit or 8-bit interface 4-bit or 8-bit interface 4-bit or 8-bit interface 4-bit or 8-bit interface Power supply for LED backlight Power supply for LED backlight
K
K
AZ DISPLAYS, INC.
2
6/18/97
ACM4002D SERIES LCD MODULE
6.0 POWER SUPPLY
VDD +5V
VO
VR
VSS
VR = 10K ~ 20K
7.0 BLOCK DIAGRAM
1 VSS 2 VDD 3 VO 4 RS 5 R/W 6E 7 DB0 14
DB7
COM1
COM 16
LCD 40 X 2
COM16 SEG1----------------------SEG200
U1
8
SEG1~40
40
80
SEG41~120
80
SEG121~200
U2
U3
A K
LED B/L
AZ DISPLAYS, INC.
3
6/18/97
ACM4002D SERIES LCD MODULE
8.0 TIMING CHARACTERISTICS (KS0066 Controller)
Item Enable cycle time Enable pulse width Enable rise/fall time RS, R/W set up time RS, R/W hold time Data set up time Data hold time Data delay time Data hold time Symbol tCYC PWEH tEr , tEf tAS tH1 tDSW tH2 tDDR tH2
- 2.2V
Test Condition Fig. a, Fig. b Fig. a, Fig. b Fig. a, Fig. b Fig. a, Fig. b Fig. a, Fig. b Fig. a Fig. a Fig. b Fig. b
2.2V 0.6V -
Min. 500 220 40 10 60 10 20
Typ. -
Max. 25 120 -
Unit ns ns ns ns ns ns ns ns ns
RS
- 0.6V
t AS
t H1
- 0.6V
R/W
- 0.6V
PW EH
t H1
2.2V -
E
t Er
- 2.2V 0.6V -
t Ef
- 0.6V 0.6V -
t DSW
t H2
- 2.2V 2.2V -
DB0-DB7
- 0.6V
Valid Data t CYC
0.6V -
Fig. a Interface timing (data write)
- 2.2V
2.2V 0.6V -
RS
- 0.6V
t AS
- 2.2V
t H1
2.2V -
R/W
PW EH
t H1
2.2V - 0.6V
E
t Er
- 2.2V 0.6V -
t Ef
0.6V -
t DDR
- 2.2V - 0.6V
t H2
2.2V -
DB0-DB7
Valid Data
0.6V -
t CYC Fig. b Interface timing (data read)
AZ DISPLAYS, INC. 4 6/18/97
93.5 182.00.5 175.00.1 161.20.2 154.50.1 147.50.1
EL BKL or without BKL
LED BKL
14.0(max) 10.9 1.6
9.5(max)
6.2
1.6
14-o1.0
14 13
A K
2 1
15.24
11.5
33.50.5
26.50.1
16.50.1
2.5
2.54
4-o3.5
3.7 3.2 0.65 0.6
Pin Function
1. 2. 3. 4. 5. 6. 7.
5.95 5.55
Vss Vdd Vo RS R/W E DB0
0.7 0.65
29.20.2
AZ DISPLAYS, INC.
NAME APPROVE CHECK DESIGN DRAW
THIRD ANGLE PROJECT
DATE
TITLE DWG-NO
14. DB7
~
ACM4002D
UNIT : SCALE :
mm
NONE


▲Up To Search▲   

 
Price & Availability of ACM4002D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X